Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2046 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2046
Description  STR71X CLOCK CONFIGURATIONS EASY SETUP
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2046 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2046 Datasheet HTML 5Page - STMicroelectronics AN2046 Datasheet HTML 6Page - STMicroelectronics AN2046 Datasheet HTML 7Page - STMicroelectronics AN2046 Datasheet HTML 8Page - STMicroelectronics AN2046 Datasheet HTML 9Page - STMicroelectronics AN2046 Datasheet HTML 10Page - STMicroelectronics AN2046 Datasheet HTML 11Page - STMicroelectronics AN2046 Datasheet HTML 12Page - STMicroelectronics AN2046 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9/19
STR71X CLOCK CONFIGURATIONS EASY SETUP
Select the Pulse Width Modulation Input mode,
Configure ICAP A to a positive edge (Rising edge),
Configure ICAP B to negative edge (Falling edge),
Select the clock as internal and configure the Prescaler to 49,
Enable the Timer Counter.
7 USB
The USB controller on STR71x works with an external clock generator supplying 48MHz as
defined in the specification.
Note: However, due to USB data rate and packet memory interface requirements, the APB1
clock frequency must be greater than 8MHz to avoid data overrun/underrun problems.


Similar Part No. - AN2046

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN204 SILABS-AN204 Datasheet
945Kb / 12P
   PROSLIC짰 WINDOWS짰 GUI SOFTWARE USERs GUIDE
logo
STMicroelectronics
AN2042 STMICROELECTRONICS-AN2042 Datasheet
542Kb / 30P
   brightness LEDs with VIPer22A-E
AN2044 STMICROELECTRONICS-AN2044 Datasheet
57Kb / 9P
   OPERATING PRINCIPALS FOR PRACTISPIN
AN2048 STMICROELECTRONICS-AN2048 Datasheet
620Kb / 13P
   STMicroelectronics has been strongly
More results

Similar Description - AN2046

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS9092K MAXIM-DS9092K Datasheet
121Kb / 3P
   Easy Setup with USB adapter
4/09
logo
STMicroelectronics
AN1780 STMICROELECTRONICS-AN1780 Datasheet
96Kb / 9P
   STR71X REAL TIME CLOCK APPLICATION EXAMPLE
logo
Axiomtek Co., Ltd.
IFW320 AXIOMTEK-IFW320 Datasheet
221Kb / 2P
   Easy network setup with Network Address Translation (NAT)
logo
Analog Devices
ADA4530-1R-EBZ AD-ADA4530-1R-EBZ Datasheet
612Kb / 14P
   Easy modifications to other standard configurations
logo
STMicroelectronics
AN2100 STMICROELECTRONICS-AN2100 Datasheet
254Kb / 23P
   STR71x microcontroller power management
UM0097 STMICROELECTRONICS-UM0097 Datasheet
2Mb / 229P
   STR71x firmware library
logo
Maxim Integrated Produc...
MAX98396EVSYS MAXIM-MAX98396EVSYS Datasheet
1Mb / 17P
   Complete Hardware System with Easy Setup; No Tools or Special Equipment Required
319-100702; Rev 0; 3/21
logo
Shanghai Semitech Semic...
ESD9X5V SEMITECH-ESD9X5V Datasheet
222Kb / 3P
   Unidirectional Configurations
SD05 SEMITECH-SD05 Datasheet
169Kb / 4P
   Unidirectional Configurations
logo
STMicroelectronics
AN2077 STMICROELECTRONICS-AN2077 Datasheet
178Kb / 19P
   EEPROM Emulation with STR71x
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com