Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2119 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2119
Description  Getting Started with uClinux for STR71x
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2119 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2119 Datasheet HTML 6Page - STMicroelectronics AN2119 Datasheet HTML 7Page - STMicroelectronics AN2119 Datasheet HTML 8Page - STMicroelectronics AN2119 Datasheet HTML 9Page - STMicroelectronics AN2119 Datasheet HTML 10Page - STMicroelectronics AN2119 Datasheet HTML 11Page - STMicroelectronics AN2119 Datasheet HTML 12Page - STMicroelectronics AN2119 Datasheet HTML 13Page - STMicroelectronics AN2119 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Getting Started with uClinux for STR710
10/19
3
Download starts. The messages Transfer Completed, <filename> Received and <number>
Bytes are printed upon completion.
Note:
The default external SRAM address used to store the downloaded images is 0x62000000. The
image size is automatically saved as a global variable after image transfer is completed.
The uClinux binary has been downloaded to SRAM. Go on to the next section,
Program the image
to external Flash.
3.5
Program the image to external Flash
Now, the Flash programming module is used to program the image that you have downloaded to the
SRAM into the external Flash memory.
To do this:
1
Press 2 to select the menu item Program External Flash. The bootloader will prompt you for
an offset address of the external flash to be programmed to.
2
Enter the number for the offset address (You can type A to cancel this operation). If the number
that you enter is invalid, the bootloader will prompt you for a new entry.
The following data formats are all valid for inputting numbers:
Note:
The bootloader uses 0x62000000 as the source address by default.
3
If the image size hasn’t already been saved, the bootloader will prompt you to enter the size,
otherwise the previously saved value is used (See note in
Section 3.4). It you receive this
prompt, enter the number corresponding to the size (You can type A to cancel this operation). If
the number that you enter is invalid, the bootloader will prompt you for a new entry.
4
The bootloader checks the address range and performs the erase and program operations
automatically (
Figure 8).
The uClinux binary has been programmed to external Flash. Go on to the next section,
Boot
uClinux.
0x0
0
0x312
6543
678K
2M
Figure 8: Program external flash


Similar Part No. - AN2119

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN211 ETC2-AN211 Datasheet
2Mb / 31P
   SEMICONDUCTORS
AN2110S ETC-AN2110S Datasheet
349Kb / 6P
   Video Camera Signal Processing Circuit
logo
STMicroelectronics
AN2115 STMICROELECTRONICS-AN2115 Datasheet
825Kb / 33P
   This application note details the main features
logo
Motorola, Inc
AN211A MOTOROLA-AN211A Datasheet
330Kb / 12P
   FIFELD EFFECT TRANSISTORS IN THEORY AND PRACTICE
More results

Similar Description - AN2119

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1774 STMICROELECTRONICS-AN1774 Datasheet
106Kb / 9P
   STR71x SOFTWARE DEVELOPMENT GETTING STARTED
AN1775 STMICROELECTRONICS-AN1775 Datasheet
301Kb / 27P
   STR71x Hardware Development Getting Started
AN3342 STMICROELECTRONICS-AN3342 Datasheet
1Mb / 39P
   Getting started with STM8TL5xxx
logo
Ramtron International C...
AN91267 RAMTRON-AN91267 Datasheet
3Mb / 62P
   Getting Started with PSoC
logo
STMicroelectronics
UM0034 STMICROELECTRONICS-UM0034 Datasheet
2Mb / 39P
   Getting Started
UM2096 STMICROELECTRONICS-UM2096 Datasheet
1Mb / 22P
   Getting started with ST25DV-DISCOVERY
September 2017 Rev 2
UM1766 STMICROELECTRONICS-UM1766 Datasheet
512Kb / 29P
   Getting started with STM32CubeF3 for STM32F3 Series
December 2016 Rev 8
logo
List of Unclassifed Man...
AN009 ETC2-AN009 Datasheet
236Kb / 6P
   Getting Started with the KXPS5
logo
ATMEL Corporation
ATSTK600 ATMEL-ATSTK600 Datasheet
329Kb / 1P
   Getting Started Guide
logo
STMicroelectronics
AN3995 STMICROELECTRONICS-AN3995 Datasheet
372Kb / 49P
   Getting started tutorial
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com