Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2141 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2141
Description  LED array reference design board
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2141 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2141 Datasheet HTML 7Page - STMicroelectronics AN2141 Datasheet HTML 8Page - STMicroelectronics AN2141 Datasheet HTML 9Page - STMicroelectronics AN2141 Datasheet HTML 10Page - STMicroelectronics AN2141 Datasheet HTML 11Page - STMicroelectronics AN2141 Datasheet HTML 12Page - STMicroelectronics AN2141 Datasheet HTML 13Page - STMicroelectronics AN2141 Datasheet HTML 14Page - STMicroelectronics AN2141 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
AN2141
LED array reference designs
11/18
5.1.2
Bill of material
Table 1.
Bill of material
Item
Quantity
Reference
Part
1
8
C1, C2, C3 C4 C5 C7, C8, C9
100 nF
2
1
C6
10 µF
3
1
C10
2.2 µF
480
D1 - D80
LED
5
5
J1, J2, J3, J4, J5
STP16CPS05
6
1
J6
ICP
7
1
J7
Connector
8
5
R1, R2, R3, R4, R5
1k3
9
3
R6, R7, R8
10 k
10
1
SW1
SW push button
11
1
U1
ST7Lite09
12
1
U2
LE33/SO


Similar Part No. - AN2141

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN2141 PANASONIC-AN2141 Datasheet
210Kb / 5P
   Video Camera Luminance Signal Processing Circuit
More results

Similar Description - AN2141

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3407 TI1-LM3407_14 Datasheet
427Kb / 13P
[Old version datasheet]   Evaluation Board Reference Design
logo
Freescale Semiconductor...
T1024 FREESCALE-T1024 Datasheet
549Kb / 49P
   QorIQ T1024 Reference Design Board
logo
NXP Semiconductors
LS1043A NXP-LS1043A Datasheet
4Mb / 2P
   QorIQ LS1043A Reference Design Board
logo
Freescale Semiconductor...
P1022DS-PB FREESCALE-P1022DS-PB Datasheet
468Kb / 2P
   P1020/P1011 Reference Design Board
P1020RDB-PB FREESCALE-P1020RDB-PB Datasheet
585Kb / 2P
   P1020/P1011 Reference Design Board
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
   Reference Design
logo
Microchip Technology
MCP1630 MICROCHIP-MCP1630_11 Datasheet
805Kb / 34P
   SEPIC Automotive LED Driver Reference Design
08/02/11
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
   REFERENCE DESIGN
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_08 Datasheet
279Kb / 18P
   Tiny Reference Design
01/02/08
logo
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50 Datasheet
2Mb / 24P
   Complete Reference Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com