Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV00A Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74LV00A
Description  Quad. 2-input NAND Gates
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV00A Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74LV00A_15 Datasheet HTML 1Page - Renesas Technology Corp HD74LV00A_15 Datasheet HTML 2Page - Renesas Technology Corp HD74LV00A_15 Datasheet HTML 3Page - Renesas Technology Corp HD74LV00A_15 Datasheet HTML 4Page - Renesas Technology Corp HD74LV00A_15 Datasheet HTML 5Page - Renesas Technology Corp HD74LV00A_15 Datasheet HTML 6Page - Renesas Technology Corp HD74LV00A_15 Datasheet HTML 7Page - Renesas Technology Corp HD74LV00A_15 Datasheet HTML 8Page - Renesas Technology Corp HD74LV00A_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
HD74LV00A
Rev.3.00, May 20, 2004, page 3 of 8
Recommended Operating Conditions
Item
Symbol
Min
Max
Unit
Conditions
Supply voltage range
VCC
2.0
5.5
V
Input voltage range
VI
05.5
V
Output voltage range
VO
0VCC
V
–50
µAVCC = 2.0 V
—–2
VCC = 2.3 to 2.7 V
—–6
VCC = 3.0 to 3.6 V
IOH
–12
mA
VCC = 4.5 to 5.5 V
—50
µAVCC = 2.0 V
—2
VCC = 2.3 to 2.7 V
—6
VCC = 3.0 to 3.6 V
Output current
IOL
—12
mA
VCC = 4.5 to 5.5 V
0
200
VCC = 2.3 to 2.7 V
0
100
VCC = 3.0 to 3.6 V
Input transition rise or fall rate
∆t /∆v
020
ns/V
VCC = 4.5 to 5.5 V
Operating free-air temperature
Ta
–40
85
°C
Note:
Unused or floating inputs must be held high or low.
Logic Diagram
A
Y
B


Similar Part No. - HD74LV00A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV00AFPEL RENESAS-HD74LV00AFPEL Datasheet
67Kb / 9P
   Quad. 2-input NAND Gates
HD74LV00ARPEL RENESAS-HD74LV00ARPEL Datasheet
67Kb / 9P
   Quad. 2-input NAND Gates
HD74LV00ATELL RENESAS-HD74LV00ATELL Datasheet
67Kb / 9P
   Quad. 2-input NAND Gates
More results

Similar Description - HD74LV00A_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS00 NSC-54LS00 Datasheet
120Kb / 6P
   Quad 2-Input NAND Gates
logo
Fairchild Semiconductor
DM7400 FAIRCHILD-DM7400 Datasheet
47Kb / 4P
   Quad 2-Input NAND Gates
logo
National Semiconductor ...
5400 NSC-5400 Datasheet
94Kb / 4P
   Quad 2-Input NAND Gates
logo
Renesas Technology Corp
HD74HC00 RENESAS-HD74HC00 Datasheet
91Kb / 7P
   Quad. 2-input NAND Gates
RD74LVC00B RENESAS-RD74LVC00B Datasheet
67Kb / 8P
   Quad 2-input NAND Gates
logo
National Semiconductor ...
DM54L00 NSC-DM54L00 Datasheet
82Kb / 4P
   Quad 2-Input NAND Gates
logo
List of Unclassifed Man...
GD54HC00 ETC1-GD54HC00 Datasheet
294Kb / 4P
   QUAD 2-INPUT NAND GATES
logo
Renesas Technology Corp
HD74LV00A RENESAS-HD74LV00A Datasheet
67Kb / 9P
   Quad. 2-input NAND Gates
RD74LVC00B RENESAS-RD74LVC00B_15 Datasheet
92Kb / 10P
   Quad. 2-input NAND Gates
logo
Hitachi Semiconductor
HD74LV00A HITACHI-HD74LV00A Datasheet
51Kb / 13P
   Quad. 2-input NAND Gates
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com