Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

HD74LV2GT240A Datasheet(HTML) 6 Page - Renesas Technology Corp

Part No. HD74LV2GT240A
Description  Dual Bus Buffer Inverted with 3–state Output / CMOS Logic Level Shifter
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

HD74LV2GT240A Datasheet(HTML) 6 Page - Renesas Technology Corp

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 11 page
background image
HD74LV2GT240A
Rev.2.00, Oct.23.2003, page 4 of 8
Recommended Operating Conditions
Item
Symbol
Ratings
Unit
Test Conditions
Supply voltage
VCC
3.0 to 5.5
V
Input voltage
VIN
0 to 5.5
V
0 to VCC
Output voltage
VOUT
0 to 5.5
V
Output : Z
Operating temperature
Topr
–40 to +85
°C
0 to 100 (VCC = 3.0 to 3.6 V)
Input rise / fall time
tr, tf
0 to 20 (VCC = 4.5 to 5.5 V)
ns
Electrical Characteristics
• Ta = –40 to 85°C
Item
Symbol
VCC (V) *
Min
Typ
Max
Unit
Test condition
3.0 to 3.6
1.5
VIH
4.5 to 5.5
2.0
3.0 to 3.6
0.6
Input voltage
VIL
4.5 to 5.5
0.8
V
3.3
0.10
Hysteresis voltage
VH
5.0
0.15
VVT
+ – V
T
Min to Max
VCC–0.1 —
IOH = –50
µA
3.0
2.48
IOH = –6 mA
VOH
4.5
3.8
IOH = –12 mA
Min to Max
0.1
IOL = 50
µA
3.0
——0.44
IOL = 6 mA
Output voltage
VOL
4.5
——0.55
V
IOL = 12 mA
Input current
IIN
0 to 5.5
±1
µAVIN = 5.5 V or GND
Off state output
current
IOZ
Min to Max
±5
µAVO = 5.5 V or GND
ICC
5.5
——10
µAVIN = VCC or GND,
IO = 0
Quiescent
supply current
∆ICC
5.5
1.5
mA
One input VIN = 3.4 V,
other input VCC or GND
Output leakage
current
IOFF
0
——5
µAVO = 5.5 V
Input capacitance
CIN
5.0
3.0
pF
VIN = VCC or GND
Note:
For conditions shown as Min or Max, use the appropriate values under recommended operating
conditions.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn