Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV21AFPEL Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74LV21AFPEL
Description  Dual 4-input Positive AND Gates
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV21AFPEL Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD74LV21AFPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LV21AFPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LV21AFPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LV21AFPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LV21AFPEL Datasheet HTML 7Page - Renesas Technology Corp HD74LV21AFPEL Datasheet HTML 8Page - Renesas Technology Corp HD74LV21AFPEL Datasheet HTML 9Page - Renesas Technology Corp HD74LV21AFPEL Datasheet HTML 10Page - Renesas Technology Corp HD74LV21AFPEL Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
HD74LV21A
Rev.3.00 Jun. 01, 2004 page 5 of 8
Operating Characteristics
CL = 50 pF
Ta = 25°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Test Conditions
3.3
9.5
Power dissipation capacitance
CPD
5.0
11.0
pF
f = 10 MHz
Noise Characteristics
CL = 50 pF
Ta = 25°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Test Conditions
Quiet output, maximum
dynamic VOL
VOL (P)
3.3
0.2
0.8
V
Quiet output, minimum
dynamic VOL
VOL (V)
3.3
–0.1
–0.8
V
Quiet output, minimum
dynamic VOH
VOH (V)
3.3
3.2
V
High-level dynamic input
voltage
VIH (D)
3.3
2.31
——V
Low-level dynamic inout
voltage
VIL (D)
3.3
——0.99
V


Similar Part No. - HD74LV21AFPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV21AFPEL RENESAS-HD74LV21AFPEL Datasheet
70Kb / 9P
   Dual 4-input Positive AND Gates
More results

Similar Description - HD74LV21AFPEL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GD74LS21 ETC1-GD74LS21 Datasheet
96Kb / 2P
   DUAL 4-INPUT POSITIVE AND GATES
logo
Renesas Technology Corp
HD74LS21 RENESAS-HD74LS21 Datasheet
55Kb / 5P
   Dual 4-input Positive AND Gates
logo
Hitachi Semiconductor
HD74LV21A HITACHI-HD74LV21A Datasheet
54Kb / 12P
   Dual 4-input Positive AND Gates
logo
Texas Instruments
SN54LS21 TI1-SN54LS21_15 Datasheet
840Kb / 16P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN54ALS21A TI1-SN54ALS21A_18 Datasheet
1Mb / 17P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN54LS21 TI-SN54LS21 Datasheet
509Kb / 12P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN54F21 TI-SN54F21 Datasheet
67Kb / 5P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN54LV21A TI-SN54LV21A_04 Datasheet
318Kb / 11P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN54F21 TI1-SN54F21_12 Datasheet
388Kb / 6P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74LV21A RENESAS-HD74LV21A Datasheet
70Kb / 9P
   Dual 4-input Positive AND Gates
logo
Texas Instruments
54AC11021 TI-54AC11021 Datasheet
64Kb / 5P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com