Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTB764 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTB764
Description  TRIPLE DIFFUSED PNP TRANSISTOR(VOLTAGE REGULATOR, RELAY, RAMP DRIVER, INDUSTRIAL USE)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTB764 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTB764 Datasheet HTML 1Page - KEC(Korea Electronics) KTB764 Datasheet HTML 2Page - KEC(Korea Electronics) KTB764 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1999. 11. 30
1/3
SEMICONDUCTOR
TECHNICAL DATA
KTB764
TRIPLE DIFFUSED PNP TRANSISTOR
Revision No : 2
VOLTAGE REGULATOR, RELAY,
RAMP DRIVER, INDUSTRIAL USE
FEATURES
High Voltage : VCEO=-50V(Min.).
High Current : IC(Max.)=-1A.
High Transition Frequency : fT=150MHz(Typ.).
Wide Area of Safe Operation.
Complementary to KTD863.
MAXIMUM RATING (Ta=25 )
DIM
MILLIMETERS
A
B
D
E
G
H
K
L
1. EMITTER
2. COLLECTOR
3. BASE
P
TO-92L
7.20 MAX
5.20 MAX
2.50 MAX
0.60 MAX
1.27
1.70 MAX
0.55 MAX
14.00 0.50
0.35 MIN
0.75 0.10
4
F
J
M
O
Q
25
1.25
Φ1.50
0.10 MAX
DEPTH:0.2
123
B
C
Q
K
FF
M
M
N
N
H
L
D
C
N
P
HH
E
H
S
12.50 0.50
R
1.00
S
1.15 MAX
+_
+_
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
Note : hFE(1) Classification O:60 120, Y:100 200, GR:160 320
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-60
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
DC
IC
-1
A
Pulse
ICP
-2
Collector Power Dissipation
PC
1
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-50V, IE=0
-
-
-1
A
Emitter Cut-off Current
IEBO
VEB=-4V, IC=0
-
-
-1
A
DC Current Gain
hFE(1)
VCE=-2V, IC=-50mA
60
-
320
hFE(2)
VCE=-2V, IC=-1A
30
-
-
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=-1mA, IB=0
-50
-
-
V
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-500mA, IB=-50mA
-
-0.2
-0.7
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=-500mA, IB=-50mA
-
-0.85
-1.2
V
Transition Frequency
fT
VCE=-10V, IC=-50mA
-
150
-
MHz
Collector Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
20
-
pF


Similar Part No. - KTB764

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTB764 KEC-KTB764_15 Datasheet
492Kb / 3P
   TRIPLE DIFFUSED PNP TRANSISTOR
More results

Similar Description - KTB764

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA708 KEC-KTA708 Datasheet
76Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (VOLTAGE REGULATOR RELAY RAMP DRIVER, INDUSTRIAL USE)
MPS651 KEC-MPS651 Datasheet
73Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (VOLTAGE REGULATOR RELAY RAMP DRIVER, INDUSTRIAL USE)
KTD863 KEC-KTD863 Datasheet
311Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (VOLTAGE REGULATOR RELAY RAMP DRIVER, INDUSTRIAL USE)
KTC1008 KEC-KTC1008 Datasheet
244Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (VOLTAGE REGULATOR RELAY RAMP DRIVER, INDUSTRIAL USE)
KTC4378 KEC-KTC4378 Datasheet
319Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (VOLTAGE REGULATOR RELAY LAMP DRIVER, INDUSTRIAL USE)
KTA1668 KEC-KTA1668 Datasheet
75Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (VOLTAGE REGULATOR RELAY LAMP DRIVER, INDUSTRIAL)
KTC3631D KEC-KTC3631D Datasheet
403Kb / 3P
   TRIPLE DIFFUSED PNP TRANSISTOR(HIGH VOLTAGE)
KTA1024 KEC-KTA1024 Datasheet
384Kb / 3P
   TRIPLE DIFFUSED PNP TRANSISTOR(HIGH VOLTAGE)
KTC4520 KEC-KTC4520 Datasheet
356Kb / 3P
   TRIPLE DIFFUSED PNP TRANSISTOR(SWITCHING REGULATOR, HIGH VOLTAGE, HIGH VOLTAGE SWITCHING)
KTA1962A KEC-KTA1962A Datasheet
90Kb / 3P
   TRIPLE DIFFUSED PNP TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com