Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRCOLOKIT48U Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SRCOLOKIT48U
Description  Colocation Kit for 48U Rack Enclosures
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRCOLOKIT48U Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SRCOLOKIT48U Datasheet HTML 1Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Colocation Kit for 48U Rack Enclosures
MODEL NUMBER: SRCOLOKIT48U
Description
The SRCOLOKIT48U turns a standard 48U single-compartment rack into a dual-compartment colocation rack,
allowing two different users to occupy 23U of space each. An included divider panel separates the two
compartments, and the rack’s 42U front and rear doors are replaced by independently lockable 24U doors, each
with its own unique, user-settable combination code. This colocation kit includes all necessary mounting
hardware and comes backed by a five-year warranty.
Features
Colocation kit for standard 48U rack enclosures
Converts 48U of space into two separately lockable 23U compartments
Allows two different users to occupy one rack enclosure
Includes divider panel, lockable doors and all necessary mounting hardware
Simple to install
Backed by a five-year warranty
Specifications
PHYSICAL
Shipping Dimensions (hwd / in.)
24.8 x 43.31 x 13.78
Shipping Dimensions (hwd / cm)
62.99 x 110.01 x 35
© 2015 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
Highlights
Converts a standard 48U
SmartRack® rack enclosure into
a dual-compartment, colocation
rack
Allows two different users to
occupy their own half of an
enclosure, each with its own
unique combination lock
Includes all necessary mounting
hardware
Simple to install
Package Includes
(4) Colocation Doors
(4) Hinge Brackets
(1) Divider Plate
(1) Roof
(2) Cable Channels
(1) Blocking Plate
(4) Divider Plate Brackets
(20) M6 Screws
(12) Washers
(4) 8-32 Screws
(1) Replacement Label
1 / 1


Similar Part No. - SRCOLOKIT48U

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRCOLOKIT42U TRIPPLITE-SRCOLOKIT42U Datasheet
511Kb / 1P
   Colocation Kit for 42U Rack Enclosures
More results

Similar Description - SRCOLOKIT48U

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRCOLOKIT42U TRIPPLITE-SRCOLOKIT42U Datasheet
511Kb / 1P
   Colocation Kit for 42U Rack Enclosures
SRTHERMDUCT TRIPPLITE-SRTHERMDUCT Datasheet
505Kb / 2P
   SmartRack Thermal Duct Kit for SmartRack Enclosures
SR48UBEXPNDNR3 TRIPPLITE-SR48UBEXPNDNR3 Datasheet
485Kb / 3P
   48U SmartRack 4-Post Premium Open Frame Rack
logo
Mini-Circuits
RKT-RC4DAT-2 MINI-RKT-RC4DAT-2 Datasheet
366Kb / 4P
   Rack Mounting Kit
16-Jun-21
RKT-RC4DAT MINI-RKT-RC4DAT Datasheet
525Kb / 5P
   Rack Mounting Kit
19-Jan-22
logo
Tripp Lite. All Rights ...
SR48UBEXP TRIPPLITE-SR48UBEXP Datasheet
481Kb / 3P
   48U SmartRack Standard-Depth Rack Enclosure Cabinet - side panels not included
logo
PANDUIT CORP.
F9E10-10M3Y PANDUIT-F9E10-10M3Y Datasheet
315Kb / 2P
   Opticom QuickNet Rack Mount Fiber Cassette Enclosures
C41678 PANDUIT-C41678 Datasheet
131Kb / 1P
   COMPLETE INSTALLATION RACK KIT
FCE1U PANDUIT-FCE1U Datasheet
92Kb / 2P
   Opticom짰 QuickNet Rack Mount Fiber Cassette Enclosures
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com