Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2278 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2278
Description  Temperature sensor application using ST LM135
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2278 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2278 Datasheet HTML 1Page - STMicroelectronics AN2278 Datasheet HTML 2Page - STMicroelectronics AN2278 Datasheet HTML 3Page - STMicroelectronics AN2278 Datasheet HTML 4Page - STMicroelectronics AN2278 Datasheet HTML 5Page - STMicroelectronics AN2278 Datasheet HTML 6Page - STMicroelectronics AN2278 Datasheet HTML 7Page - STMicroelectronics AN2278 Datasheet HTML 8Page - STMicroelectronics AN2278 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AN2278
LM135 temperature sensor
3/9
1
LM135 temperature sensor
LM135 is a precision temperature sensor and can be easily calibrated. It operates as a 2-
terminal zener and the break-down voltage is directly proportional to the absolute
temperature at 10 mV/K. The temperature measurement range of the LM135 is -55 °C to
+150 °C.
Temperature calculation in Celsius:
The ST72325 microcontroller has a 10-bit ADC, so the maximum digital value it is capable of
holding is 0x3FF. The maximum voltage available at the V+ terminal of the LM135 (refer to
Figure 4) is approximately 4800 mV (after taking into account a voltage drop of 200 mV).
Lets say x is the ADC value corresponding to an unknown temperature value.
Therefore the temperature value in kelvin is k= [(x * 4800) / (0x3FF)]/10; as zener
breakdown voltage for ST LM135 changes by 10 mV for each degree Kelvin change. The
temperature value in Celsius is C=(k - 273) / 100.
2
Temperature sensor application
This temperature monitoring application senses and logs the temperature value into an
EEPROM. If the sensed temperature is beyond the threshold limits, specified by the user, an
alarm signal is indicated by toggling the LED.
The application flow is as follows:
1.
On starting the application, it enters configuration mode and the user is prompted to set
the lower and upper bounds for the normal temperature values.
2.
Once the threshold values are set, the application enters normal mode. An average of
16 sample values, taken over a period of 1 second, is displayed by the Windows
Hyperterminal application via the on-chip SCI interface.
Note:
It is advisable that number of samples to be recorded should be of order 2^n, where n is an
integer greater than 0. This will help in calculating the average temperature value using a
‘right shift(>>)’ operator.
3.
When the temperature crosses the threshold values, the application shows a ‘Critical
value’ message in the hyperterminal window and the LEDs on the board toggle.
4.
The application keeps account of the minimum and maximum temperature values over
a span of 1 hour. At the end of an hour these minimum and maximum temperature
values are stored in the on-board I2C EEPROM.
5.
You can re-enter configuration mode and change the threshold values by pressing
Button5 on the board. Since Button5 is not connected to one of the microcontroller
interrupt pins, you have to keep the button pressed until the firmware polls it.
6.
To view the log of temperature values stored in the EEPROM, you have to press
Button6 on the board. The temperature values (in Celsius) are displayed in the
hyperterminal window. Since Button6 is not connected to one of the microcontroller
interrupt pins, you have to keep the button pressed until the firmware polls it.


Similar Part No. - AN2278

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2271 STMICROELECTRONICS-AN2271 Datasheet
65Kb / 8P
   Ekey-Udisk solution
More results

Similar Description - AN2278

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM135 TI1-LM135 Datasheet
1Mb / 24P
[Old version datasheet]   LM135/LM235/LM335, LM135A/LM235A/LM335A Precision Temperature Sensors
logo
STMicroelectronics
AN3397 STMICROELECTRONICS-AN3397 Datasheet
434Kb / 24P
   Temperature sensor example using the STM8L-DISCOVERY board
logo
TDK Electronics
C1005NP01H470J050BA TDK-C1005NP01H470J050BA Datasheet
130Kb / 1P
   High Temperature Application
logo
STMicroelectronics
AN4125 STMICROELECTRONICS-AN4125 Datasheet
397Kb / 15P
   ST has published various supporting application
June 2012 Rev 1
AN2475 STMICROELECTRONICS-AN2475 Datasheet
1Mb / 37P
   STR91xFAxxx in-application programming using UART
AN2078 STMICROELECTRONICS-AN2078 Datasheet
155Kb / 13P
   STR7 In-Application Programming using UART
logo
Texas Instruments
TMP431 TI1-TMP431 Datasheet
1Mb / 47P
[Old version datasheet]   Temperature Sensor
logo
Diodes Incorporated
ZNI1000 DIODES-ZNI1000 Datasheet
165Kb / 6P
   Temperature sensor
logo
TE Connectivity Ltd
RTD TEC-RTD Datasheet
118Kb / 3P
   Temperature Sensor
logo
Texas Instruments
TMP435 TI1-TMP435 Datasheet
810Kb / 33P
[Old version datasheet]   TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com