Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2394 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2394
Description  The purpose of this application note
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2394 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2394 Datasheet HTML 5Page - STMicroelectronics AN2394 Datasheet HTML 6Page - STMicroelectronics AN2394 Datasheet HTML 7Page - STMicroelectronics AN2394 Datasheet HTML 8Page - STMicroelectronics AN2394 Datasheet HTML 9Page - STMicroelectronics AN2394 Datasheet HTML 10Page - STMicroelectronics AN2394 Datasheet HTML 11Page - STMicroelectronics AN2394 Datasheet HTML 12Page - STMicroelectronics AN2394 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Implementation example with STR711F
AN2394
10/13
To avoid this and decrease the CPU load, a solution based on the capability to read the
whole SPI Flash memory with a single read data instruction is implemented:
the first time a data byte is needed, a call to Start_Read_Sequence function is
made. This initiates a read data byte sequence from the SPI Flash. This is done by
driving the S line low to select the device, then the read data instruction is
transmitted followed by 24-bit address. This function exits and keeps the S line
low, with the SPI Flash still being selected.
The next routine which needs to read a byte from the SPI Flash has only to generate a
dummy byte on the Serial Data Input line of the SPI Flash and get the data on the Serial
Data Output line. So only step 4 is performed each time a data is read from the SPI Flash
which significantly reduces the CPU overhead.
When the playback is finished, the read data byte sequence is terminated by driving Chip
Select high.


Similar Part No. - AN2394

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2390 STMICROELECTRONICS-AN2390 Datasheet
578Kb / 42P
   A flexible universal battery charger
AN2393 STMICROELECTRONICS-AN2393 Datasheet
608Kb / 35P
   Reference design: wide range 200W L6599-based
AN2399 STMICROELECTRONICS-AN2399 Datasheet
429Kb / 22P
   RFID library for SR176 tag management with STR71x
More results

Similar Description - AN2394

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3959 STMICROELECTRONICS-AN3959 Datasheet
4Mb / 65P
   The purpose of this application note is to describe
AN2776 STMICROELECTRONICS-AN2776 Datasheet
168Kb / 20P
   The purpose of this application note is to explain
AN3383 STMICROELECTRONICS-AN3383 Datasheet
5Mb / 29P
   The purpose of this application note is to describe:
AN2495 STMICROELECTRONICS-AN2495 Datasheet
812Kb / 36P
   The purpose of this application note is to explain the design
TN1189 STMICROELECTRONICS-TN1189 Datasheet
165Kb / 4P
   The purpose of this technical note
AN4296 STMICROELECTRONICS-AN4296 Datasheet
1Mb / 25P
   The purpose of this application note is to give a presentation
AN3171 STMICROELECTRONICS-AN3171 Datasheet
141Kb / 14P
   The purpose of this application
AN4041 STMICROELECTRONICS-AN4041 Datasheet
1Mb / 14P
   The purpose of this application note is to give a brief description
AN3288 STMICROELECTRONICS-AN3288 Datasheet
1Mb / 27P
   The purpose of this application note is to provide an accurate description
AN303 STMICROELECTRONICS-AN303 Datasheet
170Kb / 13P
   The purpose of this note is to familiarize
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com