Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2446 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2446
Description  STEVAL-IHT002V1 Intelligent thermostat for compressor based on ST7Ultralite MCU
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2446 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2446 Datasheet HTML 2Page - STMicroelectronics AN2446 Datasheet HTML 3Page - STMicroelectronics AN2446 Datasheet HTML 4Page - STMicroelectronics AN2446 Datasheet HTML 5Page - STMicroelectronics AN2446 Datasheet HTML 6Page - STMicroelectronics AN2446 Datasheet HTML 7Page - STMicroelectronics AN2446 Datasheet HTML 8Page - STMicroelectronics AN2446 Datasheet HTML 9Page - STMicroelectronics AN2446 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
How the system works
AN2446
6/13
3.4
Stall rotor detection
The system performs the stall rotor detection immediately after the compressor is turned on.
The monitoring lasts 5 seconds. During this time, the system monitors the temperature of
the AC switch driving the RUN winding.
After a normal turning on, meaning when the compressor regularly spins, the current flowing
through the RUN winding is the nominal one. Of course at the very beginning, the in-rush
current is higher than the nominal one, but after a while the current flowing is the nominal
one.
Therefore the increase of the AC switch temperature is smooth.
Attempting to turn on the compressor while the rotor is stalled will result in a higher current
flowing through the RUN winding. Therefore the temperature of the AC switch will increase
faster.
By reading the trend of the temperature, the system is able to determine if the compressor
rotor is stalled or not. In stall rotor condition, the compressor is immediately turned off and
the dead-time is set.
Moreover, the compressor is not turned on when the AC switch temperature goes over 85
°C or goes below 0°C. Dead-time is set as well.
By reading the trend of the temperature, the compressor can be turned off faster than any
mechanical device, saving in power consumption. Moreover, the system prevents the AC
switch temperature from reaching the blowing point.
Figure 4.
Temperature behavior in normal condition and in stall rotor condition
AC switch temperature
Blowing point
Stalled rotor control
AC switch temperature


Similar Part No. - AN2446

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2440 STMICROELECTRONICS-AN2440 Datasheet
246Kb / 13P
   The Error Code Correction
AN2441 STMICROELECTRONICS-AN2441 Datasheet
242Kb / 14P
   Low cost effective oscillator for STR71x MCUs
AN2442 STMICROELECTRONICS-AN2442 Datasheet
227Kb / 22P
   Using the STR91xFA DMA controller
AN2443 STMICROELECTRONICS-AN2443 Datasheet
471Kb / 15P
   PLC actuator high-side driver solution with CMOS interface
AN2448 STMICROELECTRONICS-AN2448 Datasheet
1Mb / 21P
   This document describes a low power adapter that can be used in travel battery charger applications
More results

Similar Description - AN2446

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IHT001V1 STMICROELECTRONICS-STEVAL-IHT001V1 Datasheet
116Kb / 4P
   Thermostat control demonstration board for refrigerators, based on the ST7Lite39
September 2010 Rev 1
UM0277 STMICROELECTRONICS-UM0277 Datasheet
1Mb / 32P
   Getting started with the Cold Thermostat Kit based on AC switches and ST7LITE MCU
STEVAL-IFV002V1 STMICROELECTRONICS-STEVAL-IFV002V1 Datasheet
156Kb / 6P
   STEVAL-IFV002V1 IPCAM extension board based on the STM32F107VC
UM1694 STMICROELECTRONICS-UM1694 Datasheet
2Mb / 30P
   STEVAL-ILH007V1: 150W HID digital ballast based on STLUX385A
June 2015 Rev 1
logo
International Rectifier
IRAM630-1562F IRF-IRAM630-1562F Datasheet
617Kb / 19P
   Intelligent Power Module for Energy Efficient Compressor Applications
logo
STMicroelectronics
AN4472 STMICROELECTRONICS-AN4472 Datasheet
6Mb / 44P
   STEVAL-IME008V1 evaluation board based on the STHV749 transmission pulser
AN3961 STMICROELECTRONICS-AN3961 Datasheet
2Mb / 46P
   STEVAL-IME003V1 demonstration board based on the STHV748 ultrasound pulser
UM0727 STMICROELECTRONICS-UM0727 Datasheet
1,015Kb / 18P
   STEVAL-ISA018V1 demonstration board based on resonant half-bridge SMPS for industrial applications
May 2010 Rev 1
UM0984 STMICROELECTRONICS-UM0984 Datasheet
1Mb / 25P
   STEVAL-ISA081V1 demonstration board based
AN4471 STMICROELECTRONICS-AN4471 Datasheet
1Mb / 39P
   STEVAL-IME009V1 evaluation board based on the STHV800 high voltage pulser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com