Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1112 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1112
Description  Dual/Quad Low Power Precision, Picoamp Input Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1112 Datasheet(HTML) 4 Page - Linear Technology

  LT1112_15 Datasheet HTML 1Page - Linear Technology LT1112_15 Datasheet HTML 2Page - Linear Technology LT1112_15 Datasheet HTML 3Page - Linear Technology LT1112_15 Datasheet HTML 4Page - Linear Technology LT1112_15 Datasheet HTML 5Page - Linear Technology LT1112_15 Datasheet HTML 6Page - Linear Technology LT1112_15 Datasheet HTML 7Page - Linear Technology LT1112_15 Datasheet HTML 8Page - Linear Technology LT1112_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1112/LT1114
111214fb
SYMBOL PARAMETER
CONDITIONS (Note 3)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
35
120
45
150
µV
LT1112MPS8
45
160
µV
VS = ±1.2V
60
220
70
260
µV
∆VOS
Average Input Offset Voltage Drift
(Note 9)
0.15
0.5
0.20
0.75
µV/°C
∆Temp
LT1112MPS8
0.4
1.3
µV/°C
IOS
Input Offset Current
80
400
100
500
pA
IB
Input Bias Current
±150
±600
±170
±700
pA
VCM
Input Voltage Range
±13.5 ±14.1
±13.5 ±14.1
V
CMRR
Common Mode Rejection Ratio
VCM = ±13.5V
116
130
111
130
dB
PSRR
Power Supply Rejection Ratio
VS = ±1.2V to ±20V
112
124
110
124
dB
AVOL
Large-Signal Voltage Gain
VO = ±12V, RL = 10kΩ
500
2500
400
2500
V/mV
VO = ±10V, RL = 2kΩ
200
600
170
500
V/mV
VOUT
Output Voltage Swing
RL = 10kΩ
±13.0 ±13.85
±13.0 ±13.85
V
SR
Slew Rate
0.12
0.22
0.12
0.22
V/
µs
IS
Supply Current per Amplifier
380
460
380
530
µA
∆VOS
Offset Voltage Match (Note 6)
55
200
70
240
µV
LT1112MPS8
70
270
µV
Offset Voltage Match Drift
0.2
0.7
0.3
1.0
µV/°C
(Notes 6, 9)
LT1112MPS8
0.5
1.9
µV/°C
∆IB+
Noninverting Bias Current Match
(Notes 6, 7)
150
750
170
850
pA
∆CMRR
Common Mode Rejection Ratio
(Notes 6, 8)
112
130
106
130
dB
∆PSRR
Power Supply Rejection Ratio
(Notes 6, 8)
109
126
106
126
dB
The
denotes the specifications which apply over the full operating
temperature range of – 55
°C ≤ TA ≤ 125°C, otherwise specifications are at TA = 25°C. VS = ±15V, unless otherwise noted.
LT1112AMJ8
LT1114AMJ
LT1112MJ8/MPS8
LT1114MJ
ELECTRICAL CHARACTERISTICS
The
denotes the specifications which apply over the full operating temperature range of 0
°C ≤ TA ≤ 70°C, otherwise specifications
are at TA = 25°C. VS = ±15V, unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS (Note 3)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT1112CN8
27
100
30
125
µV
LT1112S8, LT1114CN/S
35
125
45
150
µV
VS = ±1.2V
50
175
65
210
µV
∆VOS
Average Input Offset Voltage Drift
LT1112CN8
0.15
0.5
0.2
0.75
µV/°C
∆Temp
(Note 9)
LT1112S8, LT1114CN/S
0.3
1.1
0.4
1.3
µV/°C
IOS
Input Offset Current
60
220
70
290
pA
LT1114S
90
420
pA
IB
Input Bias Current
±80
±300
±90
±350
pA
LT1114S
±115
±550
pA
VCM
Input Voltage Range
±13.5 ±14.2
±13.5 ±14.2
V
CMRR
Common Mode Rejection Ratio
VCM = ±13.5V
118
133
113
133
dB
PSRR
Power Supply Rejection Ratio
VS = ±1.2V to ±20V
114
125
112
125
dB
AVOL
Large-Signal Voltage Gain
VO = ±12V, RL = 10kΩ
800
4000
650
4000
V/mV
VO = ±10V, RL = 2kΩ
500
1300
400
1000
V/mV
VOUT
Output Voltage Swing
RL = 10kΩ
±13.0 ±13.9
±13.0 ±13.9
V
SR
Slew Rate
0.14
0.27
0.14
0.27
V/
µs
LT1112ACN8
LT1114ACN
LT1112CN8/S8/IS8
LT1114CN/S/IS


Similar Part No. - LT1112_15

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1112 LINEAR-LT1112_1 Datasheet
339Kb / 16P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
More results

Similar Description - LT1112_15

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1112 LINEAR-LT1112_1 Datasheet
339Kb / 16P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
logo
Linear Technology
LT1112 LINER-LT1112 Datasheet
369Kb / 12P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
LT1114 LINER-LT1114_15 Datasheet
345Kb / 16P
   Dual/Quad Low Power Precision, Picoamp Input Op Amps
LT1885 LINER-LT1885_15 Datasheet
174Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1884 LINER-LT1884 Datasheet
178Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1884 LINER-LT1884_15 Datasheet
174Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1881 LINER-LT1881_1 Datasheet
562Kb / 16P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1882 LINER-LT1882_15 Datasheet
308Kb / 18P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1881 LINER-LT1881 Datasheet
183Kb / 12P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1881 LINER-LT1881_15 Datasheet
308Kb / 18P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com