Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1205 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1205
Description  150MHz Video Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1205 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1205 Datasheet HTML 5Page - Linear Technology LT1205 Datasheet HTML 6Page - Linear Technology LT1205 Datasheet HTML 7Page - Linear Technology LT1205 Datasheet HTML 8Page - Linear Technology LT1205 Datasheet HTML 9Page - Linear Technology LT1205 Datasheet HTML 10Page - Linear Technology LT1205 Datasheet HTML 11Page - Linear Technology LT1205 Datasheet HTML 12Page - Linear Technology LT1205 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1203/LT1205
WORKSTATION
OUTPUT
LT1203/05 • F02a
Figure 2a. Workstation and RGB MUX Output
LT1203/05 • F02b
Figure 2b. RGB MUX Output Switched to Ground
After One Pixel
S
APPLICATI
I FOR ATIO
FREQUENCY (MHz)
1
–2
–1
0
1
2
10
100
1000
LT1203/05 • F04
–3
–4
3
4
G
R, B
VS = ±15V
RL = 150Ω
RF = RG = 1.3k
Input Expansion
The output impedance of the LT1203/LT1205 is typically
20
Ω when enabled and 10MΩ when disabled or not
selected. This high disabled output impedance allows the
output of many LT1205s to be shorted together to form
large crosspoint arrays. With their outputs shorted to-
gether, shoot-through current is low because the “on”
channel is disabled before the “off” channel is activated.
ENABLE
IC #1
Timing and Supply Current Waveforms
ENABLE
IC #2
VOUT
1V/DIV
IS
10mA/DIV
5V/DIV
5V/DIV
LT1203/05 • AI04
Four LT1205s are used in Figure 5 to form a 16-to-1
multiplexer which is very space efficient and uses only six
SO packages. In this application 15 switches are turned off
and only one is active. An attenuator is formed by the 15
deselected switches and the active device which has an
Figure 4. RGB MUX Frequency Response of
Demonstration Board #041
RGB MUX
OUTPUT
WORKSTATION
OUTPUT
RGB MUX
OUTPUT
Demonstration Board
A Demonstration Board (#041) of the RGB MUX in Figure
1 has been fabricated and its layout is shown in Figure 3.
The small-signal bandwidth of the RGB MUX is set by the
bandwidth of the LT1260. The stray capacitance of the
surface mount feedback resistors RF and RG restricts the
– 3dB bandwidth to about 95MHz. The bandwidth can be
improved by about 20% using the through-hole LT1260
and components. A frequency response plot in Figure 4
shows that the R, G, and B amplifiers have slightly
different frequency responses. The difference in the G
amplifier is due to different output trace routing to
feedback resistor R13.


Similar Part No. - LT1205

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1205 LINER-LT1205 Datasheet
561Kb / 16P
   150MHz Video Multiplexers
LT1205CS LINER-LT1205CS Datasheet
561Kb / 16P
   150MHz Video Multiplexers
More results

Similar Description - LT1205

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1203 LINER-LT1203_15 Datasheet
505Kb / 16P
   150MHz Video Multiplexers
LT1203 LINER-LT1203 Datasheet
561Kb / 16P
   150MHz Video Multiplexers
logo
Maxim Integrated Produc...
MAX310 MAXIM-MAX310 Datasheet
252Kb / 7P
   CMOS RF/Video Multiplexers
logo
Vishay Siliconix
DG535 VISHAY-DG535_08 Datasheet
167Kb / 12P
   16-Channel Wideband Video Multiplexers
Rev. E, 25-Jun-07
DG535 VISHAY-DG535 Datasheet
98Kb / 11P
   16-Channel Wideband Video Multiplexers
Rev. D, 05-Oct-00
DG534A VISHAY-DG534A_V01 Datasheet
152Kb / 17P
   4-/8-Channel Wideband Video Multiplexers
18-Jul-08
DG538A VISHAY-DG538A Datasheet
149Kb / 16P
   4-/8-Channel Wideband Video Multiplexers
Rev. G, 29-Jan-02
logo
Intersil Corporation
ISL54103IHZ-T7A INTERSIL-ISL54103IHZ-T7A Datasheet
267Kb / 8P
   More Reliable HDCP Performance In Video Multiplexers and Cable Extenders
logo
Linear Technology
LT1221 LINER-LT1221 Datasheet
292Kb / 8P
   150MHz Operational Amplifier
logo
DATEL, Inc.
MX-826MM DATEL-MX-826MM Datasheet
109Kb / 1P
   Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com