Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1207 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1207
Description  Dual 250mA/60MHz Current Feedback Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1207 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1207 Datasheet HTML 2Page - Linear Technology LT1207 Datasheet HTML 3Page - Linear Technology LT1207 Datasheet HTML 4Page - Linear Technology LT1207 Datasheet HTML 5Page - Linear Technology LT1207 Datasheet HTML 6Page - Linear Technology LT1207 Datasheet HTML 7Page - Linear Technology LT1207 Datasheet HTML 8Page - Linear Technology LT1207 Datasheet HTML 9Page - Linear Technology LT1207 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1207
Supply Current vs
Ambient Temperature, VS = ±15V
Output Short-Circuit Current
vs Junction Temperature
Supply Current vs Large-Signal
Output Frequency (No Load)
TYPICAL PERFOR A CE CHARACTERISTICS
Supply Current
vs Shutdown Pin Current
Input Common Mode Limit
vs Junction Temperature
Output Saturation Voltage
vs Junction Temperature
Power Supply Rejection Ratio
vs Frequency
Supply Current vs
Ambient Temperature, VS = ±5V
4
10
12
16
18
22
8
12
14
24
20
610
14
16
18
SUPPLY VOLTAGE (
±V)
LT1207 • TPC10
TJ = –40˚C
TJ = 25˚C
TJ = 85˚C
TJ = 125˚C
VSHDN = 0V
TEMPERATURE (
°C)
–50
0
10
25
0
50
75
LT1207 • TPC11
5
20
15
–25
25
100
125
AV = 1
RL =
RSD = 0Ω
RSD = 10.2k
RSD = 22.1k
TEMPERATURE (
°C)
–50
0
10
25
0
50
75
LT1207 • TPC12
5
20
15
–25
25
100
125
AV = 1
RL =
RSD = 0Ω
RSD = 60.4k
RSD = 121k
TEMPERATURE (
°C)
–50
V
0.5
1.5
2.0
–2.0
75
V+
LT1207 • TPC14
1.0
0
125
–1.5
–1.0
– 0.5
50
–25
100
25
SHUTDOWN PIN CURRENT (
µA)
0
12
16
20
400
LT1207 • TPC13
8
4
0
100
200
300
500
10
14
18
6
2
VS = ±15V
TEMPERATURE (
°C)
–50
0.7
0.8
1.0
25
75
LT1207 • TPC15
0.6
0.5
–25
0
50
100
125
0.4
0.3
0.9
SOURCING
SINKING
TEMPERATURE (
°C)
–50
V
1
3
4
–4
75
V+
LT1207 • TPC16
2
0
125
–3
–2
–1
50
–25
100
25
VS = ±15V
RL = 2k
RL = 50Ω
RL = 50Ω
RL = 2k
FREQUENCY (Hz)
20
40
60
70
10k
1M
10M
100M
LT1207 • TPC17
0
100k
50
30
10
RL = 50Ω
VS = ±15V
RF = RG = 1k
NEGATIVE
POSITIVE
Supply Current vs Supply Voltage
FREQUENCY (Hz)
10k
40
50
60
100k
1M
10M
LT1207 • TPC18
30
20
10
AV = 2
RL =
VS = ±15V
VOUT = 20VP-P


Similar Part No. - LT1207

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1207 LINER-LT1207 Datasheet
364Kb / 16P
   Dual 250mA/60MHz Current Feedback Amplifier
LT1207 LINER-LT1207 Datasheet
364Kb / 18P
   250mA/60MHz Current Feedback Amplifier Adjustable Supply Current
LT1207CS LINER-LT1207CS Datasheet
364Kb / 16P
   Dual 250mA/60MHz Current Feedback Amplifier
More results

Similar Description - LT1207

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1207 LINER-LT1207 Datasheet
364Kb / 16P
   Dual 250mA/60MHz Current Feedback Amplifier
LT1206 LINER-LT1206 Datasheet
386Kb / 16P
   250mA/60MHz Current Feedback Amplifier
LT1206CS8TRPBF LINER-LT1206CS8TRPBF Datasheet
368Kb / 18P
   250mA/60MHz Current Feedback Amplifier
LT1206 LINER-LT1206_15 Datasheet
368Kb / 18P
   250mA/60MHz Current Feedback Amplifier
LT1206 LINER-LT1206_11 Datasheet
364Kb / 18P
   250mA/60MHz Current Feedback Amplifier Adjustable Supply Current
LT1206 LINER-LT1206_07 Datasheet
321Kb / 16P
   250mA/60MHz Current Feedback Amplifi er
logo
Elantec Semiconductor
EL2232D ELANTEC-EL2232D Datasheet
392Kb / 1P
   Dual 60MHz Current Feedback Amplifiers
EL5293C ELANTEC-EL5293C Datasheet
302Kb / 15P
   Dual 300MHz Current Feedback Amplifier
EL5292C ELANTEC-EL5292C Datasheet
307Kb / 15P
   Dual 600MHz Current Feedback Amplifier
logo
Intersil Corporation
HA5023883 INTERSIL-HA5023883 Datasheet
813Kb / 19P
   Dual 125MHz Video Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com