Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1209 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1209
Description  Dual and Quad 45MHz, 400V/s Op Amps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1209 Datasheet(HTML) 4 Page - Linear Technology

  LT1209 Datasheet HTML 1Page - Linear Technology LT1209 Datasheet HTML 2Page - Linear Technology LT1209 Datasheet HTML 3Page - Linear Technology LT1209 Datasheet HTML 4Page - Linear Technology LT1209 Datasheet HTML 5Page - Linear Technology LT1209 Datasheet HTML 6Page - Linear Technology LT1209 Datasheet HTML 7Page - Linear Technology LT1209 Datasheet HTML 8Page - Linear Technology LT1209 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LT1208/LT1209
4
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Input Common-Mode Range vs
Supply Current vs Supply Voltage
Output Voltage Swing vs
Supply Voltage
and Temperature
Supply Voltage
SUPPLY VOLTAGE (±V)
0
0
5
10
15
20
510
15
20
1208/09 G01
TA = 25°C
∆V
OS < 1mV
+VCM
–VCM
SUPPLY VOLTAGE (±V)
0
0
5
10
15
20
510
15
20
1208/09 G03
TA = 25°C
RL = 500Ω
∆V
OS = 30mV
+VSW
–VSW
Output Voltage Swing vs
Input Bias Current vs Input
Open-Loop Gain vs
Resistive Load
Common-Mode Voltage
Resistive Load
LOAD RESISTANCE (
Ω)
10
0
10
20
25
30
100
1k
10k
1208/09 G04
15
5
TA = 25°C
∆V
OS = 30mV
VS = ±15V
VS = ±5V
INPUT COMMON-MODE VOLTAGE (V)
–15
3.0
3.5
4.0
4.5
5.0
–10
0
10
15
1208/09 G05
–5
5
VS = ±15V
TA = 25°C
IB
+ + I
B
2
IB =
LOAD RESISTANCE (
Ω)
10
50
80
90
100
100
1k
10k
1208/09 G06
70
60
TA = 25°C
VS = ±15V
VS = ±5V
TEMPERATURE (°C)
–50
3.50
4.00
4.25
4.75
5.00
–25
25
75
125
1208/09 G07
100
50
0
3.75
4.50
VS = ±15V
IB
+ + I
B
2
IB =
FREQUENCY (Hz)
10
100
10
1
0.1
100
1k
10k
100k
1208/09 G09
10000
1000
100
10
VS = ±15V
TA = 25°C
AV = 101
RS = 100k
in
en
Output Short-Circuit Current
Input Bias Current vs Temperature
vs Temperature
Input Noise Spectral Density
TEMPERATURE (°C)
–50
25
35
40
50
55
–25
25
75
125
1208/09 G08
100
50
0
30
45
VS = ±5V
SINK
SOURCE
SUPPLY VOLTAGE (±V)
0
12
10
8
6
4
2
0
510
15
20
1208/09 G02
25°C
–55°C
125°C


Similar Part No. - LT1209

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1209 LINER-LT1209 Datasheet
301Kb / 12P
   Dual and Quad 45MHz, 400V/us Op Amps
LT1209C LINER-LT1209C Datasheet
301Kb / 12P
   Dual and Quad 45MHz, 400V/us Op Amps
LT1209CN LINER-LT1209CN Datasheet
301Kb / 12P
   Dual and Quad 45MHz, 400V/us Op Amps
LT1209CS LINER-LT1209CS Datasheet
301Kb / 12P
   Dual and Quad 45MHz, 400V/us Op Amps
More results

Similar Description - LT1209

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1208 LINER-LT1208_15 Datasheet
276Kb / 12P
   Dual and Quad 45MHz, 400V/s Op Amps
LT1208 LINER-LT1208 Datasheet
301Kb / 12P
   Dual and Quad 45MHz, 400V/us Op Amps
LT1355 LINER-LT1355_15 Datasheet
681Kb / 16P
   Dual and Quad 12MHz, 400V/s Op Amps
LT1356 LINER-LT1356_15 Datasheet
681Kb / 16P
   Dual and Quad 12MHz, 400V/s Op Amps
LT1355 LINER-LT1355 Datasheet
272Kb / 16P
   Dual and Quad 12MHz, 400V/us Op Amps
LT1632 LINER-LT1632_15 Datasheet
297Kb / 16P
   45MHz, 45V/s, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
LT1633 LINER-LT1633_15 Datasheet
297Kb / 16P
   45MHz, 45V/s, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
LT1362 LINER-LT1362_15 Datasheet
235Kb / 12P
   Dual and Quad 50MHz, 800V/s Op Amps
logo
Linear Integrated Syste...
LT1359CS14 LINEAR-LT1359CS14 Datasheet
453Kb / 16P
   Dual and Quad 25MHz, 600V/s Op Amps
logo
Linear Technology
LT1364 LINER-LT1364_15 Datasheet
229Kb / 12P
   Dual and Quad 70MHz, 1000V/s Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com