Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1218 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1218
Description  Precision Rail-to-Rail Input and Output Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1218 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1218_15 Datasheet HTML 6Page - Linear Technology LT1218_15 Datasheet HTML 7Page - Linear Technology LT1218_15 Datasheet HTML 8Page - Linear Technology LT1218_15 Datasheet HTML 9Page - Linear Technology LT1218_15 Datasheet HTML 10Page - Linear Technology LT1218_15 Datasheet HTML 11Page - Linear Technology LT1218_15 Datasheet HTML 12Page - Linear Technology LT1218_15 Datasheet HTML 13Page - Linear Technology LT1218_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1218/LT1219
TYPICAL PERFORMANCE CHARACTERISTICS
LT1218 Power Supply Rejection
Ratio vs Frequency
LT1218 Closed Loop Output
Impedance vs Frequency
LT1219 Closed Loop Output
Impedance vs Frequency
FREQUENCY (kHz)
1
100
90
80
70
60
50
40
30
20
10
0
10
100
1000
LT1218/19 • TPC17
VS = ±2.5V
POSITIVE SUPPLY
NEGATIVE SUPPLY
FREQUENCY (kHz)
0.1
0.1
10
1000
1
10
100
1000
LT1218/19 • TPC18
1.0
100
AV = 10
AV = 1
VS = ±2.5V
FREQUENCY (kHz)
0.1
0.1
10
1000
1
10
100
1000
LT1218/19 • TPC19
1.0
100
VS = ±2.5V
CL = 0.1µF
AV = 10
AV = 1
LT1218 Capacitive Load Handling
LT1219 Overshoot vs Load
Current, VS = ±2.5V
LT1219 Overshoot vs Load
Current, VS = ±15V
LOAD CURRENT (mA)
–10
5
LT1218/19 • TPC21
–5
0
10
70
60
50
40
30
20
10
0
CL = 0.22µF
CL = 0.1µF
CL = 0.047µF
VS = ±2.5V
AV = 1
CAPACITIVE LOAD (pF)
80
70
60
50
40
30
20
10
0
10
1000
10000
100000
LT1218/19 • TPC20
100
AV = 1
AV = 5
AV = 10
VS = ±2.5V
Open-Loop Gain, VS = ±15V
THD + Noise vs Frequency
OUTPUT VOLTAGE (V)
–20
20
LT1218/19 • TPC23
–10
0
10
40
30
20
10
0
–10
–20
–30
–40
–15
–5
5
15
RL = 10k
RL = 2k
VS = ±15V
FREQUENCY (kHz)
0.01
0.001
0.01
0.1
1
0.1
1
10
LT1218/19 • TPC25
VS = ±1.5V
VIN = 2VP-P
RL = 10k
AV = 1
AV = –1
Input Offset Drift vs Time
TIME AFTER POWER-UP (SEC)
40
30
20
10
0
–10
–20
–30
–40
LT1218/19 • TPC24
0
20
40 60 80 100 120 140
180 200
160
VS = ±15V
VS = ±2.5V
CL = 0.22µF
CL = 0.1µF
LOAD CURRENT (mA)
–10
5
LT1218/19 • TPC22
–5
0
10
70
60
50
40
30
20
10
0
CL = 0.047µF
VS = ±15V
AV = 1


Similar Part No. - LT1218_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1218CN8 LINER-LT1218CN8 Datasheet
375Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
LT1218CS8 LINER-LT1218CS8 Datasheet
375Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
LT1218L LINER-LT1218L Datasheet
375Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
LT1218LCN8 LINER-LT1218LCN8 Datasheet
375Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
LT1218LCS8 LINER-LT1218LCS8 Datasheet
375Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
More results

Similar Description - LT1218_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1218 LINER-LT1218 Datasheet
375Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
LT1219 LINER-LT1219_15 Datasheet
327Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
LT6013 LINER-LT6013_15 Datasheet
343Kb / 16P
   Rail-to-Rail Output Precision Op Amps
LT6003 LINER-LT6003_15 Datasheet
1Mb / 20P
   1.6V, 1A Precision Rail-to-Rail Input and Output Op Amps
LT6014 LINER-LT6014_15 Datasheet
343Kb / 16P
   Rail-to-Rail Output Precision Op Amps
LT6004 LINER-LT6004_15 Datasheet
1Mb / 20P
   1.6V, 1A Precision Rail-to-Rail Input and Output Op Amps
LT6005 LINER-LT6005_15 Datasheet
1Mb / 20P
   1.6V, 1A Precision Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366 Datasheet
411Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1368 LINER-LT1368_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com