Electronic Components Datasheet Search |
|
LT1236 Datasheet(PDF) 1 Page - Linear Technology |
|
LT1236 Datasheet(HTML) 1 Page - Linear Technology |
1 / 12 page 1 LT1236 Precision Reference APPLICATI TYPICAL DESCRIPTIO The LT ®1236 is a precision reference that combines ultra- low drift and noise with excellent long-term stability and high output accuracy. The reference output will both source and sink up to 10mA and is almost totally immune to input voltage variations. Two voltages are available: 5V and 10V. The 10V version can be used as a shunt regulator (two-terminal zener) with the same precision characteris- tics as the three-terminal connection. Special care has been taken to minimize thermal regulation effects and temperature induced hysteresis. The LT1236 combines both superior accuracy and tem- perature coefficient specifications without the use of high power, on-chip heaters. The LT1236 references are based on a buried zener diode structure which eliminates noise and stability problems with surface breakdown devices. Further, a subsurface zener exhibits better temperature drift and time stability than even the best band-gap references. S FEATURE s Ultra-Low Drift: 5ppm/ °C Max s Trimmed to High Accuracy: 0.05% Max s Industrial Temperature Range SO Package s Operates in Series or Shunt Mode s Pin Compatible with AD586, AD587 s Output Sinks and Sources in Series Mode s Very Low Noise < 1ppm P-P (0.1Hz to 10Hz) s 100% Noise Tested s > 100dB Ripple Rejection s Minimum Input/Output Differential of 1V , LTC and LT are registered trademarks of Linear Technology Corporation. Typical Distribution of Temperature Drift Basic Positive and Negative Connections LT1236 OUT IN GND LT1236-10 OUT IN GND VOUT –VOUT VIN NC R1 = VOUT – (V – ) ILOAD + 1.5mA –15V (V –) R1 LT1236 TA01 OUTPUT DRIFT (ppm/ °C) –3 0 4 8 12 16 24 22 –2 –1 0 1 LT1236 TA02 23 20 18 14 10 6 2 DISTRIBUTION OF THREE RUNS S APPLICATI s A/D and D/A Converters s Precision Regulators s Precision Scales s Inertial Navigation Systems s Digital Voltmeters |
Similar Part No. - LT1236_15 |
|
Similar Description - LT1236_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |