Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1236 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1236
Description  Precision Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1236 Datasheet(HTML) 4 Page - Linear Technology

  LT1236 Datasheet HTML 1Page - Linear Technology LT1236 Datasheet HTML 2Page - Linear Technology LT1236 Datasheet HTML 3Page - Linear Technology LT1236 Datasheet HTML 4Page - Linear Technology LT1236 Datasheet HTML 5Page - Linear Technology LT1236 Datasheet HTML 6Page - Linear Technology LT1236 Datasheet HTML 7Page - Linear Technology LT1236 Datasheet HTML 8Page - Linear Technology LT1236 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1236
ELECTRICAL C
C
HARA TERISTICS V
IN = 15V, IOUT = 0, TA = 25°C, unless otherwise noted.
realized by preconditioning the IC with a 100-200 hour, 125
°C burn in.
Long term stability will also be affected by differential stresses between the
IC and the board material created during board assembly. Temperature
cycling and baking of completed boards is often used to reduce these
stresses in critical applications.
Note 7: Hysteresis in output voltage is created by package stress that
differs depending on whether the IC was previously at a higher or lower
temperature. Output voltage is always measured at 25
°C, but the IC is
cycled to 50
°C or 0°C before successive measurements. Hysteresis is
roughly proportional to the square of temperature change. Hysteresis is
not normally a problem for operational temperature excursions, but can be
significant in critical narrow temperature range applications where the
instrument might be stored at high or low temperatures.
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Ripple Rejection
INPUT VOLTAGE (V)
0
85
90
95
100
105
10
20
30
40
LT1236 G01
110
115
515
25
35
f = 150Hz
LT1236-5
LT1236-10
FREQUENCY (Hz)
10
90
110
130
120
100
80
60
100
1k
10k
LT1236 G02
70
50
VIN = 15V
COUT = 0
LT1236-5
LT1236-10
Ripple Rejection
Minimum Input/Output
Differential, LT1236-10
OUTPUT CURRENT (mA)
0
1.2
1.6
16
LT1236 G03
0.8
0.4
0
4
8
12
20
1.0
1.4
0.6
0.2
14
2
6
10
18
TJ = 125 °C
TJ = –55 °C
TJ = 25 °C
Start-Up (Series Mode)
TIME (
µs)
3
4
6
7
8
13
10
2
6
8
LT1236 G04
5
11
12
9
04
10
12
14
LT1236-10
LT1236-5
VIN = 0V TO 12V
Start-Up (Shunt Mode), LT1236-10
Output Voltage Noise Spectrum
FREQUENCY (Hz)
100
200
250
350
400
10
1k
1M
LT1236 G06
0
100
300
150
50
LT1236-10
LT1236-5
TIME (
µs)
9
10
11
48
LT1236 G05
8
7
02
610
12
6
5
LT1236-10
IN
GND
OUT
NC
1k
VOUT
0V
VOUT + 2V


Similar Part No. - LT1236

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1236 LINER-LT1236 Datasheet
262Kb / 12P
   Precision Reference
LT1236 LINER-LT1236 Datasheet
162Kb / 8P
   Ultra Precision Reference
logo
Linear Integrated Syste...
LT1236 LINEAR-LT1236 Datasheet
105Kb / 8P
   2.5V Reference
LT1236 LINEAR-LT1236 Datasheet
747Kb / 22P
   1.5ppm C Drift, Low Noise, Buffered Reference
logo
Linear Technology
LT1236 LINER-LT1236 Datasheet
558Kb / 24P
   Dual Serial 18-Bit SoftSpan IOUT DACs
More results

Similar Description - LT1236

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
   Precision Reference?
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM199 NSC-LM199_05 Datasheet
651Kb / 10P
   Precision Reference
logo
Linear Technology
LM199 LINER-LM199 Datasheet
296Kb / 5P
   Precision Reference
logo
National Semiconductor ...
LM329 NSC-LM329_08 Datasheet
197Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1236ACS8-5PBF LINEAR_DIMENSIONS-LT1236ACS8-5PBF Datasheet
230Kb / 12P
   Precision Reference
logo
Linear Technology
LT1021 LINER-LT1021_05 Datasheet
228Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM129 NSC-LM129 Datasheet
165Kb / 10P
   Precision Reference
logo
Linear Technology
LT1236 LINER-LT1236 Datasheet
262Kb / 12P
   Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com