Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1259 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1259
Description  Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1259 Datasheet(HTML) 4 Page - Linear Technology

  LT1259 Datasheet HTML 1Page - Linear Technology LT1259 Datasheet HTML 2Page - Linear Technology LT1259 Datasheet HTML 3Page - Linear Technology LT1259 Datasheet HTML 4Page - Linear Technology LT1259 Datasheet HTML 5Page - Linear Technology LT1259 Datasheet HTML 6Page - Linear Technology LT1259 Datasheet HTML 7Page - Linear Technology LT1259 Datasheet HTML 8Page - Linear Technology LT1259 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1259/LT1260
The q denotes specifications which apply over the specified operating
temperature range.
Note 1: A heat sink may be required depending on the power supply
voltage and how many amplifiers have their outputs short circuited.
Note 2: Commercial grade parts are designed to operate over the
temperature range of – 40
°C to 85°C but are neither tested nor guaranteed
beyond 0
°C to 70°C. Industrial grade parts specified and tested over
–40
°C to 85°C are available on special request. Consult factory.
Note 3: Ground pins are not internally connected. For best
performance, connect to ground.
Note 4: TJ is calculated from the ambient temperature TA and the
power dissipation PD according to the following formulas:
LT1259CN/LT1259IN: TJ = TA + (PD • 70°C/W)
LT1259CS/LT1259IS: TJ = TA + (PD • 110°C/W)
LT1260CNLT1260IN/: TJ = TA + (PD • 70°C/W)
LT1260CS/LT1260IS: TJ = TA + (PD • 100°C/W)
Note 5: The supply current of the LT1259/LT1260 has a negative
temperature coefficient. See Typical Performance Characteristics.
Note 6: Slew rate is measured at
±5V on a ±10V output signal while
operating on
±15V supplies with RF = 1k, RG = 110Ω and RL = 1k.
Note 7: Turn-on delay time is measured while operating on
±5V
supplies with RF = 1k, RG = 110Ω and RL = 150Ω. The tON is measured
from control input to appearance of 0.5V at the output, for VIN = 0.1V.
Likewise, turn-off delay time is measured from control input to
appearance of 0.5V on the output for VIN = 0.1V.
Note 8: Differential gain and phase are measured using a Tektronix
TSG120YC/NTSC signal generator and a Tektronix 1780R Video
Measurement Set. The resolution of this equipment is 0.1% and 0.1
°.
Six identical amplifier stages were cascaded giving an effective
resolution of 0.016% and 0.016
°.
SMALL SIGNAL
SMALL SIGNAL
SMALL SIGNAL
VS (V)
AV
RL (Ω)RF (Ω)RG (Ω)
– 3dB BW (MHz)
0.1dB BW (MHz)
PEAKING (dB)
±12
2
150
1.5k
1.5k
130
53
0.1
±5
2
150
1.1k
1.1k
93
40
0
±12
10
150
1.1k
121
69
20
0.13
±5
10
150
825
90.9
61
16
0
±12V Frequency Response, AV = 2
FREQUENCY (MHz)
1
2
4
6
8
10
10
100
LT1259/60 • TPC01
3
5
7
9
11
12
–200
–160
–120
–80
–40
–180
–140
–100
–60
0
PHASE
GAIN
VS = ±12V
RL = 150Ω
RF = RG = 1.5k
–20
FREQUENCY (MHz)
1
16
18
20
22
24
10
100
LT1259/60 • TPC01
17
19
21
23
25
26
–200
–160
–120
–80
–40
–180
–140
–100
–60
0
PHASE
GAIN
VS = ±12V
RL = 150Ω
RF = 1.1k
RG = 121Ω
–20
±12V Frequency Response, AV = 10
ELECTRICAL CHARACTERISTICS
TYPICAL AC PERFOR A CE
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LT1259

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1259 LINER-LT1259 Datasheet
319Kb / 12P
   Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
LT1259CN LINER-LT1259CN Datasheet
319Kb / 12P
   Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
LT1259CS LINER-LT1259CS Datasheet
319Kb / 12P
   Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
LT1259IN LINER-LT1259IN Datasheet
319Kb / 12P
   Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
LT1259IS LINER-LT1259IS Datasheet
319Kb / 12P
   Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
More results

Similar Description - LT1259

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1260 LINER-LT1260_15 Datasheet
335Kb / 12P
   Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
LT1259 LINER-LT1259 Datasheet
319Kb / 12P
   Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
LT1399HV LINER-LT1399HV_15 Datasheet
436Kb / 16P
   Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
LT1398 LINER-LT1398 Datasheet
229Kb / 16P
   Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
LT1398 LINER-LT1398_15 Datasheet
436Kb / 16P
   Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
LT1399 LINER-LT1399_15 Datasheet
436Kb / 16P
   Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
logo
Intersil Corporation
EL2460 INTERSIL-EL2460 Datasheet
294Kb / 15P
   Dual/Quad 130MHz Current Feedback Amplifiers
EL2360 INTERSIL-EL2360 Datasheet
279Kb / 14P
   Triple 130MHz Current Feedback Amplifier
logo
Maxim Integrated Produc...
MAX4223 MAXIM-MAX4223 Datasheet
243Kb / 20P
   1GHz, Low-Power, SOT23, Current-Feedback Amplifiers with Shutdown
Rev 2a; 6/97
logo
Analog Devices
AD8072 AD-AD8072_15 Datasheet
402Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com