Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1641-1 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1641-1
Description  Positive High Voltage Hot Swap Controllers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1641-1 Datasheet(HTML) 3 Page - Linear Technology

  LT1641-1_15 Datasheet HTML 1Page - Linear Technology LT1641-1_15 Datasheet HTML 2Page - Linear Technology LT1641-1_15 Datasheet HTML 3Page - Linear Technology LT1641-1_15 Datasheet HTML 4Page - Linear Technology LT1641-1_15 Datasheet HTML 5Page - Linear Technology LT1641-1_15 Datasheet HTML 6Page - Linear Technology LT1641-1_15 Datasheet HTML 7Page - Linear Technology LT1641-1_15 Datasheet HTML 8Page - Linear Technology LT1641-1_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1641-1/LT1641-2
164112fc
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tPHLON
ON Low to GATE Low
Figures 1, 2
6
µs
tPLHON
ON High to GATE High
Figures 1, 2
1.7
µs
tPHLFB
FB Low to PWRGD Low
Figures 1, 3
3.2
µs
tPLHFB
FB High to PWRGD High
Figures 1, 3
1.5
µs
tPHLSENSE
(VCC – SENSE) High to GATE Low
Figures 1, 4
0.5
1
2
µs
AC ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to ground unless otherwise
specified.
TA = 25°C, VCC = 24V
TYPICAL PERFOR A CE CHARACTERISTICS
VCC (V)
0
20
40
60
80
100
1641-1 G01
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
85
°C
25
°C
–45
°C
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
1641-1 G02
3.0
2.5
2.0
1.5
1.0
0.5
0
48V
24V
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
1641-1 G03
1.250
1.245
1.240
1.235
1.230
1.225
1.220
1.215
1.210
1.205
1.200
VCC = 48V
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
1641-1 G04
1.335
1.330
1.325
1.320
1.315
1.310
1.305
1.300
1.295
1.290
1.285
1.280
VCC = 48V
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
1641-1 G05
0.100
0.095
0.090
0.085
0.080
0.075
0.070
0.065
0.060
0.055
0.050
0.045
0.040
VCC = 48V
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
1641-1 G06
–5
–6
–7
–8
–9
–10
–11
–12
–13
VCC = 48V
ICC vs VCC
ICC vs Temperature
FB Pin Low Voltage Threshold vs
Temperature
FB Pin High Voltage Threshold vs
Temperature
FB Pin Hysteresis vs Temperature
IGATE Pull Up vs Temperature


Similar Part No. - LT1641-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1641-1CS8 LINER-LT1641-1CS8 Datasheet
179Kb / 12P
   Positive High Voltage Hot Swap Controllers
LT1641-1IS8 LINER-LT1641-1IS8 Datasheet
179Kb / 12P
   Positive High Voltage Hot Swap Controllers
More results

Similar Description - LT1641-1_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5933A MAXIM-MAX5933A Datasheet
269Kb / 15P
   Positive High-Voltage, Hot-Swap Controllers
Rev 1; 7/04
logo
Linear Technology
LT4256-2 LINER-LT4256-2_15 Datasheet
219Kb / 16P
   Positive High Voltage Hot Swap Controllers
LT1641-1 LINER-LT1641-1 Datasheet
179Kb / 12P
   Positive High Voltage Hot Swap Controllers
LT4256-1 LINER-LT4256-1_15 Datasheet
219Kb / 16P
   Positive High Voltage Hot Swap Controllers
LT1641-2 LINER-LT1641-2_15 Datasheet
185Kb / 12P
   Positive High Voltage Hot Swap Controllers
LT4256-1 LINER-LT4256-1 Datasheet
271Kb / 16P
   Positive High Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1 Datasheet
399Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_12 Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252B-2 LINER-LTC4252B-2_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com