Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1641-2 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1641-2
Description  Positive High Voltage Hot Swap Controllers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1641-2 Datasheet(HTML) 1 Page - Linear Technology

  LT1641-2_15 Datasheet HTML 1Page - Linear Technology LT1641-2_15 Datasheet HTML 2Page - Linear Technology LT1641-2_15 Datasheet HTML 3Page - Linear Technology LT1641-2_15 Datasheet HTML 4Page - Linear Technology LT1641-2_15 Datasheet HTML 5Page - Linear Technology LT1641-2_15 Datasheet HTML 6Page - Linear Technology LT1641-2_15 Datasheet HTML 7Page - Linear Technology LT1641-2_15 Datasheet HTML 8Page - Linear Technology LT1641-2_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1641-1/LT1641-2
164112fc
Positive High Voltage
Hot Swap Controllers
The LT
®1641-1/LT1641-2 are 8-pin Hot SwapTM control-
lers that allow a board to be safely inserted and removed
from a live backplane. Using an external N-channel pass
transistor, the board supply voltage can be ramped up at
a programmable rate. A high side switch driver controls an
N-channel gate for supply voltages ranging from 9V to
80V.
The chips feature a programmable analog foldback cur-
rent limit circuit. If the chips remain in current limit for
more than a programmable time, the N-channel pass
transistor is either latched off (LT1641-1) or is set to
automatically restart after a time-out delay (LT1641-2).
The PWRGD output indicates when the output voltage,
sensed by the FB pin, is within tolerance. The ON pin
provides programmable undervoltage lockout.
The LT1641-1/LT1641-2 are available in the 8-lead SO
package.
Hot Board Insertion
Electronic Circuit Breaker
Industrial High Side Switch/Circuit Breaker
24V/48V Industrial/Alarm Systems
Allows Safe Board Insertion and Removal from a
Live Backplane
Controls Supply Voltage from 9V to 80V
Programmable Analog Foldback Current Limiting
High Side Drive for an External N-Channel
Latched Operation Mode (LT1641-1)
Automatic Retry (LT1641-2)
User Programmable Supply Voltage Power-Up Rate
Undervoltage Lockout
Overvoltage Protection
Both are available in 8-Lead SO Package
*SMAT70A
*DIODES, INC.
VIN
24V
SHORT
PIN
GND
VCC
TIMER
SENSE
GATE
D1
CMPZ
5248B
GND
PWRGD
PWRGD
FB
R5
10
5%
ON
R1
49.9k
1%
1641-1 TA01
R2
3.4k
1%
C2
0.68
µF
R6,
1k, 5%
RS
0.01
C1
10nF
R3
59k
1%
R4
3.57k
1%
R7
24k
5%
CL
VOUT
LT1641-1/LT1641-2
Q1
IRF530
24V Input Voltage Application
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LT1641-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1641-2CS8 LINER-LT1641-2CS8 Datasheet
179Kb / 12P
   Positive High Voltage Hot Swap Controllers
LT1641-2IS8 LINER-LT1641-2IS8 Datasheet
179Kb / 12P
   Positive High Voltage Hot Swap Controllers
More results

Similar Description - LT1641-2_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5933A MAXIM-MAX5933A Datasheet
269Kb / 15P
   Positive High-Voltage, Hot-Swap Controllers
Rev 1; 7/04
logo
Linear Technology
LT4256-2 LINER-LT4256-2_15 Datasheet
219Kb / 16P
   Positive High Voltage Hot Swap Controllers
LT1641-1 LINER-LT1641-1 Datasheet
179Kb / 12P
   Positive High Voltage Hot Swap Controllers
LT4256-1 LINER-LT4256-1_15 Datasheet
219Kb / 16P
   Positive High Voltage Hot Swap Controllers
LT1641-1 LINER-LT1641-1_15 Datasheet
185Kb / 12P
   Positive High Voltage Hot Swap Controllers
LT4256-1 LINER-LT4256-1 Datasheet
271Kb / 16P
   Positive High Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1 Datasheet
399Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_12 Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252B-2 LINER-LTC4252B-2_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com