Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV74AFPEL Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HD74LV74AFPEL
Description  Dual D?뱓ype Flip Flops with Preset and Clear
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV74AFPEL Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HD74LV74AFPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LV74AFPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LV74AFPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LV74AFPEL Datasheet HTML 7Page - Renesas Technology Corp HD74LV74AFPEL Datasheet HTML 8Page - Renesas Technology Corp HD74LV74AFPEL Datasheet HTML 9Page - Renesas Technology Corp HD74LV74AFPEL Datasheet HTML 10Page - Renesas Technology Corp HD74LV74AFPEL Datasheet HTML 11Page - Renesas Technology Corp HD74LV74AFPEL Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
HD74LV74A
Rev.3.00 Jun. 02, 2004 page 8 of 9
Package Dimensions
Package Code
JEDEC
JEITA
Mass (reference value)
FP-14DAV
Conforms
0.23 g
*Ni/Pd/Au plating
*0.40 ± 0.06
0.70 ± 0.20
0.12
0.15
0˚ – 8˚
M
10.06
1.42 Max
14
8
1
7
10.5 Max
+ 0.20
– 0.30
7.80
1.15
1.27
As of January, 2003
Unit: mm
Package Code
JEDEC
JEITA
Mass (reference value)
FP-14DNV
Conforms
Conforms
0.13 g
0˚ – 8˚
1.27
14
8
1
7
0.15
0.25 M
8.65
9.05 Max
*0.40 ± 0.06
0.635 Max
6.10
+ 0.10
– 0.30
0.60
+ 0.67
– 0.20
1.08
*Ni/Pd/Au plating
As of January, 2003
Unit: mm


Similar Part No. - HD74LV74AFPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV74AFPEL RENESAS-HD74LV74AFPEL Datasheet
83Kb / 10P
   Dual D-type Flip Flops with Preset and Clear
More results

Similar Description - HD74LV74AFPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV2G74A RENESAS-HD74LV2G74A_15 Datasheet
136Kb / 11P
   Single D?뱓ype Flip Flops with Preset and Clear
logo
Aeroflex Circuit Techno...
UT54ACTS74E AEROFLEX-UT54ACTS74E Datasheet
131Kb / 9P
   Dual D Flip-Flops with Clear and Preset
logo
Renesas Technology Corp
HD74LV2GT74A RENESAS-HD74LV2GT74A_15 Datasheet
133Kb / 12P
   Single D?뱓ype Flip Flops with Preset and Clear / CMOS Logic Level Shifter
logo
Aeroflex Circuit Techno...
UT54ACS74 AEROFLEX-UT54ACS74 Datasheet
238Kb / 10P
   Dual D Flip-Flops with Clear & Preset
logo
Renesas Technology Corp
HD74HC74 RENESAS-HD74HC74 Datasheet
108Kb / 8P
   Dual D-type Flip-Flops (with Preset and Clear)
RD74LVC74B RENESAS-RD74LVC74B Datasheet
112Kb / 9P
   Dual D-type Flip Flops with Preset and Clear
logo
Hitachi Semiconductor
HD74LVC74 HITACHI-HD74LVC74 Datasheet
48Kb / 9P
   Dual D-type Flip Flops with Preset and Clear
HD74HC74 HITACHI-HD74HC74 Datasheet
58Kb / 9P
   Dual D-type Flip-Flops (with Preset and Clear)
logo
Renesas Technology Corp
RD74LVC74B RENESAS-RD74LVC74B_15 Datasheet
131Kb / 11P
   Dual D-type Flip Flops with Preset and Clear
HD74LVC74 RENESAS-HD74LVC74 Datasheet
189Kb / 7P
   Dual D-type Flip Flops with Preset and Clear
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com