Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV74ATELL Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74LV74ATELL
Description  Dual D?뱓ype Flip Flops with Preset and Clear
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV74ATELL Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HD74LV74ATELL Datasheet HTML 2Page - Renesas Technology Corp HD74LV74ATELL Datasheet HTML 3Page - Renesas Technology Corp HD74LV74ATELL Datasheet HTML 4Page - Renesas Technology Corp HD74LV74ATELL Datasheet HTML 5Page - Renesas Technology Corp HD74LV74ATELL Datasheet HTML 6Page - Renesas Technology Corp HD74LV74ATELL Datasheet HTML 7Page - Renesas Technology Corp HD74LV74ATELL Datasheet HTML 8Page - Renesas Technology Corp HD74LV74ATELL Datasheet HTML 9Page - Renesas Technology Corp HD74LV74ATELL Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
HD74LV74A
Rev.3.00 Jun. 02, 2004 page 4 of 9
DC Electrical Characteristics
Ta = –40 to 85°C
Item
Symbol
VCC (V)*
Min
Typ
Max
Unit
Test Conditions
2.0
1.5
2.3 to 2.7
VCC
× 0.8
3.0 to 3.6
VCC
× 0.8
VIH
4.5 to 5.5
VCC
× 0.8
2.0
0.3
2.3 to 2.7
VCC
× 0.2
3.0 to 3.6
VCC
× 0.2
Input voltage
VIL
4.5 to 5.5
VCC
× 0.2
V
Min to Max
VCC – 0.1
IOL = –50
µA
2.3
2.0
IOL = –2 mA
3.0
2.48
IOL = –6 mA
VOH
4.5
3.8
IOL = –12 mA
Min to Max
0.1
IOL = 50
µA
2.3
0.4
IOL = 2 mA
3.0
0.44
IOL = 6 mA
Output voltage
VOL
4.5
0.55
V
IOL = 12 mA
Input current
IIN
0 to 5.5
±1
µAVIN = 5.5 V or GND
Quiescent supply
current
ICC
5.5
20
µAVIN = VCC or GND, IO = 0
Output leakage
current
IOFF
0—
5
µAVI or VO = 0 V to 5.5 V
Input capacitance
CIN
3.3
2.0
pF
VI = VCC or GND
Note:
For conditions shown as Min or Max, use the appropriate values under recommended operating conditions.


Similar Part No. - HD74LV74ATELL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV74ATELL RENESAS-HD74LV74ATELL Datasheet
83Kb / 10P
   Dual D-type Flip Flops with Preset and Clear
More results

Similar Description - HD74LV74ATELL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV2G74A RENESAS-HD74LV2G74A_15 Datasheet
136Kb / 11P
   Single D?뱓ype Flip Flops with Preset and Clear
logo
Aeroflex Circuit Techno...
UT54ACTS74E AEROFLEX-UT54ACTS74E Datasheet
131Kb / 9P
   Dual D Flip-Flops with Clear and Preset
logo
Renesas Technology Corp
HD74LV2GT74A RENESAS-HD74LV2GT74A_15 Datasheet
133Kb / 12P
   Single D?뱓ype Flip Flops with Preset and Clear / CMOS Logic Level Shifter
logo
Aeroflex Circuit Techno...
UT54ACS74 AEROFLEX-UT54ACS74 Datasheet
238Kb / 10P
   Dual D Flip-Flops with Clear & Preset
logo
Renesas Technology Corp
HD74HC74 RENESAS-HD74HC74 Datasheet
108Kb / 8P
   Dual D-type Flip-Flops (with Preset and Clear)
RD74LVC74B RENESAS-RD74LVC74B Datasheet
112Kb / 9P
   Dual D-type Flip Flops with Preset and Clear
logo
Hitachi Semiconductor
HD74LVC74 HITACHI-HD74LVC74 Datasheet
48Kb / 9P
   Dual D-type Flip Flops with Preset and Clear
HD74HC74 HITACHI-HD74HC74 Datasheet
58Kb / 9P
   Dual D-type Flip-Flops (with Preset and Clear)
logo
Renesas Technology Corp
RD74LVC74B RENESAS-RD74LVC74B_15 Datasheet
131Kb / 11P
   Dual D-type Flip Flops with Preset and Clear
HD74LVC74 RENESAS-HD74LVC74 Datasheet
189Kb / 7P
   Dual D-type Flip Flops with Preset and Clear
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com