Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV123ATELL Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74LV123ATELL
Description  Dual Retriggerable Monostable Multivibrators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV123ATELL Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74LV123ATELL Datasheet HTML 1Page - Renesas Technology Corp HD74LV123ATELL Datasheet HTML 2Page - Renesas Technology Corp HD74LV123ATELL Datasheet HTML 3Page - Renesas Technology Corp HD74LV123ATELL Datasheet HTML 4Page - Renesas Technology Corp HD74LV123ATELL Datasheet HTML 5Page - Renesas Technology Corp HD74LV123ATELL Datasheet HTML 6Page - Renesas Technology Corp HD74LV123ATELL Datasheet HTML 7Page - Renesas Technology Corp HD74LV123ATELL Datasheet HTML 8Page - Renesas Technology Corp HD74LV123ATELL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
HD74LV123A
Rev.6.00 Jun. 02, 2004 page 3 of 15
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Conditions
Supply voltage range
VCC
–0.5 to 7.0
V
Input voltage range*
1
VI
–0.5 to 7.0
V
–0.5 to VCC + 0.5
Output: H or L
Output voltage range*
1, 2
VO
–0.5 to 7.0
V
VCC: OFF
Input clamp current
IIK
–20
mA
VI < 0
Output clamp current
IOK
±50
mA
VO < 0 or VO > VCC
Continuous output current
IO
±25
mA
VO = 0 to VCC
Continuous current through
VCC or GND
ICC or IGND
±50
mA
785
SOP
Maximum power dissipation at
Ta = 25°C (in still air)*
3
PT
500
mW
TSSOP
Storage temperature
Tstg
–65 to 150
°C
Notes: The absolute maximum ratings are values, which must not individually be exceeded, and furthermore, no two of
which may be realized at the same time.
1. The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are
observed.
2. This value is limited to 5.5 V maximum.
3. The maximum package power dissipation was calculated using a junction temperature of 150°C.
Recommended Operating Conditions
Item
Symbol
Min
Typ
Max
Unit
Conditions
Supply voltage range
VCC
2.0
5.5
V
Input voltage range
VI
0—
5.5
V
Output voltage range
VO
0—
VCC
V
–50
µAVCC = 2.0 V
——
–2
VCC = 2.3 to 2.7 V
——
–6
VCC = 3.0 to 3.6 V
IOH
–12
mA
VCC = 4.5 to 5.5 V
——
50
µAVCC = 2.0 V
——
2
VCC = 2.3 to 2.7 V
——
6
VCC = 3.0 to 3.6 V
Output current
IOL
——
12
mA
VCC = 4.5 to 5.5 V
0
200
VCC = 2.3 to 2.7 V
0
100
VCC = 3.0 to 3.6 V
Input transition rise or fall rate
∆t /∆v
0—
20
ns/V
VCC = 4.5 to 5.5 V
5—
VCC = 2.0 V
External timing resistance
Rext
1—
k
VCC
≥ 2.3 V
External timing capacitance
Cext
Unlimited
F
Power-up ramp rate
∆t /∆VCC 1
——ms/
V
Operating free-air temperature
Ta
–40
85
°C
Note:
Unused or floating inputs must be held high or low.


Similar Part No. - HD74LV123ATELL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV123ATELL RENESAS-HD74LV123ATELL Datasheet
119Kb / 16P
   Dual Retriggerable Monostable Multivibrators
More results

Similar Description - HD74LV123ATELL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LV123A HITACHI-HD74LV123A Datasheet
91Kb / 20P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHCT123A TI-SN54AHCT123A_07 Datasheet
726Kb / 24P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Renesas Technology Corp
HD74LV123A RENESAS-HD74LV123A Datasheet
119Kb / 16P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHC123A TI-SN54AHC123A Datasheet
637Kb / 23P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54AHC123A TI1-SN54AHC123A_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54LS422 TI-SN54LS422 Datasheet
323Kb / 9P
[Old version datasheet]   RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54LS422 TI1-SN54LS422_12 Datasheet
612Kb / 9P
[Old version datasheet]   RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54AHCT123A TI-SN54AHCT123A Datasheet
570Kb / 21P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Hitachi Semiconductor
HD74HC423A HITACHI-HD74HC423A Datasheet
51Kb / 8P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHCT123A TI-SN54AHCT123A_08 Datasheet
867Kb / 25P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com