Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1679 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1679
Description  Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1679 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1679_15 Datasheet HTML 6Page - Linear Technology LT1679_15 Datasheet HTML 7Page - Linear Technology LT1679_15 Datasheet HTML 8Page - Linear Technology LT1679_15 Datasheet HTML 9Page - Linear Technology LT1679_15 Datasheet HTML 10Page - Linear Technology LT1679_15 Datasheet HTML 11Page - Linear Technology LT1679_15 Datasheet HTML 12Page - Linear Technology LT1679_15 Datasheet HTML 13Page - Linear Technology LT1679_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LT1678/LT1679
10
sn16789 16789fs
FREQUENCY (MHz)
0.1
50
40
30
20
10
0
–10
100
80
60
40
20
0
–20
100
80
60
40
20
0
–20
1
10
100
16789 G24
GAIN
PHASE
VS = ±15V
VCM = 0V
CL = 10pF
TA = –55°C
TA = 25°C
TA = 125°C
TA = 125°C
TA = 25°C
TA = –55°C
FREQUENCY (MHz)
0.1
50
40
30
20
10
0
–10
1
10
100
16789 G26
GAIN
PHASE
VS = ±15V
VCM = –14V
CL = 10pF
FREQUENCY (MHz)
0.1
50
40
30
20
10
0
–10
1
10
100
16789 G25
GAIN
PHASE
VS = ±15V
VCM = 14.7V
CL = 10pF
TA = 125°C
TA = –55°C
100
80
60
40
20
0
–20
TA = 25°C
TA = 125°C
TA = –55°C
TA = 25°C
TA = 25°C
TA = –55°C
TA = –55°C
TA = 125°C
TA = 25°C
FREQUENCY (Hz)
10
100
10
1
0.1
0.01
0.001
100k
16789 G28
100
1k
10k
1M
AV = 1
AV = 100
VS = ±15V
OUTPUT STEP (V)
–10 –8
–4
0
4
8
6
5
4
3
2
1
0
–6
–2
2
6
16789 G22
6
5
4
3
2
1
0
10
OUTPUT STEP (V)
–10 –8
–4
0
4
8
–6
–2
2
6
10
16789 G23
+
5k
5k
VIN
VOUT
+
2k
2k
VIN
VOUT
RL = 1k
VS = ±15V
AV = 1
TA = 25°C
VS = ±15V
AV = –1
TA = 25°C
0.1% OF
FULL SCALE
0.1% OF
FULL SCALE
0.1% OF
FULL SCALE
0.1% OF
FULL SCALE
0.01% OF
FULL SCALE
0.01% OF
FULL SCALE
0.01% OF
FULL SCALE
0.01% OF
FULL SCALE
OUTPUT CURRENT (mA)
–10
–6
–2
08
10
16789 G27
–8
–4
2
4
6
0
–0.1
–0.2
–0.3
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
VS = ±15V
TA = 125°C
TA = 125°C
TA = 25°C
TA = –55°C
TA = –55°C
TA = 25°C
FREQUENCY (Hz)
20
1k
10k
50k
16789 G29
100
0.1
0.01
0.001
0.0001
FREQUENCY (Hz)
20
1k
10k
50k
16789 G30
100
0.1
0.01
0.001
0.0001
AV = 100
AV = 10
AV = 1
AV = –100
AV = –10
AV = –1
ZL = 2k/15pF
VS = ±15V
VO = 20VP-P
AV = 1, 10, 100
MEASUREMENT BANDWIDTH
= 10Hz TO 80kHz
ZL = 2k/15pF
VS = ±15V
VO = 20VP-P
AV = –1, –10, –100
MEASUREMENT BANDWIDTH
= 10Hz TO 80kHz
+VS
–VS
TYPICAL PERFOR A CE CHARACTERISTICS
Gain, Phase Shift vs Frequency
Gain, Phase Shift vs Frequency
Gain, Phase Shift vs Frequency
Closed-Loop Output
Impedance vs Frequency
Settling Time vs Output
Step (Inverting)
Settling Time vs Output
Step (Noninverting)
Output Voltage Swing vs
Load Current
Total Harmonic Distortion and
Noise vs Frequency for
Noninverting Gain
Total Harmonic Distortion and
Noise vs Frequency for
Noninverting Gain


Similar Part No. - LT1679_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1679CS LINER-LT1679CS Datasheet
297Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT1679IS LINER-LT1679IS Datasheet
297Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
More results

Similar Description - LT1679_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1678 LINER-LT1678_15 Datasheet
298Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT1678 LINER-LT1678 Datasheet
297Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
logo
Analog Devices
ADA4610-1 AD-ADA4610-1_16 Datasheet
750Kb / 25P
   Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
logo
Linear Technology
LTC6241 LINER-LTC6241 Datasheet
490Kb / 24P
   Dual/Quad 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amps
LT1884 LINER-LT1884 Datasheet
178Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1885 LINER-LT1885_15 Datasheet
174Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1884 LINER-LT1884_15 Datasheet
174Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LTC6241 LINER-LTC6241_15 Datasheet
430Kb / 32P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
logo
Linear Dimensions Semic...
LTC6240CS5-TRPBF LINEAR_DIMENSIONS-LTC6240CS5-TRPBF Datasheet
430Kb / 32P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
logo
Linear Technology
LTC6240 LINER-LTC6240 Datasheet
522Kb / 28P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com