Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1814 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1814
Description  Dual/Quad 3mA, 100MHz, 750V/s Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1814 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1814_15 Datasheet HTML 5Page - Linear Technology LT1814_15 Datasheet HTML 6Page - Linear Technology LT1814_15 Datasheet HTML 7Page - Linear Technology LT1814_15 Datasheet HTML 8Page - Linear Technology LT1814_15 Datasheet HTML 9Page - Linear Technology LT1814_15 Datasheet HTML 10Page - Linear Technology LT1814_15 Datasheet HTML 11Page - Linear Technology LT1814_15 Datasheet HTML 12Page - Linear Technology LT1814_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1813/LT1814
18134fa
TYPICAL PERFOR A CE CHARACTERISTICS
SUPPLY VOLTAGE (
±V)
0
3
1813/14 G19
70
45
40
35
12
4
110
90
567
TA = 25°C
GBW
RL = 500Ω
GBW
RL = 100Ω
PHASE MARGIN
RL = 100Ω
PHASE MARGIN
RL = 500Ω
FREQUENCY (Hz)
1k
10k
100k
40
60
80
1M
10M
100M
1813/14 G20
20
0
100
–PSRR
+PSRR
TA = 25°C
AV = 1
VS = ±5V
FREQUENCY (Hz)
1k
10k
100k
40
60
80
1M
10M
100M
1813/14 G21
20
0
100
TA = 25°C
VS = ±5V
Gain Bandwidth and Phase
Margin vs Supply Voltage
Power Supply Rejection Ratio
vs Frequency
Common Mode Rejection Ratio
vs Frequency
Slew Rate vs Supply Voltage
Slew Rate vs Supply Voltage
Slew Rate vs Input Level
SUPPLY VOLTAGE (
±V)
0
0
100
300
400
500
1000
700
2
4
5
1813/14 G22
200
800
900
600
1
3
6
7
TA =25°C
AV = –1
VIN = VS(TOTAL)/2
RF = RG = RL = 500Ω
SR+
SR
SUPPLY VOLTAGE (
±V)
0
200
300
450
2
4
5
1813/14 G23
250
400
350
1
3
6
7
TA =25°C
AV = –1
VIN = ±1V
RF = RG = RL = 500Ω
SR
SR+
INPUT LEVEL (VP-P)
0
200
600
1200
2
4
5
1813/14 G24
400
1000
800
1
3
6
78
TA =25°C
AV = –1
VS = ±5V
RF = RG = RL = 500Ω
SR
SR+
Slew Rate vs Temperature
Undistorted Output Swing
vs Frequency
Total Harmonic Distortion + Noise
vs Frequency
TEMPERATURE (
°C)
–50
200
300
500
600
700
50
1100
1813/14 G25
400
0
125
100
25
–25
75
800
900
1000
SR+
VS = ± 5V
SR+ VS = ±2.5V
SRVS = ±2.5V
SR
VS = ± 5V
FREQUENCY (Hz)
10
100
0.001
0.002
0.005
0.01
1k
10k
100k
1813/14 G26
AV = –1
AV = 1
TA = 25°C
VS = ± 5V
VO = 2VP-P
RL = 500Ω
FREQUENCY (Hz)
100k
5
6
7
8
9
1M
10M
100M
1813/14 G27
4
3
1
0
2
AV = – 1
AV = 1
VS = ± 5V
RL = 100Ω
2% MAX DISTORTION


Similar Part No. - LT1814_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1814CGN LINER-LT1814CGN Datasheet
244Kb / 16P
   Dual/Quad 3mA, 100MHz, 750V/짰 Operational Amplifiers
LT1814IGN LINER-LT1814IGN Datasheet
244Kb / 16P
   Dual/Quad 3mA, 100MHz, 750V/짰 Operational Amplifiers
More results

Similar Description - LT1814_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1813 LINER-LT1813_15 Datasheet
250Kb / 16P
   Dual/Quad 3mA, 100MHz, 750V/s Operational Amplifiers
LT1813 LINER-LT1813_1 Datasheet
244Kb / 16P
   Dual/Quad 3mA, 100MHz, 750V/짰 Operational Amplifiers
RH1814M LINER-RH1814M_15 Datasheet
648Kb / 8P
   Quad 3mA, 100MHz, 750V/s Operational Amplifier
RH1814M LINER-RH1814M Datasheet
88Kb / 8P
   Quad 3mA, 100MHz, 750V/關s Operational Amplifier
RH1814 LINER-RH1814_15 Datasheet
130Kb / 2P
   Dual 3mA, 100MHz, 750V/s Operational Amplifi er
RH1814 LINER-RH1814 Datasheet
120Kb / 2P
   Dual 3mA, 100MHz, 750V/關s Operational Amplifi er
LT1813 LINER-LT1813 Datasheet
204Kb / 12P
   Dual 3mA, 100MHz, 750V/us Operational Amplifier
LT1812 LINER-LT1812_15 Datasheet
250Kb / 16P
   3mA, 100MHz, 750V/s Operational Amplifi er with Shutdown
LT1812 LINER-LT1812_1 Datasheet
230Kb / 16P
   3mA, 100MHz, 750V/ms Operational Amplifier with Shutdown
LT1812 LINER-LT1812 Datasheet
202Kb / 12P
   3mA, 100MHz, 750V/us Operational Amplifier with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com