Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1814 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1814
Description  Dual/Quad 3mA, 100MHz, 750V/s Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1814 Datasheet(HTML) 4 Page - Linear Technology

  LT1814_15 Datasheet HTML 1Page - Linear Technology LT1814_15 Datasheet HTML 2Page - Linear Technology LT1814_15 Datasheet HTML 3Page - Linear Technology LT1814_15 Datasheet HTML 4Page - Linear Technology LT1814_15 Datasheet HTML 5Page - Linear Technology LT1814_15 Datasheet HTML 6Page - Linear Technology LT1814_15 Datasheet HTML 7Page - Linear Technology LT1814_15 Datasheet HTML 8Page - Linear Technology LT1814_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1813/LT1814
18134fa
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = ±5V, VCM = 0V, unless otherwise noted. (Note 8)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IOUT
Maximum Output Current
VOUT = ±3V, 30mV Overdrive
±40
±60
mA
TA = 0°C to 70°C
±35
mA
TA = – 40°C to 85°C
±30
mA
ISC
Output Short-Circuit Current
VOUT = 0V, 1V Overdrive (Note 3)
±75
±100
mA
TA = 0°C to 70°C
±60
mA
TA = – 40°C to 85°C
±55
mA
SR
Slew Rate
AV = –1 (Note 5)
500
750
V/
µs
TA = 0°C to 70°C
400
V/
µs
TA = – 40°C to 85°C
350
V/
µs
FPBW
Full Power Bandwidth
6VP-P (Note 6)
40
MHz
GBW
Gain Bandwidth Product
f = 200kHz, RL = 500Ω
75
100
MHz
TA = 0°C to 70°C
65
MHz
TA = – 40°C to 85°C
60
MHz
–3dB BW
–3dB Bandwidth
AV = 1, RL = 500Ω
200
MHz
tr, tf
Rise Time, Fall Time
AV = 1, 10% to 90%, 0.1V, RL = 100Ω
2ns
tPD
Propagation Delay (Note 10)
AV = 1, 50% to 50%, 0.1V, RL = 100Ω
2.8
ns
OS
Overshoot
AV = 1, 0.1V, RL = 100Ω
25
%
tS
Settling Time
AV = –1, 0.1%, 5V
30
ns
THD
Total Harmonic Distortion
AV = 2, f = 1MHz, VOUT = 2VP-P, RL = 500Ω
–76
dB
dG
Differential Gain
AV = 2, VOUT = 2VP-P, RL = 150Ω
0.12
%
dP
Differential Phase
AV = 2, VOUT = 2VP-P, RL = 150Ω
0.07
DEG
ROUT
Output Resistance
AV = 1, f = 1MHz
0.4
Channel Separation
VOUT = ±3V, RL = 100Ω
82
100
dB
TA = 0°C to 70°C
81
dB
TA = – 40°C to 85°C
80
dB
IS
Supply Current
Per Amplifier
3
3.6
mA
TA = 0°C to 70°C
4.5
mA
TA = – 40°C to 85°C
5.0
mA
Per Amplifier,VS = ±6.5V, (LT1813HV only)
4.0
mA
TA = 0°C to 70°C
5.0
mA
TA = – 40°C to 85°C
5.5
mA


Similar Part No. - LT1814_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1814CGN LINER-LT1814CGN Datasheet
244Kb / 16P
   Dual/Quad 3mA, 100MHz, 750V/짰 Operational Amplifiers
LT1814IGN LINER-LT1814IGN Datasheet
244Kb / 16P
   Dual/Quad 3mA, 100MHz, 750V/짰 Operational Amplifiers
More results

Similar Description - LT1814_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1813 LINER-LT1813_15 Datasheet
250Kb / 16P
   Dual/Quad 3mA, 100MHz, 750V/s Operational Amplifiers
LT1813 LINER-LT1813_1 Datasheet
244Kb / 16P
   Dual/Quad 3mA, 100MHz, 750V/짰 Operational Amplifiers
RH1814M LINER-RH1814M_15 Datasheet
648Kb / 8P
   Quad 3mA, 100MHz, 750V/s Operational Amplifier
RH1814M LINER-RH1814M Datasheet
88Kb / 8P
   Quad 3mA, 100MHz, 750V/關s Operational Amplifier
RH1814 LINER-RH1814_15 Datasheet
130Kb / 2P
   Dual 3mA, 100MHz, 750V/s Operational Amplifi er
RH1814 LINER-RH1814 Datasheet
120Kb / 2P
   Dual 3mA, 100MHz, 750V/關s Operational Amplifi er
LT1813 LINER-LT1813 Datasheet
204Kb / 12P
   Dual 3mA, 100MHz, 750V/us Operational Amplifier
LT1812 LINER-LT1812_15 Datasheet
250Kb / 16P
   3mA, 100MHz, 750V/s Operational Amplifi er with Shutdown
LT1812 LINER-LT1812_1 Datasheet
230Kb / 16P
   3mA, 100MHz, 750V/ms Operational Amplifier with Shutdown
LT1812 LINER-LT1812 Datasheet
202Kb / 12P
   3mA, 100MHz, 750V/us Operational Amplifier with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com