Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV157ARPEL Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HD74LV157ARPEL
Description  Quad. 2-to-1 line Data Selectors / Multiplexers (Noninverted Outputs)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV157ARPEL Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HD74LV157ARPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LV157ARPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LV157ARPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LV157ARPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LV157ARPEL Datasheet HTML 7Page - Renesas Technology Corp HD74LV157ARPEL Datasheet HTML 8Page - Renesas Technology Corp HD74LV157ARPEL Datasheet HTML 9Page - Renesas Technology Corp HD74LV157ARPEL Datasheet HTML 10Page - Renesas Technology Corp HD74LV157ARPEL Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
HD74LV157A
Rev.2.00 Jun. 03, 2004 page 6 of 8
Noise Characteristics
CL = 50 pF
Ta = 25°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Test Conditions
Quiet output, maximum
dynamic VOL
VOL (P)
3.3
0.3
0.8
V
Quiet output, minimum
dynamic VOL
VOL (V)
3.3
–0.2
–0.8
V
Quiet output, minimum
dynamic VOH
VOH (V)
3.3
3.0
V
High-level dynamic input
voltage
VIH (D)
3.3
2.31
——V
Low-level dynamic input
voltage
VIL (D)
3.3
——0.99
V
Test Circuit
L
*
Note: C includes the probe and jig capacitance.
Measurement point
C
L
tPLH
tPHL
VOH
VOL
0 V
VCC
VOH
VOL
tPHL
tPLH
10%
90%
CC
50% V
CC
50% V
CC
50% V
CC
50% V
CC
50% V
CC
50% V
10%
90%
tr
tf
Input
In phase output
Out of phase output
• Waveform
r
f
1. Input waveform: PRR
≤ 1 MHz, Zo = 50 Ω, t ≤ 3 ns, t ≤ 3 ns
2. The output is measured one at a time with one transition per measurement.
Notes:


Similar Part No. - HD74LV157ARPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV157ARPEL RENESAS-HD74LV157ARPEL Datasheet
77Kb / 9P
   Quad. 2-to-1 line Data Selectors / Multiplexers (Noninverted Outputs)
More results

Similar Description - HD74LV157ARPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV157A RENESAS-HD74LV157A Datasheet
77Kb / 9P
   Quad. 2-to-1 line Data Selectors / Multiplexers (Noninverted Outputs)
logo
Hitachi Semiconductor
HD74LV157A HITACHI-HD74LV157A Datasheet
62Kb / 14P
   Quad. 2-to-1 line Data Selectors / Multiplexers(Noninverted Outputs)
logo
Renesas Technology Corp
HD74HC157 RENESAS-HD74HC157 Datasheet
73Kb / 10P
   Quad. 2-to-1-line Data Selectors/Multiplexers (with noninverted outputs)
logo
Hitachi Semiconductor
HD74LS157 HITACHI-HD74LS157 Datasheet
59Kb / 6P
   Quadruple 2-line-to-1-line Data Selectors/Multiplexers(noninverted outputs)
logo
Renesas Technology Corp
HD74LS157 RENESAS-HD74LS157 Datasheet
73Kb / 7P
   Quadruple 2-line-to-1-line Data Selectors / Multiplexers (noninverted outputs)
HD74HC257 RENESAS-HD74HC257 Datasheet
106Kb / 8P
   Quad. 2-to-1-line Data Selectors/Multiplexers(with noninverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC257 HITACHI-HD74HC257 Datasheet
52Kb / 9P
   Quad. 2-to-1-line Data Selectors/Multiplexers(with noninverted 3-state outputs)
logo
National Semiconductor ...
54157 NSC-54157 Datasheet
118Kb / 6P
   Quad 2-Line to 1-Line Data Selectors/Multiplexers
54LS157 NSC-54LS157 Datasheet
160Kb / 8P
   Quad 2-Line to 1-Line Data Selectors/Multiplexers
logo
Fairchild Semiconductor
DM74LS157 FAIRCHILD-DM74LS157 Datasheet
79Kb / 7P
   Quad 2-Line to 1-Line Data Selectors/Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com