Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV221ARPEL Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74LV221ARPEL
Description  Dual Monostable Multivibrators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV221ARPEL Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74LV221ARPEL Datasheet HTML 1Page - Renesas Technology Corp HD74LV221ARPEL Datasheet HTML 2Page - Renesas Technology Corp HD74LV221ARPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LV221ARPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LV221ARPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LV221ARPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LV221ARPEL Datasheet HTML 7Page - Renesas Technology Corp HD74LV221ARPEL Datasheet HTML 8Page - Renesas Technology Corp HD74LV221ARPEL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
HD74LV221A
Rev.6.00 Jun. 23, 2004 page 3 of 13
Recommended Operating Conditions
Item
Symbol
Min
Typ
Max
Unit
Conditions
Supply voltage range
VCC
2.0
5.5
V
Input voltage range
VI
0—
5.5
V
Output voltage range
VO
0—
VCC
V
–50
µAVCC = 2.0 V
——
–2
VCC = 2.3 to 2.7 V
——
–6
VCC = 3.0 to 3.6 V
IOH
–12
mA
VCC = 4.5 to 5.5 V
——
50
µAVCC = 2.0 V
——
2
VCC = 2.3 to 2.7 V
——
6
VCC = 3.0 to 3.6 V
Output current
IOL
——
12
mA
VCC = 4.5 to 5.5 V
0
200
VCC = 2.3 to 2.7 V
0
100
VCC = 3.0 to 3.6 V
Input transition rise or fall rate
∆t /∆v
0—
20
ns/V
VCC = 4.5 to 5.5 V
5—
VCC = 2.0 V
External timing resistance
Rext
1—
k
VCC
≥ 2.3 V
External timing capacitance
Cext
unlimited
—F
Power-up ramp rate
∆t /∆VCC
1
ms/V
Operating free-air temperature
Ta
–40
85
°C
Note:
Unused or floating inputs must be held high or low.
Logic Diagram
A
B
CLR
Q
Q
Q
CLR
Q


Similar Part No. - HD74LV221ARPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV221ARPEL RENESAS-HD74LV221ARPEL Datasheet
114Kb / 14P
   Dual Monostable Multivibrators
More results

Similar Description - HD74LV221ARPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS221 HITACHI-HD74LS221 Datasheet
89Kb / 7P
   Dual Monostable Multivibrators
logo
Renesas Technology Corp
HD74LV221A RENESAS-HD74LV221A Datasheet
114Kb / 14P
   Dual Monostable Multivibrators
logo
Hitachi Semiconductor
HD74LV221A HITACHI-HD74LV221A Datasheet
88Kb / 19P
   Dual Monostable Multivibrators
logo
Renesas Technology Corp
HD74LS221 RENESAS-HD74LS221 Datasheet
104Kb / 9P
   Dual Monostable Multivibrators
logo
Hitachi Semiconductor
HD74LV123A HITACHI-HD74LV123A Datasheet
91Kb / 20P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHCT123A TI-SN54AHCT123A_07 Datasheet
726Kb / 24P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Renesas Technology Corp
HD74LV123A RENESAS-HD74LV123A Datasheet
119Kb / 16P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHC123A TI-SN54AHC123A Datasheet
637Kb / 23P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54AHC123A TI1-SN54AHC123A_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Renesas Technology Corp
HD74LV123A RENESAS-HD74LV123A_15 Datasheet
145Kb / 18P
   Dual Retriggerable Monostable Multivibrators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com