Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV221ATELL Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HD74LV221ATELL
Description  Dual Monostable Multivibrators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV221ATELL Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HD74LV221ATELL Datasheet HTML 6Page - Renesas Technology Corp HD74LV221ATELL Datasheet HTML 7Page - Renesas Technology Corp HD74LV221ATELL Datasheet HTML 8Page - Renesas Technology Corp HD74LV221ATELL Datasheet HTML 9Page - Renesas Technology Corp HD74LV221ATELL Datasheet HTML 10Page - Renesas Technology Corp HD74LV221ATELL Datasheet HTML 11Page - Renesas Technology Corp HD74LV221ATELL Datasheet HTML 12Page - Renesas Technology Corp HD74LV221ATELL Datasheet HTML 13Page - Renesas Technology Corp HD74LV221ATELL Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
HD74LV221A
Rev.6.00 Jun. 23, 2004 page 8 of 13
GND
VCC
GND
VCC
GND
VCC
10%
90%
50%
• Waveform − 1
Input
A
Input
CLR
Input B
Output Q
Output
Q
tf
tr
10%
90%
50%
tr
VOH
VOL
VOH
VOL
t
(trigger)
PLH
tPHL
tPLH
t (L)
w
CC
50% V
10%
90%
50%
50%
tr
90%
50%
10%
10%
90%
tf
CC
50% V
CC
50% V
CC
50% V
t
(trigger)
PHL


Similar Part No. - HD74LV221ATELL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV221ATELL RENESAS-HD74LV221ATELL Datasheet
114Kb / 14P
   Dual Monostable Multivibrators
More results

Similar Description - HD74LV221ATELL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS221 HITACHI-HD74LS221 Datasheet
89Kb / 7P
   Dual Monostable Multivibrators
logo
Renesas Technology Corp
HD74LV221A RENESAS-HD74LV221A Datasheet
114Kb / 14P
   Dual Monostable Multivibrators
logo
Hitachi Semiconductor
HD74LV221A HITACHI-HD74LV221A Datasheet
88Kb / 19P
   Dual Monostable Multivibrators
logo
Renesas Technology Corp
HD74LS221 RENESAS-HD74LS221 Datasheet
104Kb / 9P
   Dual Monostable Multivibrators
logo
Hitachi Semiconductor
HD74LV123A HITACHI-HD74LV123A Datasheet
91Kb / 20P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHCT123A TI-SN54AHCT123A_07 Datasheet
726Kb / 24P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Renesas Technology Corp
HD74LV123A RENESAS-HD74LV123A Datasheet
119Kb / 16P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHC123A TI-SN54AHC123A Datasheet
637Kb / 23P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54AHC123A TI1-SN54AHC123A_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Renesas Technology Corp
HD74LV123A RENESAS-HD74LV123A_15 Datasheet
145Kb / 18P
   Dual Retriggerable Monostable Multivibrators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com