Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV244AFPEL Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD74LV244AFPEL
Description  Octal Buffers / Drivers with 3-state Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV244AFPEL Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD74LV244AFPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LV244AFPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LV244AFPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LV244AFPEL Datasheet HTML 7Page - Renesas Technology Corp HD74LV244AFPEL Datasheet HTML 8Page - Renesas Technology Corp HD74LV244AFPEL Datasheet HTML 9Page - Renesas Technology Corp HD74LV244AFPEL Datasheet HTML 10Page - Renesas Technology Corp HD74LV244AFPEL Datasheet HTML 11Page - Renesas Technology Corp HD74LV244AFPEL Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
HD74LV244A
Rev.3.00 Jun. 24, 2004 page 7 of 9
tPLH
tPHL
VOH
VOH
VOL
VOL
0 V
VCC
10%
90%
CC
50% V
CC
50% V
CC
50% V
CC
50% V
CC
50% V
CC
50% V
10 %
90%
• Waveform − 1
• Waveform − 2
Input A
Output Y
tf
tr
tr
tf
tZL
0 V
0 V
VCC
VCC
tLZ
tZH
tHZ
10%
10 %
90%
90%
CC
50% V
CC
50% V
Input
OE
Waveform
A
Waveform
B
V
− 0.3 V
OH
V
+ 0.3 V
OL
rf
1. Input waveform: PRR
≤ 1 MHz, Zo = 50 Ω, t ≤ 3 ns, t ≤ 3 ns
2. Waveform
A is for an output with internal conditions such that the output is low except when disabled
by the output control.
3. Waveform
B is for an output with internal conditions such that the output is high except when disabled
by the output control.
4. The output are measured one at a time with one transition per measurement..
Notes:


Similar Part No. - HD74LV244AFPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV244AFPEL RENESAS-HD74LV244AFPEL Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
More results

Similar Description - HD74LV244AFPEL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC244 TI-SN74AHC244_10 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
5962-87552012A TI-5962-87552012A Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244_101 TI-SN74AHCT244_101 Datasheet
738Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT241 TI-SN54ABT241 Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AC244 TI-SN54AC244 Datasheet
361Kb / 14P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com