Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV273ARPEL Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74LV273ARPEL
Description  Octal D-type Flip-Flops with Clear
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV273ARPEL Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HD74LV273ARPEL Datasheet HTML 2Page - Renesas Technology Corp HD74LV273ARPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LV273ARPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LV273ARPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LV273ARPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LV273ARPEL Datasheet HTML 7Page - Renesas Technology Corp HD74LV273ARPEL Datasheet HTML 8Page - Renesas Technology Corp HD74LV273ARPEL Datasheet HTML 9Page - Renesas Technology Corp HD74LV273ARPEL Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
HD74LV273A
Rev.3.00 Jun. 25, 2004 page 4 of 9
DC Electrical Characteristics
Ta = –40 to 85°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Test Conditions
2.0
1.5
2.3 to 2.7
VCC
× 0.7
3.0 to 3.6
VCC
× 0.7
VIH
4.5 to 5.5
VCC
× 0.7
2.0
0.5
2.3 to 2.7
VCC
× 0.3
3.0 to 3.6
VCC
× 0.3
Input voltage
VIL
4.5 to 5.5
VCC
× 0.3
V
Min to Max
VCC – 0.1
IOH = –50
µA
2.3
2.0
IOH = –2 mA
3.0
2.48
IOH = –6 mA
VOH
4.5
3.8
IOH = –12 mA
Min to Max
0.1
IOL = 50
µA
2.3
0.4
IOL = 2 mA
3.0
0.44
IOL = 6 mA
Output voltage
VOL
4.5
0.55
V
IOL = 12 mA
Input current
IIN
0 to 5.5
±1
µAVI = 5.5 V or GND
Quiescent supply
current
ICC
5.5
20
µAVI = VCC or GND, IO = 0
Output leakage
current
IOFF
0—
5
µAVI or VO = 0 V to 5.5 V
Input capacitance
CIN
3.3
2
pF
VI = VCC or GND
Note:
For conditions shown as Min or Max, use the appropriate values under recommended operating conditions.


Similar Part No. - HD74LV273ARPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV273ARPEL RENESAS-HD74LV273ARPEL Datasheet
81Kb / 10P
   Octal D-type Flip-Flops with Clear
More results

Similar Description - HD74LV273ARPEL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS273 TI-SN54ALS273 Datasheet
93Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
1446753 TI-1446753 Datasheet
592Kb / 16P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74ALS273NSR TI-SN74ALS273NSR Datasheet
831Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC273 TI1-SN54AHC273_15 Datasheet
1Mb / 30P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
SN54HC273 TI1-SN54HC273_16 Datasheet
1Mb / 32P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
logo
Renesas Technology Corp
HD74HC273 RENESAS-HD74HC273 Datasheet
71Kb / 10P
   Octal D-type Flip-Flops (with Clear)
logo
Texas Instruments
SN54LV273 TI1-SN54LV273_08 Datasheet
158Kb / 8P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC273 TI-SN54HC273 Datasheet
557Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
MM74HC273 FAIRCHILD-MM74HC273 Datasheet
95Kb / 7P
   Octal D-Type Flip-Flops with Clear
logo
Texas Instruments
SN54LV273 TI-SN54LV273 Datasheet
137Kb / 7P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC273 TI-SN54AHC273_08 Datasheet
835Kb / 21P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com