Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV374AFPEL Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74LV374AFPEL
Description  Octal Edge-Triggered D-type Flip-Flops with 3-state Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV374AFPEL Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74LV374AFPEL Datasheet HTML 1Page - Renesas Technology Corp HD74LV374AFPEL Datasheet HTML 2Page - Renesas Technology Corp HD74LV374AFPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LV374AFPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LV374AFPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LV374AFPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LV374AFPEL Datasheet HTML 7Page - Renesas Technology Corp HD74LV374AFPEL Datasheet HTML 8Page - Renesas Technology Corp HD74LV374AFPEL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Rev.2.00 Jun. 25, 2004, page 1 of 9
HD74LV374A
Octal Edge-Triggered D-type Flip-Flops with 3-state Outputs
REJ03D0332–0200Z
(Previous ADE-205-275 (Z))
Rev.2.00
Jun. 25, 2004
Description
The HD74LV374A has eight edge trigger D type flip flops with three state outputs in a 20 pin package. Data at the D
inputs meeting set up requirements, are transferred to the Q outputs on positive going transitions of the clock input.
When the clock input goes low, data at the D inputs will be retained at the outputs until clock input returns high again.
When a high logic level is applied to the output control input, all outputs go to a high impedance state, regardless of
what signals are present at the other inputs and the state of the storage elements. Low-voltage and high-speed operation
is suitable for the battery-powered products (e.g., notebook computers), and the low-power consumption extends the
battery life.
Features
• V
CC = 2.0 V to 5.5 V operation
• All inputs V
IH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• All outputs V
O (Max.) = 5.5 V (@VCC = 0 V)
• Typical V
OL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical V
OH undershoot > 2.3 V (@VCC = 3.3 V, Ta = 25°C)
• Output current ±8 mA (@V
CC = 3.0 V to 3.6 V), ±16 mA (@VCC = 4.5 V to 5.5 V)
• Ordering Information
Part Name
Package Type
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LV374AFPEL
SOP–20 pin (JEITA)
FP–20DAV
FP
EL (2,000 pcs/reel)
HD74LV374ARPEL
SOP–20 pin (JEDEC)
FP–20DBV
RP
EL (1,000 pcs/reel)
HD74LV374ATELL
TSSOP–20 pin
TTP–20DAV
T
ELL (2,000 pcs/reel)
Note: Please consult the sales office for the above package availability.
Function Table
Inputs
OE
CLK
D
Output Q
HX
X
Z
L
LL
L
HH
L
XQ0
Note:
H: High level
L: Low level
X: Immaterial
Z: High impedance
Q0: Output level before the indicated steady state input conditions were established.


Similar Part No. - HD74LV374AFPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV374AFPEL RENESAS-HD74LV374AFPEL Datasheet
83Kb / 10P
   Octal Edge-Triggered D-type Flip-Flops with 3-state Outputs
More results

Similar Description - HD74LV374AFPEL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC374 TI-SN54AHC374 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT564 TI-SN54ACT564 Datasheet
110Kb / 6P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A Datasheet
125Kb / 9P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS534A TI-SN54ALS534A Datasheet
114Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVC574A TI-SN54LVC574A Datasheet
914Kb / 25P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_08 Datasheet
718Kb / 18P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHC574 TI-SN54AHC574 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_02 Datasheet
276Kb / 14P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54HC574 TI-SN54HC574_07 Datasheet
674Kb / 18P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A_08 Datasheet
722Kb / 20P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SNJ54AS574B TI1-SNJ54AS574B Datasheet
1Mb / 25P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com