Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5517 Datasheet(PDF) 10 Page - Linear Technology

Part # LT5517
Description  40MHz to 900MHz Quadrature Demodulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5517 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT5517_15 Datasheet HTML 4Page - Linear Technology LT5517_15 Datasheet HTML 5Page - Linear Technology LT5517_15 Datasheet HTML 6Page - Linear Technology LT5517_15 Datasheet HTML 7Page - Linear Technology LT5517_15 Datasheet HTML 8Page - Linear Technology LT5517_15 Datasheet HTML 9Page - Linear Technology LT5517_15 Datasheet HTML 10Page - Linear Technology LT5517_15 Datasheet HTML 11Page - Linear Technology LT5517_15 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LT5517
10
5517f
Figure 7. I/Q Output Equivalent Circuit
APPLICATIO S I FOR ATIO
15
16
VCC
10pF
IOUT
+
IOUT
5517 F07
13
14
10pF
QOUT
+
QOUT
60
60
60
60
approach is to terminate each output with a shunt capaci-
tor. The capacitor value can be optimized depending upon
the operating frequency and the specific PCB layout.
The phase relationship between the I-channel output sig-
nal and the Q-channel output signal is fixed. When the LO
input frequency is higher than the RF input frequency, then
the Q-channel outputs (QOUT+, QOUT–) lead the I-channel
outputs (IOUT+, IOUT–) by 90°.
When the LO input frequency is lower than the RF input
frequency, then the Q-channel outputs lag the I-channel
outputs by 90
°. Note that the phase relationship of the I-
and Q-channel outputs relative to the LO can vary by 180
°,
depending on start-up conditions. This is the nature of a
frequency divider-based quadrature phase generator.
When AC output coupling is used, the resulting highpass
filter’s –3dB roll-off frequency is defined by the R-C
constant of the blocking capacitor and RLOAD, assuming
RLOAD > 600Ω.
Care should be taken when the demodulator’s outputs are
DC coupled to the external load to make sure that the I/Q
mixers are biased properly. If the current drain from the
outputs exceeds 6mA, there can be significant degrada-
tion of the linearity performance. Each output can sink no
more than 13mA when connected to an external load with
a DC voltage higher than VCC – 0.78V.


Similar Part No. - LT5517_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5517EUF LINER-LT5517EUF Datasheet
208Kb / 12P
   40MHz to 900MHz Quadrature Demodulator
More results

Similar Description - LT5517_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5517 LINER-LT5517 Datasheet
208Kb / 12P
   40MHz to 900MHz Quadrature Demodulator
LT5506 LINER-LT5506 Datasheet
321Kb / 12P
   40MHz to 500MHz Quadrature Demodulator with VGA
LT5506 LINER-LT5506_15 Datasheet
322Kb / 12P
   40MHz to 500MHz Quadrature Demodulator with VGA
logo
Analog Devices
ADL5542 AD-ADL5542_15 Datasheet
238Kb / 12P
   Quadrature Demodulator
ADL5387 AD-ADL5387_15 Datasheet
668Kb / 28P
   Quadrature Demodulator
REV. B
logo
NXP Semiconductors
TDA8040T PHILIPS-TDA8040T Datasheet
88Kb / 16P
   Quadrature demodulator
1996 Oct 08
TDA8042M PHILIPS-TDA8042M Datasheet
108Kb / 16P
   Quadrature demodulator
1997 Apr 11
logo
RF Micro Devices
RF2721 RFMD-RF2721 Datasheet
66Kb / 6P
   QUADRATURE DEMODULATOR
RF2713 RFMD-RF2713_1 Datasheet
337Kb / 16P
   QUADRATURE MODULATOR/DEMODULATOR
logo
NXP Semiconductors
TDA8041H PHILIPS-TDA8041H Datasheet
95Kb / 16P
   Quadrature demodulator controller
November 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com