Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5525 Datasheet(PDF) 6 Page - Linear Technology

Part # LT5525
Description  High Linearity, Low Power Downconverting Mixer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5525 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT5525_15 Datasheet HTML 2Page - Linear Technology LT5525_15 Datasheet HTML 3Page - Linear Technology LT5525_15 Datasheet HTML 4Page - Linear Technology LT5525_15 Datasheet HTML 5Page - Linear Technology LT5525_15 Datasheet HTML 6Page - Linear Technology LT5525_15 Datasheet HTML 7Page - Linear Technology LT5525_15 Datasheet HTML 8Page - Linear Technology LT5525_15 Datasheet HTML 9Page - Linear Technology LT5525_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT5525
5525f
PI FU CTIO S
NC (Pins 1, 4, 8, 13, 16): Not Connected Internally. These
pins should be grounded on the circuit board for improved
LO-to-RF and LO-to-IF isolation.
RF+, RF(Pins 2, 3): Differential Inputs for the RF Signal.
One RF input pin may be DC connected to a low impedance
ground to realize a 50Ω single-ended input at the other RF
pin. No external matching components are required. A DC
voltage should not be applied across these pins, as they
are internally connected through a transformer winding.
EN (Pin 5): Enable Pin. When the input voltage is higher
than 3V, the mixer circuits supplied through Pins 6, 7, 10
and 11 are enabled. When the input voltage is less than
0.3V, all circuits are disabled. Typical enable pin input
current is 55µA for EN = 5V and 0.1µA when EN = 0V.
VCC1 (Pin 6): Power Supply Pin for the LO Buffer Circuits.
Typical current consumption is 11mA. This pin should be
externally connected to the other VCC pins and decoupled
with 1µF and 0.01µF capacitors.
VCC2 (Pin 7): Power Supply Pin for the Bias Circuits.
Typical current consumption is 2.5mA. This pin should be
externally connected to the other VCC pins and decoupled
with 1µF and 0.01µF capacitors.
GND (Pins 9, 12): Ground. These pins are internally
connected to the Exposed Pad for better isolation. They
should be connected to ground on the circuit board,
though they are not intended to replace the primary
grounding through the Exposed Pad of the package.
IFand IF+ (Pins 10, 11): Differential Outputs for the IF
Signal. An impedance transformation may be required to
match the outputs. These pins must be connected to VCC
through impedance matching inductors, RF chokes or a
transformer center-tap.
LO, LO+ (Pins 14, 15): Differential Inputs for the Local
Oscillator Signal. The LO input is internally matched to
50Ω. The LO can be driven with a single-ended source
through either LO input pin, with the other LO input pin
connected to ground. There is an internal DC resistance
across these pins of approximately 480Ω. Thus, a DC
blocking capacitor should be used if the signal source has
a DC voltage present.
Exposed Pad (Pin 17): Circuit Ground Return for the
Entire IC. This must be soldered to the printed circuit board
ground plane.
BLOCK DIAGRA
15
14
6
11
2
3
7
5
10
HIGH
SPEED
LO BUFFER
DOUBLE-
BALANCED
MIXER
LINEAR
AMPLIFIER
LO
EXPOSED
PAD
LO+
VCC2
VCC1
EN
IF+
12
17
GND
IF
9
GND
5525 BD
BIAS
RF+
RF


Similar Part No. - LT5525_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5525EUF LINER-LT5525EUF Datasheet
195Kb / 12P
   High Linearity, Low Power Downconverting Mixer
More results

Similar Description - LT5525_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5526 LINER-LT5526 Datasheet
224Kb / 16P
   High Linearity, Low Power Downconverting Mixer
LT5525 LINER-LT5525 Datasheet
195Kb / 12P
   High Linearity, Low Power Downconverting Mixer
LT5526 LINER-LT5526_15 Datasheet
234Kb / 16P
   High Linearity, Low Power Downconverting Mixer
logo
M/A-COM Technology Solu...
MAMX-011021 MA-COM-MAMX-011021 Datasheet
987Kb / 8P
   High Linearity Mixer
logo
Asahi Kasei Microsystem...
AK1221 AKM-AK1221 Datasheet
529Kb / 21P
   3500MHz High Linearity Mixer
AK1220 AKM-AK1220 Datasheet
623Kb / 27P
   900MHz High Linearity Mixer
AK1223 AKM-AK1223 Datasheet
543Kb / 18P
   8500MHz High Linearity Mixer
AK1220 AKM-AK1220_17 Datasheet
1,001Kb / 33P
   900Mhz High Linearity Mixer
logo
Linear Technology
LTC5542 LINER-LTC5542_15 Datasheet
263Kb / 16P
   1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
LTC5543 LINER-LTC5543 Datasheet
56Kb / 1P
   2.3GHz to 4GHz High Dynamic Range Downconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com