Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV4051ARPEL Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HD74LV4051ARPEL
Description  8-channel Analog Multiplexer / Demultiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV4051ARPEL Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HD74LV4051ARPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LV4051ARPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LV4051ARPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LV4051ARPEL Datasheet HTML 7Page - Renesas Technology Corp HD74LV4051ARPEL Datasheet HTML 8Page - Renesas Technology Corp HD74LV4051ARPEL Datasheet HTML 9Page - Renesas Technology Corp HD74LV4051ARPEL Datasheet HTML 10Page - Renesas Technology Corp HD74LV4051ARPEL Datasheet HTML 11Page - Renesas Technology Corp HD74LV4051ARPEL Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
HD74LV4051A
Rev.3.00 Jul. 20, 2004 page 6 of 11
Switching Characteristics (Cont.)
Ta = 25°C
Item
Symbol
VCC (V) Min
Typ
Max
Unit
Test Conditions
FROM
(Input)
TO
(Output)
Control input
capacitance
CIC
4.0
pF
Common
terminal
capacitance
CIS
35.5
pF
Switch terminal
capacitance
CI/O
7.0
pF
Feedthrough
capacitance
CT
0.5
pF
Power
dissipation
capacitance
CPD
11.0
pF
2.3
20.0
3.0
25.0
Frequency
response
(Switch ON)
4.5
35.0
MHz
CL = 50 pF, RL = 600
Adjust fin voltage to obtain 0 dBm at
output when fin is 1 MHz (sine
wave). Increase fin frequency until
the dB-meter reads –3 dBm.
20 log (VO/VI) = –3 dBm
COM
or Yn
Yn or
COM
2.3
20.0
3.0
35.0
Crosstalk
(Control input
to signal
output)
4.5
60.0
mV
CL = 50 pF, RL = 600
Adjust the RL value to obtain 0 A at
IIN/OUT when fin is 1 MHz
(square wave).
INH
COM or
Yn
2.3
–45
3.0
–45
Feedthrough
attenuation
(Switch OFF)
4.5
–45
dB
CL = 50 pF, RL = 600
Adjust fin voltage to obtain 0 dBm at
input when fin is 1 MHz (sine wave).
COM
or Yn
Yn or
COM
2.3
0.1
3.0
0.1
Sine-wave
distortion
4.5
0.1
%CL = 50 pF, RL = 10 k
fIN = 1 kHz (sine wave)
VI = 2 VP-P, VCC = 2.3 V
VI = 2.5 VP-P, VCC = 3.0 V
VI = 4 VP-P, VCC = 4.5 V
COM
or YN
Yn or
COM


Similar Part No. - HD74LV4051ARPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV4051ARPEL RENESAS-HD74LV4051ARPEL Datasheet
125Kb / 12P
   8-channel Analog Multiplexer / Demultiplexer
More results

Similar Description - HD74LV4051ARPEL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MZ4051FK TOSHIBA-TC7MZ4051FK_07 Datasheet
236Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4051A-EP TI1-SN74LV4051A-EP Datasheet
490Kb / 13P
[Old version datasheet]    8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74HCT4051PW-118 PHILIPS-74HCT4051PW-118 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
74HC_HCT4051 PHILIPS-74HC_HCT4051_15 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051_18 Datasheet
256Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051_16 Datasheet
229Kb / 10P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Texas Instruments
SN74LV4051A-Q1 TI-SN74LV4051A-Q1 Datasheet
325Kb / 14P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
HEF4051BT PHILIPS-HEF4051BT Datasheet
174Kb / 23P
   8-channel analog multiplexer/demultiplexer
Rev. 10-17 November 2011
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051 Datasheet
259Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER / DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051 Datasheet
241Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4051D-T NXP-74HC4051D-T Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com