Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV4066A Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74LV4066A
Description  Quad. Analog Switches / Quad. Multiplexers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV4066A Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74LV4066A_15 Datasheet HTML 1Page - Renesas Technology Corp HD74LV4066A_15 Datasheet HTML 2Page - Renesas Technology Corp HD74LV4066A_15 Datasheet HTML 3Page - Renesas Technology Corp HD74LV4066A_15 Datasheet HTML 4Page - Renesas Technology Corp HD74LV4066A_15 Datasheet HTML 5Page - Renesas Technology Corp HD74LV4066A_15 Datasheet HTML 6Page - Renesas Technology Corp HD74LV4066A_15 Datasheet HTML 7Page - Renesas Technology Corp HD74LV4066A_15 Datasheet HTML 8Page - Renesas Technology Corp HD74LV4066A_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Rev.4.00 Jul. 21, 2004 page 1 of 12
HD74LV4066A
Quad. Analog Switches / Quad. Multiplexers
REJ03D0340–0400Z
(Previous ADE-205-285B (Z))
Rev.4.00
Jul. 21, 2004
Description
The HD74LV4066A handles both analog and digital signals, and enables signals of either type with amplitudes of up to
5.5 V (peak) to be transmitted in either direction (at VCC = 0 V to 5.5 V).
Each switch section has its own enable input control (C). A high-level voltage applied to C turns on the associated
switch section.
Applications include signal gating, chopping, modulation or demodulation (modem), and signal multiplexing for
analog-to-digital and digital-to-analog conversion systems.
Features
• V
CC = 2.0 V to 5.5 V operation
• All control inputs V
IH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• Ordering Information
Part Name
Package Type
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LV4066AFPEL
SOP–14 pin (JEITA)
FP–14DAV
FP
EL (2,000 pcs/reel)
HD74LV4066ARPEL
SOP–14 pin (JEDEC)
FP–14DNV
RP
EL (2,500 pcs/reel)
HD74LV4066ATELL
TSSOP–14 pin
TTP–14DV
T
ELL (2,000 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Function Table
Control
Switch
LOFF
HON
Note:
H: High level
L: Low level


Similar Part No. - HD74LV4066A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV4066AFPEL RENESAS-HD74LV4066AFPEL Datasheet
125Kb / 13P
   Quad. Analog Switches / Quad. Multiplexers
HD74LV4066ARPEL RENESAS-HD74LV4066ARPEL Datasheet
125Kb / 13P
   Quad. Analog Switches / Quad. Multiplexers
HD74LV4066ATELL RENESAS-HD74LV4066ATELL Datasheet
125Kb / 13P
   Quad. Analog Switches / Quad. Multiplexers
More results

Similar Description - HD74LV4066A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC4066 RENESAS-HD74HC4066_15 Datasheet
144Kb / 12P
   Quad Analog Switches/Quad Multiplexers
logo
Hitachi Semiconductor
HD74LV4066A HITACHI-HD74LV4066A Datasheet
72Kb / 17P
   Quad. Analog Switches / Quad. Multiplexers
HD74HC4066 HITACHI-HD74HC4066 Datasheet
50Kb / 10P
   Quad Analog Switches/Quad Multiplexers
logo
Renesas Technology Corp
HD74LV4066A RENESAS-HD74LV4066A Datasheet
125Kb / 13P
   Quad. Analog Switches / Quad. Multiplexers
HD74HC4066 RENESAS-HD74HC4066 Datasheet
122Kb / 10P
   Quad Analog Switches/Quad Multiplexers
logo
Panasonic Semiconductor
MN4066B PANASONIC-MN4066B Datasheet
88Kb / 3P
   Quad Analog Switches
logo
Pericom Semiconductor C...
PI5A391 PERICOM-PI5A391 Datasheet
311Kb / 8P
   Bandwidth Quad Analog Switches
logo
Maxim Integrated Produc...
DG308A MAXIM-DG308A Datasheet
51Kb / 4P
   Quad, SPST Analog Switches
19-3926; Rev 0; 3/91
logo
Vishay Siliconix
DG201BMIL VISHAY-DG201BMIL Datasheet
176Kb / 12P
   Improved Quad CMOS Analog Switches
Rev. A, 19-Mar-12
logo
Maxim Integrated Produc...
DG201A MAXIM-DG201A_06 Datasheet
517Kb / 12P
   Quad SPST CMOS Analog Switches
Rev 2; 5/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com