Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V6WL45C Datasheet(PDF) 1 Page - Vishay Siliconix

Part # V6WL45C
Description  Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.34 V at IF = 3 A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V6WL45C Datasheet(HTML) 1 Page - Vishay Siliconix

  V6WL45C_15 Datasheet HTML 1Page - Vishay Siliconix V6WL45C_15 Datasheet HTML 2Page - Vishay Siliconix V6WL45C_15 Datasheet HTML 3Page - Vishay Siliconix V6WL45C_15 Datasheet HTML 4Page - Vishay Siliconix V6WL45C_15 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
V6WL45C
www.vishay.com
Vishay General Semiconductor
Revision: 02-Aug-13
1
Document Number: 89968
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Dual Trench MOS Barrier Schottky Rectifier
Ultra Low VF = 0.34 V at IF = 3 A
FEATURES
• Trench MOS Schottky technology
• Ideal for automated placement
• Low forward voltage drop, low power losses
• High efficiency operation
• Meets
MSL
level
1,
per
J-STD-020,
LF maximum peak of 260 °C
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in high frequency DC/DC converters, switching
power supplies, freewheeling diodes, OR-ing diode, and
reverse battery protection.
MECHANICAL DATA
Case: TO-252 (D-PAK)
Molding compound meets UL 94 V-0 flammability rating
Base
P/N-M3
-
halogen-free,
RoHS-compliant,
and
commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test
Polarity: As marked
PRIMARY CHARACTERISTICS
IF(AV)
2 x 3 A
VRRM
45 V
IFSM
80 A
VF at IF = 3 A (TA = 125 °C)
0.34 V
TJ max.
150 °C
Package
TO-252 (D-PAK)
Diode variation
Single
TO-252 (D-PAK)
A
K
HEATSINK
A
V6WL45C
A
A
K
TMBS
®
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
V6WL45C
UNIT
Maximum repetitive peak reverse voltage
VRRM
45
V
Maximum average forward rectified current
(fig. 1)
per device
IF(AV)
6
A
per diode
3
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load per diode
IFSM
80
A
Operating junction and storage temperature range
TJ, TSTG
- 40 to + 150
°C


Similar Part No. - V6WL45C_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V6WL45C VISHAY-V6WL45C_15 Datasheet
91Kb / 5P
   Dual Trench MOS Barrier Schottky Rectifier
Revision: 02-Aug-13
More results

Similar Description - V6WL45C_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBT1045C-E3 VISHAY-VBT1045C-E3 Datasheet
90Kb / 4P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.34 V at IF = 2.5 A
Revision: 09-Sep-13
VT1045C-M3 VISHAY-VT1045C-M3 Datasheet
135Kb / 5P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.34 V at IF = 2.5 A
Revision: 12-May-16
VFT1045C-M3 VISHAY-VFT1045C-M3 Datasheet
88Kb / 4P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.34 V at IF = 2.5 A
Revision: 22-Nov-13
VBT1045C-M3 VISHAY-VBT1045C-M3 Datasheet
102Kb / 4P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.34 V at IF = 2.5 A
Revision: 30-Apr-13
VBT1080C-M3 VISHAY-VBT1080C-M3 Datasheet
89Kb / 4P
   Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.49 V at IF = 3 A
Revision: 14-May-13
VT4060C-E3 VISHAY-VT4060C-E3 Datasheet
134Kb / 5P
   Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.32 V at IF = 5.0 A
Revision: 15-Dec-16
VBT3080C-M3 VISHAY-VBT3080C-M3 Datasheet
89Kb / 4P
   Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.46 V at IF = 5 A
Revision: 14-May-13
VBT4060C-M3 VISHAY-VBT4060C-M3 Datasheet
88Kb / 4P
   Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.32 V at IF = 5.0 A
Revision: 03-Jan-17
VFT4060C-E3 VISHAY-VFT4060C-E3 Datasheet
88Kb / 4P
   Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.32 V at IF = 5.0 A
Revision: 22-Nov-13
VT30L60C-E3 VISHAY-VT30L60C-E3 Datasheet
134Kb / 5P
   Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.32 V at IF = 5.0 A
Revision: 15-Dec-16
VT2080C-E3 VISHAY-VT2080C-E3 Datasheet
158Kb / 6P
   Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 5 A
Revision: 14-Dec-16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com