Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2595 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2595
Description  Designing an application with the ST10F27xZx devices
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2595 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2595 Datasheet HTML 2Page - STMicroelectronics AN2595 Datasheet HTML 3Page - STMicroelectronics AN2595 Datasheet HTML 4Page - STMicroelectronics AN2595 Datasheet HTML 5Page - STMicroelectronics AN2595 Datasheet HTML 6Page - STMicroelectronics AN2595 Datasheet HTML 7Page - STMicroelectronics AN2595 Datasheet HTML 8Page - STMicroelectronics AN2595 Datasheet HTML 9Page - STMicroelectronics AN2595 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Oscillator
AN2595 - Application note
6/20
1
Oscillator
The ST10F27xZx can run with an external clock connected to the XTAL1 input pin of the
oscillator inverter or with a clock signal generated by a resonator connected to the XTAL1 /
XTAL2 pins. According to the device, two kinds of oscillators have been implemented:
ST10F276Z5 and ST10F273Z4: wide-swing oscillator (4 to 12 MHz)
ST10F272Z2 and ST10F271Z1: low-power oscillator (4 to 8 MHz)
Moreover, the ST10F27x provides a new feature when the real-time clock (RTC) module is
used and a reference clock is needed in Power Down mode. In this case, two possible
configurations may be selected by the user application according to the desired level of
power reduction:
A 32 kHz crystal is connected to the on-chip 32 kHz oscillator (pins XTAL3 / XTAL4)
and running. In this case, the main oscillator is stopped when Power Down mode is
entered, while the real-time clock continues counting using the 32 kHz clock signal as
reference.
Only the main oscillator is running (XTAL1 / XTAL2 pins). In this case, the main
oscillator is not stopped when Power Down is entered and the real-time clock continues
counting using the main oscillator clock signal as reference.
Refer to the ST10F27xZx datasheet for the possible combinations. This chapter provides
detailed information on the use of the on-chip oscillator in conjunction with an external
resonator.
1.1
Oscillator characteristics
Although simple to implement, using an external resonator (crystal or ceramic resonator)
requires a few basic precautions. Referring to the schematic of the on-chip oscillator
(Figure 1), the key items are described in the following section.
Figure 1.
Oscillator characteristics
The resonator component can be a crystal or a ceramic resonator. It is represented as a
series resonant branch Rs, Ls, Cs. The amplification ability of the oscillator inverter is
replaced by a negative resistance RL and the capacitance CL contains the C1 and C2 load
capacitances and the stray capacitance of the resonator.
gm
On-chip Oscillator circuit
Resonator
C1
C2
XTAL1
XTAL2
Cs
CL
RL
Ls
Equivalent circuit
Rs
Resonator


Similar Part No. - AN2595

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2590 STMICROELECTRONICS-AN2590 Datasheet
833Kb / 17P
   20 W dimmable CFL ballast solution
AN2591 STMICROELECTRONICS-AN2591 Datasheet
215Kb / 19P
   In certain applications
AN2593 STMICROELECTRONICS-AN2593 Datasheet
152Kb / 15P
   STR91x interrupt management
More results

Similar Description - AN2595

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2353 STMICROELECTRONICS-AN2353 Datasheet
180Kb / 18P
   Designing an application with the ST10F27x devices
AN3355 STMICROELECTRONICS-AN3355 Datasheet
103Kb / 11P
   Designing an application board compatible with either
AN4430 STMICROELECTRONICS-AN4430 Datasheet
871Kb / 42P
   Designing an NFC Android Application for M24SR and M24LR devices
AN2972 STMICROELECTRONICS-AN2972 Datasheet
1Mb / 25P
   Designing an antenna for the M24LRxx-R
logo
ALPS ELECTRIC CO.,LTD.
SSSS2 ALPS-SSSS2_15 Datasheet
1Mb / 7P
   Excellent application for designing compact and high density portable devices
logo
Microchip Technology
AN939 MICROCHIP-AN939 Datasheet
432Kb / 18P
   Designing Energy Meters with the PIC16F873A
2005
logo
STMicroelectronics
AN2549 STMICROELECTRONICS-AN2549 Datasheet
441Kb / 33P
   Porting an application from the ST10F269Zx to the ST10F272Z2
AN2556 STMICROELECTRONICS-AN2556 Datasheet
455Kb / 35P
   Porting an application from the ST10F269Zx to the ST10F273Z4
AN2169 STMICROELECTRONICS-AN2169 Datasheet
213Kb / 33P
   Porting an application from the ST10F168 to the ST10F276
AN2555 STMICROELECTRONICS-AN2555 Datasheet
475Kb / 33P
   Porting an application from the ST10F269Zx to the ST10F276Z5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com