Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2628 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2628
Description  Programming ST10F27x CAN interrupt drivers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2628 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2628 Datasheet HTML 1Page - STMicroelectronics AN2628 Datasheet HTML 2Page - STMicroelectronics AN2628 Datasheet HTML 3Page - STMicroelectronics AN2628 Datasheet HTML 4Page - STMicroelectronics AN2628 Datasheet HTML 5Page - STMicroelectronics AN2628 Datasheet HTML 6Page - STMicroelectronics AN2628 Datasheet HTML 7Page - STMicroelectronics AN2628 Datasheet HTML 8Page - STMicroelectronics AN2628 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Interrupt sources and identification
AN2628
4/27
1
Interrupt sources and identification
Interrupts generated by the CAN modules can come from different sources: Global interrupt
sources and individual interrupt sources.
1.1
Global interrupt sources
Four interrupt control registers (XIRxSEL, x = 0, 1, 2, 3) are provided in order to generate an
interrupt from different event sources. Each module is linked to its corresponding XPxIC
register (x = 0, 1, 2, 3). Note that an event source can be connected to several XIRxSEL
registers. In particular, each CAN1 and CAN2 event is connected on two interrupt lines:
The new 16-bit register XIRxSEL (x = 0, 1, 2, 3) is divided into two parts:
When different sources submit an interrupt request, the enable bits (Byte High of XIRxSEL
register) define a mask to select the sources to be associated with the unique available
vector. If more than one source is enabled to issue the request, the service routine must
identify the real event to be serviced. This can easily be done by checking the flag bits (Byte
Low of XIRxSEL register). Note that the flag bit provides information about events which are
not currently serviced by the interrupt controller (since masked through the enable bits),
allowing effective software management even when the related interrupt request cannot be
served: A periodic polling of the flag bits may be implemented inside the user application.
Figure 1.
X-Interrupt basic structure
CAN1:
XP0INT, XP3INT
CAN2:
XP1INT, XP3INT
Byte high
(XIRxSEL[15:8])
Interrupt enable bits
Byte low
(XIRxSEL[7:0])
Interrupt flag bits
XIRxSEL[7:0] (x = 0, 1, 2, 3)
XIRxSEL[15:8] (x = 0, 1, 2, 3)
XPxIC.IR (x = 0, 1, 2, 3)
70
15
8
IT Source 7
IT Source 6
IT Source 5
IT Source 4
IT Source 3
IT Source 2
IT Source 1
IT Source 0
Enable[7:0]
Flag[7:0]


Similar Part No. - AN2628

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN262 ETC2-AN262 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
STMicroelectronics
AN2620 STMICROELECTRONICS-AN2620 Datasheet
1Mb / 20P
   3 A high-frequency synchronous 900 kHz
AN2621 STMICROELECTRONICS-AN2621 Datasheet
85Kb / 5P
   TS488/9 low power stereo headphone amplifier
logo
Panasonic Battery Group
AN26218A PANASONICBATTERY-AN26218A Datasheet
443Kb / 23P
   UMTS triple band LNA-IC
logo
STMicroelectronics
AN2622 STMICROELECTRONICS-AN2622 Datasheet
122Kb / 5P
   TS4909 low power stereo headphone amplifier
More results

Similar Description - AN2628

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2341 STMICROELECTRONICS-AN2341 Datasheet
176Kb / 26P
   Programming ST10F27x/F25x CAN interrupt drivers
AN2143 STMICROELECTRONICS-AN2143 Datasheet
377Kb / 8P
   Programming the ST10F27X embedded Flash
AN2352 STMICROELECTRONICS-AN2352 Datasheet
188Kb / 20P
   PLL jitter effects on C-CAN modules of the ST10F27x
logo
Aries Electronics, Inc.
T-680 ARIES-T-680 Datasheet
380Kb / 1P
   Programming Tool
logo
Pepperl+Fuchs Inc.
UC-PROG1-USB PF-UC-PROG1-USB Datasheet
6Mb / 4P
   Programming adapter
logo
STMicroelectronics
AN2353 STMICROELECTRONICS-AN2353 Datasheet
180Kb / 18P
   Designing an application with the ST10F27x devices
logo
Tyco Electronics
2-1437507-0 MACOM-2-1437507-0 Datasheet
181Kb / 1P
   PROGRAMMING PLUG
logo
M-System Co.,Ltd.
PU-2A MSYSTEM-PU-2A Datasheet
98Kb / 2P
   PROGRAMMING UNIT
logo
CUI INC
AMT-PGRM CUI-AMT-PGRM Datasheet
324Kb / 3P
   PROGRAMMING MODULE
logo
Pepperl+Fuchs Inc.
UB-PROG4-V15 PF-UB-PROG4-V15 Datasheet
430Kb / 2P
   Programming unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com