Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6600-2.5 Datasheet(PDF) 2 Page - Linear Technology

Part # LT6600-2.5
Description  Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6600-2.5 Datasheet(HTML) 2 Page - Linear Technology

  LT6600-2.5 Datasheet HTML 1Page - Linear Technology LT6600-2.5 Datasheet HTML 2Page - Linear Technology LT6600-2.5 Datasheet HTML 3Page - Linear Technology LT6600-2.5 Datasheet HTML 4Page - Linear Technology LT6600-2.5 Datasheet HTML 5Page - Linear Technology LT6600-2.5 Datasheet HTML 6Page - Linear Technology LT6600-2.5 Datasheet HTML 7Page - Linear Technology LT6600-2.5 Datasheet HTML 8Page - Linear Technology LT6600-2.5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT6600-2.5
2
660025fe
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage .................................................11V
Input Current (Note 8)..........................................±10mA
Operating Temperature Range (Note 6).... –40°C to 85°C
Specified Temperature Range (Note 7) .... –40°C to 85°C
(Note 1)
TOP VIEW
DF PACKAGE
12-LEAD (4mm × 4mm) PLASTIC DFN
12
12
11
8
9
10
4
5
3
2
1
IN+
NC
VMID
V
V
OUT
IN
NC
VOCM
V+
NC
OUT+
6
7
TJMAX = 150°C, θJA = 43°C/W, θJC = 4°C/W
EXPOSED PAD (PIN 13) IS V, MUST BE SOLDERED TO PCB
TOP VIEW
IN+
VMID
V
OUT
IN
VOCM
V+
OUT+
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
TJMAX = 150°C, θJA = 100°C/W
PIN CONFIGURATION
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Filter Gain, VS = 3V
VIN = 2VP-P, fIN = DC to 260kHz
–0.5
0.1
0.4
dB
RIN = 1580Ω
VIN = 2VP-P, fIN = 700kHz (Gain Relative to 260kHz)
l
–0.15
0
0.1
dB
VIN = 2VP-P, fIN = 1.9MHz (Gain Relative to 260kHz)
l
–0.2
0.2
0.6
dB
VIN = 2VP-P, fIN = 2.2MHz (Gain Relative to 260kHz)
l
–0.6
0.1
0.5
dB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LT6600CS8-2.5#PBF
LT6600CS8-2.5#TRPBF
660025
8-Lead Plastic SO
0°C to 70°C
LT6600IS8-2.5#PBF
LT6600IS8-2.5#TRPBF
600I25
8-Lead Plastic SO
–40°C to 85°C
LT6600CDF-2.5#PBF
LT6600CDF-2.5#TRPBF
60025
12-Lead (4mm × 4mm) Plastic DFN
0°C to 70°C
LT6600IDF-2.5#PBF
LT6600IDF-2.5#TRPBF
60025
12-Lead (4mm × 4mm) Plastic DFN
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LT6600CS8-2.5
LT6600CS8-2.5#TR
660025
8-Lead Plastic SO
0°C to 70°C
LT6600IS8-2.5
LT6600IS8-2.5#TR
600I25
8-Lead Plastic SO
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
*The temperature grade is identified by a label on the shipping container for the DFN Package.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Junction Temperature ........................................... 150°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. Unless otherwise specified VS = 5V (V+ = 5V, V= 0V), RIN = 1580Ω, and RLOAD = 1k.


Similar Part No. - LT6600-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6600-2.5 LINER-LT6600-2.5 Datasheet
173Kb / 12P
   Very Low Noise, Differential Amplifier and 2.5MHz Lowpass Filter
LT6600-2.5 LINER-LT6600-2.5 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT6600-2.5 LINER-LT6600-2.5 Datasheet
193Kb / 16P
   Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6600-2.5 LINER-LT6600-2.5 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LT6600-2.5 LINER-LT6600-2.5 Datasheet
377Kb / 26P
   2.7GHz, 5V, Low Noise,Rail-to-Rail Input Differential Amplifier/Driver
More results

Similar Description - LT6600-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6600-2.5 LINER-LT6600-2.5_09 Datasheet
193Kb / 16P
   Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6604-2.5 LINER-LT6604-2.5 Datasheet
200Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6600-10 LINER-LT6600-10_15 Datasheet
204Kb / 16P
   Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
LT6600-5 LINER-LT6600-5_15 Datasheet
160Kb / 12P
   Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6600-15 LINER-LT6600-15 Datasheet
156Kb / 12P
   Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
LT6600-20 LINER-LT6600-20_15 Datasheet
180Kb / 12P
   Very Low Noise, Differential Amplifi er and 20MHz Lowpass Filter
LT6600-5 LINER-LT6600-5 Datasheet
153Kb / 12P
   Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6604-5 LINER-LT6604-5 Datasheet
182Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6604-15 LINER-LT6604-15 Datasheet
202Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
LT6604-10 LINER-LT6604-10 Datasheet
204Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com