Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M66591GP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M66591GP
Description  ASSP (USB2.0 Peripheral Controller)
Download  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66591GP Datasheet(HTML) 5 Page - Renesas Technology Corp

  M66591GP_15 Datasheet HTML 1Page - Renesas Technology Corp M66591GP_15 Datasheet HTML 2Page - Renesas Technology Corp M66591GP_15 Datasheet HTML 3Page - Renesas Technology Corp M66591GP_15 Datasheet HTML 4Page - Renesas Technology Corp M66591GP_15 Datasheet HTML 5Page - Renesas Technology Corp M66591GP_15 Datasheet HTML 6Page - Renesas Technology Corp M66591GP_15 Datasheet HTML 7Page - Renesas Technology Corp M66591GP_15 Datasheet HTML 8Page - Renesas Technology Corp M66591GP_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 135 page
background image
M66591GP
Rev .1.00 Nov . 30, 2004 page 3 of 131
The pin functions of the M66591 are shown in Table 1.1.
Table 1.1 Pin Functions of M66591
Item
Pin Name
Input/Output
Name / Function
Pin
Count
CPU
interface
D15-D8
Input/Output
Data Bus
These are data bus to access the registers from the CPU.
8
D7/AD7-D1/AD
1, D0
Input/Output
Data Bus / Address Bus
When select to 16-bit separate bus, these pins are used as D7-D0 of data bus.
When select to 16-bit multiplex bus, D7-D0 input/output and AD7-AD1 input are
performed at time-sharing. In this case, AD0 is not used.
8
A7/ALE, A6-A1
Input
Address Bus / Address Latch Enable
When select to 16-bit separate bus, these pins are address bus to access the
registers from the CPU.
When select to 16-bit multiplex bus, A7 becomes the ALE pin, latching addresses
at the falling edge. A6-A1 are not used.
7
CS_N
Input
Chip Select
When this pin is low level, M66591 is selected.
1
RD_N
Input
Read Strobe
Data are read from registers at low level.
1
WR1_N
Input
D15-D8 Byte Write Strobe
The data (D15-D8) are written to the registers at the rising edge.
1
WR0_N
Input
D7-0 Byte Write Strobe
The data (D7-D0) are written to the registers at the rising edge.
1
MPBUS
Input
Bus Mode Select
The 16-bit separate bus is selected at low level.
The 16-bit multiplex bus is selected at high level.
This pin should not be switched after H/W reset.
1
Interrupt
interface
INT
Output
Interrupt
Interrupts are requested to the CPU. Polarity of this pin can be selected by register
setting.
1
DMA
interface
SD7/PA7-SD0/
PA0
Input/Output
Split Bus / General-purpose Port
These pins are used to select either split bus (DMA Interface) or general-purpose
port (GPIO).
8
DREQ
Output
DMA Request
This pin is used to request DMA transfer of the D0_FIFO port. Polarity of this pin
can be selected by register setting.
1
DACK
Input
DMA Acknowledge
DMA transfer of the D0_FIFO port is enabled in either low or high level. Polarity of
this pin can be selected by register setting.
1
DSTB_N
Input
Split Bus Strobe
This pin is used as data strobe signal when the D0_FIFO port has been set to the
split bus (DMA Interface).
When the RWstb bit of the Data Pin & FIFO/DMA Control Pin Configuration
Register 2 is set to “1” (RD/WR strobe mode), this pin is used as data strobe signal.
1
DEND
Input/Output
Transfer Terminal
When the PIPE direction is “IN”, this pin receives transfer complete signal as an
input signal from any other peripheral chip or the CPU.
When the PIPE direction is “OUT”, this pin indicates the last data transferred as the
output signal. Polarity of this pin can be set by a register.
1
USB
interface
DHP
Input/Output
USB Hi-Speed Data
Connect the D+ signal of USB bus.
1
DHM
Input/Output
USB Hi-Speed Data
Connect the D- signal of USB bus.
1
DFP
Input/Output
USB Full-Speed Data
Connect this pin to DHP via a 43
Ω 1% resistance.
1
DFM
Input/Output
USB Full-Speed Data
Connect this pin to DHM via a 43
Ω 1% resistance.
1


Similar Part No. - M66591GP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66591GP RENESAS-M66591GP Datasheet
950Kb / 133P
   ASSP (USB2.0 Peripheral Controller)
M66591GP RENESAS-M66591GP Datasheet
1,005Kb / 135P
   ASSP (USB2.0 Peripheral Controller)
Nov. 30, 2004
More results

Similar Description - M66591GP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8A66593 RENESAS-R8A66593 Datasheet
1Mb / 144P
   ASSP (USB2.0 Peripheral Controller)
Jun 28,2013
R8A66593FPBG RENESAS-R8A66593FPBG_15 Datasheet
1Mb / 144P
   ASSP (USB2.0 Peripheral Controller)
M66592FP RENESAS-M66592FP Datasheet
1Mb / 127P
   ASSP (USB2.0 Peripheral Controller)
M66592 RENESAS-M66592 Datasheet
1Mb / 129P
   ASSP (USB2.0 Peripheral Controller)
2004.10.01
R8A66593FP RENESAS-R8A66593FP Datasheet
1Mb / 144P
   ASSP (USB2.0 Peripheral Controller)
M66591GP RENESAS-M66591GP Datasheet
950Kb / 133P
   ASSP (USB2.0 Peripheral Controller)
M66591 RENESAS-M66591 Datasheet
1,005Kb / 135P
   ASSP (USB2.0 Peripheral Controller)
Nov. 30, 2004
R8A66597FP RENESAS-R8A66597FP Datasheet
1Mb / 185P
   ASSP (USB2.0 2 Port Host/1 Port Peripheral Controller)
R8A66597 RENESAS-R8A66597 Datasheet
1Mb / 187P
   ASSP (USB2.0 2 Port Host/1 Port Peripheral Controller)
Oct 17, 2008
M66291GP RENESAS-M66291GP Datasheet
892Kb / 126P
   ASSP (USB2.0 Device Controller)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com