Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMBR2200FT1G Datasheet(PDF) 9 Page - Leshan Radio Company

Part # LMBR2200FT1G
Description  Schottky Barrier Rectifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBR2200FT1G Datasheet(HTML) 9 Page - Leshan Radio Company

Back Button LMBR2200FT1G_15 Datasheet HTML 3Page - Leshan Radio Company LMBR2200FT1G_15 Datasheet HTML 4Page - Leshan Radio Company LMBR2200FT1G_15 Datasheet HTML 5Page - Leshan Radio Company LMBR2200FT1G_15 Datasheet HTML 6Page - Leshan Radio Company LMBR2200FT1G_15 Datasheet HTML 7Page - Leshan Radio Company LMBR2200FT1G_15 Datasheet HTML 8Page - Leshan Radio Company LMBR2200FT1G_15 Datasheet HTML 9Page - Leshan Radio Company LMBR2200FT1G_15 Datasheet HTML 10Page - Leshan Radio Company LMBR2200FT1G_15 Datasheet HTML 11Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Reel packing
5.Suggested thermal profile for soldering process
1. Storage environment:Temperature=5~40℃ Humidity=55±25%
2. Reflow soldering of surface-mount device
3. Reflow soldering
LMBR220FT1G thru LMBR2200FT1G
SOD123-FL
7"
3,000
4.0
30,000
183*183*123
178
382*262*387
240,000
8.7
COMPONENT
SPACING
(mm)
CARTON SIZE
(mm)
APPOX.
GROSS WEIGHT
(kg)
CARTON
(PCS)
PACKAGE
REEL SIZE
REEL
(PCS)
BOX
(pcs)
INNER BOX
(mm)
REEL DIA.
(mm)
Time within 5℃ of actual Peak
Temperature(TP)
10~30sec
Ramp-down Rate
<6℃/sec
Time 25℃ to Peak Temperature
<6minutes
Tsmax to TL
- Ramp-up Rate
<3sec
Time maintained above:
- Temperature (TL)
- Time(tL)
217℃
60-260sec
Peak Temperature(TP)255 -0/+5℃
Profile Feature
Soldering Condition
Average ramp-up rate(TL to TP)
<3℃/sec
Preheat
- Temperature Min(Tsmin)
- Temperature Max(Tsmax)
- Time(min to max)(ts)
150℃
200℃
60~120sec


Similar Part No. - LMBR2200FT1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR2200FT1G LRC-LMBR2200FT1G Datasheet
181Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 2.0A
More results

Similar Description - LMBR2200FT1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com