Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OA2547AN-22-3-1856 Datasheet(PDF) 1 Page - ORION FANS

Part # OA2547AN-22-3-1856
Description  AC Fan
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OA2547AN-22-3-1856 Datasheet(HTML) 1 Page - ORION FANS

  OA2547AN-22-3-1856 Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Frame
Aluminum Die-cast
Notes
Impeller
Metal alloy
Date: 050113
Connection *
Lead wires or Terminal
Environmental Protection:
IP56
Storage Temp:
-40C ~ +100C
Weight: 2400g (5.92 lbs)
Motor
AC Capacitor Induc-
tance, Thermal protection
Bearing System
Dual Ball bearing
Insulation Resistance >100MOhm at 500VDC
Available AC voltages by special
order: 12, 24, 28, 38, 42, 48, 440,
480. Dual speed also available.
Call for information.
Dielectric Strength
> 60 seconds at
1500VAC
Operating Temp
Range
-30C ~ +80C
(non-condensing)
* Specify configuration:
TB = Terminal, Ball bearing
WB = Wire leads, Ball bearing
Life Expectancy
50000 hours (55C)
All Metal Fans
AC - Harsh Environment
254x89mm (10” x 3.5”)
Knight Electronics, Inc
10557 Metric Dr.
Dallas, Texas 75243
214-340-0265
OrionFans.com
Information and data
is subject to change without
prior notification
Model No.
Speed
(RPM)
Airflow
(CFM)
Noise
Volts AC
Voltage
Range AC
Watts
Max.
Static
Pressure
(“H2O)
Curves
OA2547AN-11-1 * 1856
2800
3250
840
1000
70
115
100 ~ 120
95
105
0.78
0.60
2 (50Hz)
1 (60Hz)
OA2547AN-11-2 * 1856
2300
2200
660
620
63
115
100 ~ 120
80
95
0.33
0.27
4 (50Hz)
3 (60Hz)
OA2547AN-11-3 * 1856
1600
1500
560
500
46
115
100 ~ 120
32
40
0.25
0.20
6 (50Hz)
5 (60Hz)
OA2547AN-22-1 * 1856
2800
3250
840
1000
70
230
200 ~ 240
95
105
0.78
0.60
2 (50Hz)
1 (60Hz)
OA2547AN-22-2 * 1856
2300
2200
660
620
63
230
200 ~ 240
80
95
0.33
0.27
4 (50Hz)
3 (60Hz)
OA2547AN-22-3 * 1856
1600
1500
560
500
46
230
200 ~ 240
32
40
0.25
0.20
6 (50Hz)
5 (60Hz)
OA2547AN Metal Series


Similar Part No. - OA2547AN-22-3-1856

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA2547AN-22-31856 ORIONFANS-OA2547AN-22-31856 Datasheet
319Kb / 1P
   AC Fan - 115V, 230V 254 x 89mm (10.0??x 3.5??
More results

Similar Description - OA2547AN-22-3-1856

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA109AP-11 ORIONFANS-OA109AP-11 Datasheet
928Kb / 1P
   AC Fan
OA162-5E-115 ORIONFANS-OA162-5E-115 Datasheet
101Kb / 1P
   AC Fan
OA180ANL-11-1-1856 ORIONFANS-OA180ANL-11-1-1856 Datasheet
532Kb / 1P
   AC Fan
OA200AN-11-1-1856 ORIONFANS-OA200AN-11-1-1856 Datasheet
307Kb / 1P
   AC Fan
OA938AP-11-1-1855 ORIONFANS-OA938AP-11-1-1855 Datasheet
323Kb / 1P
   AC Fan
OA205AN-11-1-1856 ORIONFANS-OA205AN-11-1-1856 Datasheet
281Kb / 1P
   AC Fan
OA280AN-11-1TB18 ORIONFANS-OA280AN-11-1TB18 Datasheet
287Kb / 1P
   AC Fan
OA254AP-11-1TB ORIONFANS-OA254AP-11-1TB Datasheet
155Kb / 1P
   AC Fan
OA2543AN-11-1-1856 ORIONFANS-OA2543AN-11-1-1856 Datasheet
298Kb / 1P
   AC Fan
OA180AP-22-1TB-IP55 ORIONFANS-OA180AP-22-1TB-IP55 Datasheet
186Kb / 1P
   AC Fan
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com