Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1265-3.3 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1265-3.3
Description  1.2A, High Efficiency Step-Down DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1265-3.3 Datasheet(HTML) 5 Page - Linear Technology

  LTC1265-3.3 Datasheet HTML 1Page - Linear Technology LTC1265-3.3 Datasheet HTML 2Page - Linear Technology LTC1265-3.3 Datasheet HTML 3Page - Linear Technology LTC1265-3.3 Datasheet HTML 4Page - Linear Technology LTC1265-3.3 Datasheet HTML 5Page - Linear Technology LTC1265-3.3 Datasheet HTML 6Page - Linear Technology LTC1265-3.3 Datasheet HTML 7Page - Linear Technology LTC1265-3.3 Datasheet HTML 8Page - Linear Technology LTC1265-3.3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC1265/LTC1265-3.3/LTC1265-5
(Pin 9 connection shown for LTC1265-3.3 and LTC1265-5; change create LTC1265)
The LTC1265 uses a constant off-time architecture to
switch its internal P-channel power MOSFET. The off time
is set by an external timing capacitor at CT (Pin 5). The
operating frequency is then determined by the off time and
the difference between VIN and VOUT.
The output voltage is set by an internal resistive divider
(LTC1265-3.3 and LTC1265-5) connected to SENSE
(Pin 7) or an external divider returned to VFB (Pin 9 for
LTC1265). A voltage comparator V, and a gain block G,
compare the divided output voltage with a reference
voltage of 1.25V.
To optimize efficiency, the LTC1265 automatically switches
between continuous and Burst Mode operation. The volt-
age comparator is the primary control element when the
device is in Burst Mode operation, while the gain block
controls the output voltage in continuous mode.
When the load is heavy, the LTC1265 is in continuous
operation. During the switch ON time, current comparator
C monitors the voltage between Pins 7 and 8 connected
across an external shunt in series with the inductor. When
the voltage across the shunt reaches the comparator’s
threshold value, its output signal will change state, setting
the flip flop and turning the internal P-channel MOSFET off.
The timing capacitor connected to Pin 5 is now allowed to
discharge at a rate determined by the off-time controller.
When the voltage on the timing capacitor has discharged
past VTH1, comparator T trips, sets the flip flop and causes
the switch to turn on. Also, the timing capacitor is re-
charged. The inductor current will again ramp up until the
current comparator C trips. The cycle then repeats.
When the load current increases, the output voltage de-
creases slightly. This causes the output of the gain stage
(Pin 6) to increase the current comparator threshold, thus
tracking the load current.
When the load is relatively light, the LTC1265 automati-
cally goes into Burst Mode operation. The current loop is
interrupted when the output voltage exceeds the desired
regulated value. The hysteretic voltage comparator V trips
when VOUT is above the desired output voltage, shutting
off the switch and causing the capacitor to discharge. This
(Refer to Functional Diagram)
PWR VIN
SENSE+
SENSE
5pF
100k
LBIN
SGND
ITH
VIN
SENSE
VFB
VTH1
VTH2
SLEEP
PGND
SW
13k
VOS
VFB
ADJUSTABLE
VERSION
25mV TO 150mV
OFF-TIME
CONTROL
SHDN
LB0UT
CT
V
C
R
S
Q
+
T
S
A3
REFERENCE
G
1265 FD
5
2
3
6
11
4
10
9
7
8
14
12
1, 13
FU CTIO AL DIAGRA
OPERATIO


Similar Part No. - LTC1265-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1265-3.3 LINER-LTC1265-3.3 Datasheet
226Kb / 16P
   1.2A, High Efficiency Step-Down DC/DC Converter
More results

Similar Description - LTC1265-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1265 LINER-LTC1265_15 Datasheet
243Kb / 16P
   1.2A, High Efficiency Step-Down DC/DC Converter
LTC1265 LINER-LTC1265 Datasheet
226Kb / 16P
   1.2A, High Efficiency Step-Down DC/DC Converter
LTC1265-5 LINER-LTC1265-5_15 Datasheet
243Kb / 16P
   1.2A, High Efficiency Step-Down DC/DC Converter
logo
SHANGHAI BELLING CO., L...
BL8516 BELLING-BL8516 Datasheet
456Kb / 7P
   1.2A Step-down DC-DC Converter
logo
Will Semiconductor Ltd.
WD1015 WILLSEMI-WD1015 Datasheet
1Mb / 11P
   1.5MHz, 1.2A, Step-down DC-DC Converter
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
   High-Efficiency Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
logo
Shindengen Electric Mfg...
MD1422N SHINDENGEN-MD1422N Datasheet
41Kb / 2P
   high-efficiency step down DC-DC converter
logo
Princeton Technology Co...
RS8016 PTC-RS8016 Datasheet
241Kb / 3P
   1.5MHz, 1.2A, Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com