Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1323 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1323
Description  Single 5V AppleTalk Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1323 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1323_15 Datasheet HTML 4Page - Linear Technology LTC1323_15 Datasheet HTML 5Page - Linear Technology LTC1323_15 Datasheet HTML 6Page - Linear Technology LTC1323_15 Datasheet HTML 7Page - Linear Technology LTC1323_15 Datasheet HTML 8Page - Linear Technology LTC1323_15 Datasheet HTML 9Page - Linear Technology LTC1323_15 Datasheet HTML 10Page - Linear Technology LTC1323_15 Datasheet HTML 11Page - Linear Technology LTC1323_15 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1323
SWITCHI G WAVEFOR S
Figure 12. Single-Ended Receiver
1.5V
RXI, RXI
RXI
RXI
1.5V
VOL
VOH
VIL
VIH
V
VIH
LTC1323 • F12
tPHL
0.8V
1.5V
tPLH
2.4V
1.5V
f = 1MHz: tr ≤ 10ns: tf ≤ 10ns
Figure 13. Receiver Enable and Disable
1.5V
3V
0V
RXEN
f = 1MHz: tr ≤ 10ns: tf ≤ 10ns
1.5V
RXO, RXO, RXDO
VOL
5V
tZL
tLZ
0.5V
OUTPUT NORMALLY LOW
0V
LTC1323 • F13
2.3V
2.3V
tZH
VOH
OUTPUT NORMALLY HIGH
tHZ
0.5V
RXO, RXO, RXDO
APPLICATIO S I FOR ATIO
Functional Description
The “serial port” on the back of an Apple-compatible
computer or peripheral is a fairly versatile “multi-protocol”
connector. It must be able to connect to a wide bandwidth
LAN (an AppleTalk/LocalTalk network), which requires a
high speed differential transceiver to meet the AppleTalk
specification, and it must also be able to connect directly to
a printer or modem through a short RS232 style link. The
LTC1323 is designed to provide all the functions necessary
to implement such a port on a single chip. Two versions of
the LTC1323 are available: a 16-pin SO version which
provides the minimum solution for interfacing to an
AppleTalk network in a smaller package, and a larger 24-pin
SO Wide version which additionally includes all the hand-
shaking lines required to implement a complete AppleTalk/
modem/printer serial port. All LTC1323s run from a single
5V power supply while providing true single-ended com-
patibility, and include a 0.5
µA low power shutdown mode
to improve lifetime in battery-powered devices. The 24-
pin SO Wide version also includes a receiver keep-alive
mode for monitoring external signals while drawing 65
µA
typically.
The LTC1323 includes an RS422-compatible differential
driver/receiver pair for data transmission, with the driver
specified to drive 2V into the 100
Ω primary of a typical
LocalTalk interface transformer/RFI interference network.
Either output of the differential RS422 driver can also act as
an single-ended driver, allowing the LTC1323 to commu-
nicate over a standard serial connection. The 24-pin SO
Wide LTC1323 also includes an extra single ended only
driver and two extra RS232-compatible single-ended re-
ceivers for handshaking lines. All versions include an on-
board charge pump to provide a regulated – 5V supply
required for the single-ended drivers. The charge pump
can also provide up to 10mA of external load current to
power other circuitry.


Similar Part No. - LTC1323_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1323CG LINER-LTC1323CG Datasheet
284Kb / 12P
   Single 5V AppleTalk Transceiver
LTC1323CS LINER-LTC1323CS Datasheet
284Kb / 12P
   Single 5V AppleTalk Transceiver
LTC1323CSW LINER-LTC1323CSW Datasheet
284Kb / 12P
   Single 5V AppleTalk Transceiver
More results

Similar Description - LTC1323_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1323 LINER-LTC1323 Datasheet
284Kb / 12P
   Single 5V AppleTalk Transceiver
LTC1318 LINER-LTC1318 Datasheet
211Kb / 8P
   Single 5V RS232/RS422/AppleTalk DCE Transceiver
logo
Sipex Corporation
SP333 SIPEX-SP333 Datasheet
175Kb / 13P
   5V Only RS-232/AppleTalk Programmable Transceiver
SP333 SIPEX-SP333_07 Datasheet
113Kb / 13P
   5V Only RS-232/AppleTalk??Programmable Transceiver
logo
Linear Technology
LTC1320 LINER-LTC1320_15 Datasheet
270Kb / 8P
   AppleTalk Transceiver
LTC1320 LINER-LTC1320 Datasheet
213Kb / 8P
   AppleTalk Transceiver
logo
Maxim Integrated Produc...
MAX216 MAXIM-MAX216 Datasheet
212Kb / 8P
   Low-Power AppleTalk Interface Transceiver
19-0112; Rev 0; 3/93
logo
Sipex Corporation
SP303 SIPEX-SP303 Datasheet
75Kb / 8P
   RS232/AppleTalk TM Serial Transceiver
logo
Linear Technology
LTC1334 LINER-LTC1334_15 Datasheet
285Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1387 LINER-LTC1387_15 Datasheet
204Kb / 12P
   Single 5V RS232/RS485 Multiprotocol Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com