Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1323 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1323
Description  Single 5V AppleTalk Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1323 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1323_15 Datasheet HTML 4Page - Linear Technology LTC1323_15 Datasheet HTML 5Page - Linear Technology LTC1323_15 Datasheet HTML 6Page - Linear Technology LTC1323_15 Datasheet HTML 7Page - Linear Technology LTC1323_15 Datasheet HTML 8Page - Linear Technology LTC1323_15 Datasheet HTML 9Page - Linear Technology LTC1323_15 Datasheet HTML 10Page - Linear Technology LTC1323_15 Datasheet HTML 11Page - Linear Technology LTC1323_15 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LTC1323
Driving an External Load from VEE
An external load may be connected between ground and
the VEE pin as shown in Figure 15. The LTC1323 VEE pin
will sink up to a maximum of 10mA while maintaining the
pin voltage between – 4.5V and – 5.5V. If an external load
is connected, the VEE bypass capacitor should be in-
creased to 4.7
µF. Both LTC1323 and the external chip
should have separate VCC bypass capacitors but can
share the VEE capacitor.
EMI Filter
Most LocalTalk applications use an electromagnetic inter-
ference (EMI) filter consisting of a resistor-capacitor T
network between each driver and receiver and the connec-
tor. Unfortunately, the resistors significantly attenuate the
drivers output signals before they reach the cable. Because
APPLICATIO S I FOR ATIO
the LTC1323 uses a single supply differential driver, the
resistor values should be reduced to 5
Ω to 10Ω to guaran-
tee adequate voltage swing on the cable (Figure 16a). In
most applications, removing the resistors completely does
not cause an increase in EMI as long as a shielded connec-
tor and cable are used (Figure 16b). With the resistors
removed the only DC load is the primary resistance of the
LocalTalk transformer. This will increase the DC standby
current when the driver outputs are active, but does not
adversely affect the drivers because they can handle a
direct indefinite short circuits without damage. Trans-
former primary resistance should be above 15
Ωtokeepthe
LTC1323 operating normally and prevent it from entering
thermal shutdown. For maximum swing and EMI immu-
nity, a ferrite bead and capacitor T network can be used
(Figure 16c).
Figure 16. EMI Filters
EXTERNAL
CHIP
VCC
VEE
IVEE
GND
12
24
21
1
µF
4.7
µF
LTC1323 • F15
–5.5V
≤ VEE ≤ –4.5V
IVEE ≤ 10mA
13
LTC1323
VCC = 5V
C1
+
Figure 15
TX
15
16
0.33
µF
14
13
12
11
10
9
8
1
2
5
6
7
3
4
CHARGE PUMP
LTC1323CS
5V
LocalTalk
TRANSFORMER
RX
100pF
100pF
120
100pF
100pF
LTC1323 • TA02
0.33
µF
SHDN
DATA IN
TX ENABLE
RX ENABLE
DATA OUT
1
µF
1
µF
+
Typical LocalTalk Connection
TYPICAL APPLICATIONS N
5
Ω TO 10Ω
5
Ω TO 10Ω
(a)
(b)
(c)
100pF
FERRITE BEAD
FERRITE BEAD
100pF
LTC1323 • F16
100pF
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.


Similar Part No. - LTC1323_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1323CG LINER-LTC1323CG Datasheet
284Kb / 12P
   Single 5V AppleTalk Transceiver
LTC1323CS LINER-LTC1323CS Datasheet
284Kb / 12P
   Single 5V AppleTalk Transceiver
LTC1323CSW LINER-LTC1323CSW Datasheet
284Kb / 12P
   Single 5V AppleTalk Transceiver
More results

Similar Description - LTC1323_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1323 LINER-LTC1323 Datasheet
284Kb / 12P
   Single 5V AppleTalk Transceiver
LTC1318 LINER-LTC1318 Datasheet
211Kb / 8P
   Single 5V RS232/RS422/AppleTalk DCE Transceiver
logo
Sipex Corporation
SP333 SIPEX-SP333 Datasheet
175Kb / 13P
   5V Only RS-232/AppleTalk Programmable Transceiver
SP333 SIPEX-SP333_07 Datasheet
113Kb / 13P
   5V Only RS-232/AppleTalk??Programmable Transceiver
logo
Linear Technology
LTC1320 LINER-LTC1320_15 Datasheet
270Kb / 8P
   AppleTalk Transceiver
LTC1320 LINER-LTC1320 Datasheet
213Kb / 8P
   AppleTalk Transceiver
logo
Maxim Integrated Produc...
MAX216 MAXIM-MAX216 Datasheet
212Kb / 8P
   Low-Power AppleTalk Interface Transceiver
19-0112; Rev 0; 3/93
logo
Sipex Corporation
SP303 SIPEX-SP303 Datasheet
75Kb / 8P
   RS232/AppleTalk TM Serial Transceiver
logo
Linear Technology
LTC1334 LINER-LTC1334_15 Datasheet
285Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1387 LINER-LTC1387_15 Datasheet
204Kb / 12P
   Single 5V RS232/RS485 Multiprotocol Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com