Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1326-2.5 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1326-2.5
Description  Micropower Precision Triple Supply Monitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1326-2.5 Datasheet(HTML) 3 Page - Linear Technology

  LTC1326-2.5 Datasheet HTML 1Page - Linear Technology LTC1326-2.5 Datasheet HTML 2Page - Linear Technology LTC1326-2.5 Datasheet HTML 3Page - Linear Technology LTC1326-2.5 Datasheet HTML 4Page - Linear Technology LTC1326-2.5 Datasheet HTML 5Page - Linear Technology LTC1326-2.5 Datasheet HTML 6Page - Linear Technology LTC1326-2.5 Datasheet HTML 7Page - Linear Technology LTC1326-2.5 Datasheet HTML 8Page - Linear Technology LTC1326-2.5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC1326/LTC1326-2.5
132625fc
VRT3
Reset Threshold VCC3
0
°C ≤ TA ≤ 70°C
3.094
3.118
3.135
V
–40
°C ≤ TA ≤ 85°C
3.052
3.118
3.143
V
VRT5
Reset Threshold VCC5 (LTC1326)
0
°C ≤ TA ≤ 70°C
4.687
4.725
4.750
V
–40
°C ≤ TA ≤ 85°C
4.625
4.725
4.762
V
VRT25
Reset Threshold VCC25 (LTC1326-2.5) 0°C ≤ TA ≤ 70°C
2.344
2.363
2.375
V
–40
°C ≤ TA ≤ 85°C
2.312
2.363
2.381
V
VRTA
Reset Threshold VCCA
0
°C ≤ TA ≤ 70°C
0.992
1.000
1.007
V
–40
°C ≤ TA ≤ 85°C
0.980
1.000
1.007
V
VCC
VCC3 Operating Voltage
RST in Correct Logic State
17
V
IVCC3
VCC3 Supply Current
PBR = VCC3
20
40
µA
IVCC5
VCC5 Input Current (LTC1326)
VCC5 = 5V
410
µA
IVCC25
VCC25 Input Current (LTC1326-2.5)
VCC25 = 2.5V
2.8
7
µA
IVCCA
VCCA Input Current
VCCA = 1V
–15
0
15
nA
tRST
Reset Pulse Width
RST Low with 10k
Ω Pull-Up to VCC3
0
°C ≤ TA ≤ 70°C
140
200
280
ms
–40
°C ≤ TA ≤ 85°C
140
200
300
ms
tSRST
Soft Reset Pulse Width
SRST Low with 10k
Ω Pull-Up to VCC3
50
100
200
µs
tUV
VCC Undervoltage Detect to RST
VCC25, VCC3 or VCCA Less Than Reset
13
µs
Threshold VRT by More Than 1%
IPBR
PBR Pull-Up Current
PBR = 0V
0
°C ≤ TA ≤ 70°C
37
10
µA
–40
°C ≤ TA ≤ 85°C
37
15
µA
VIL
PBR, RST Input Low Voltage
0.8
V
VIH
PBR, RST Input High Voltage
2V
tPW
PBR Min Pulse Width
40
ns
tDB
PBR Debounce
Deassertion of PBR Input to SRST
20
35
ms
Output (PBR Pulse Width = 1
µs)
tPB
PBR Assertion Time for Transition
PBR Held Less Than VIL
from Soft to Hard Reset Mode
0
°C ≤ TA ≤ 70°C
1.4
2.0
2.8
s
–40
°C ≤ TA ≤ 85°C
1.4
2.0
3.0
s
VOL
RST Output Voltage Low
ISINK = 5mA
0.15
0.4
V
ISINK = 100µA,
VCC3 = 1V, VCC5 = 0V
0.05
0.4
V
0
°C ≤ TA ≤ 70°CVCC3 = 0V, VCC5 = 1V
0.05
0.4
V
VCC3 = 1V, VCC5 = 1V
0.05
0.4
V
ISINK = 100µA,
VCC3 = 1.1V, VCC5 = 0V
0.05
0.4
V
–40
°C ≤ TA ≤ 85°CVCC3 = 0V, VCC5 = 1.1V
0.05
0.4
V
VCC3 = 1.1V, VCC5 = 1.1V
0.05
0.4
V
ISINK = 100µA,
VCC3 = 1V, VCC25 = 0V
0.05
0.4
V
0
°C ≤ TA ≤ 70°CVCC3 = 0V, VCC25 = 1V
0.05
0.4
V
VCC3 = 1V, VCC25 = 1V
0.05
0.4
V
ISINK = 100µA,
VCC3 = 1.1V, VCC25 = 0V
0.05
0.4
V
–40
°C ≤ TA ≤ 85°CVCC3 = 0V, VCC25 = 1.1V
0.05
0.4
V
VCC3 = 1.1V, VCC25 = 1.1V
0.05
0.4
V
SRST Output Voltage Low
ISINK = 2.5mA
0.15
0.4
V
RST Output Voltage Low
ISINK = 2.5mA
0.15
0.4
V
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
The
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC3 = 3.3V, VCC5 = 5V (for LTC1326),VCC25 = 2.5V (for LTC1326-2.5),
VCCA = VCC3, TA = 25°C unless otherwise noted.


Similar Part No. - LTC1326-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1326-2.5 LINER-LTC1326-2.5 Datasheet
303Kb / 16P
   Micropower Precision Triple Supply Monitors
LTC1326-2.5 LINER-LTC1326-2.5 Datasheet
212Kb / 16P
   Micropower Precision Triple Supply Monitors
LTC1326-2.5 LINER-LTC1326-2.5 Datasheet
153Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
More results

Similar Description - LTC1326-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1326IMS8-PBF LINER-LTC1326IMS8-PBF Datasheet
212Kb / 16P
   Micropower Precision Triple Supply Monitors
LTC1326 LINER-LTC1326 Datasheet
303Kb / 16P
   Micropower Precision Triple Supply Monitors
LTC1326 LINER-LTC1326_15 Datasheet
212Kb / 16P
   Micropower Precision Triple Supply Monitors
LTC1728ES5-3.3 LINER-LTC1728ES5-3.3 Datasheet
156Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and
LTC1727 LINER-LTC1727 Datasheet
188Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
LTC1727 LINER-LTC1727_15 Datasheet
203Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
LTC1728 LINER-LTC1728_15 Datasheet
203Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
logo
Analog Devices
OP727ARZ AD-OP727ARZ Datasheet
177Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV. C
OP747ARZ AD-OP747ARZ Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV. D
OP777 AD-OP777 Datasheet
162Kb / 12P
   Precision Micropower Single Supply Operational Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com