Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-LS2012A0E1HC Datasheet(PDF) 5 Page - BetLux Electronics

Part # BL-LS2012A0E1HC
Description  2.0mmx1.25mm SMD, 1.1mm THICKNESS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-LS2012A0E1HC Datasheet(HTML) 5 Page - BetLux Electronics

  BL-LS2012A0E1HC Datasheet HTML 1Page - BetLux Electronics BL-LS2012A0E1HC Datasheet HTML 2Page - BetLux Electronics BL-LS2012A0E1HC Datasheet HTML 3Page - BetLux Electronics BL-LS2012A0E1HC Datasheet HTML 4Page - BetLux Electronics BL-LS2012A0E1HC Datasheet HTML 5Page - BetLux Electronics BL-LS2012A0E1HC Datasheet HTML 6Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
  
SMD LED LAMP
BL-LS2012A0E1
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V.2
Page 5 of 6
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
n
Typical electrical-optical characteristics curves:
1.0
0.5
0
350
400
450
500
550
600
650
700
750
800
850
900
950
1000
(A)
(B)
(C)
(D)
(2)
(3)
(8)
(4)
(1) (6)
(5)
(9)
(10)
Wavelength(nm)
RELATIVE INTENSITY Vs WAVELENGTH()
? p
(1) - GaAsP/GaAs 655nm/Red
(2) - GaP 570nm/Yellow Green
(3) - GaAsP/GaP 585nm/Yellow
(4) - GaAsp/GaP 635nm/Orange & Hi-Eff Red
(5) - GaP 700nm/Bright Red
(6) - GaAlAs/GaAs 660nm/Super Red
(8) - GaAsP/GaP 610nm/Super Red
(9) - GaAlAs 880nm
(10) - GaAs/GaAs & GaAlAs/GaAs 940nm
(A) - GaN/SiC 430nm/Blue
(B) - InGaN/SiC 470nm/Blue
(C) -
(D) -
InGaN/SiC 505nm/Ultra Green
InGaAl/SiC 525nm/Ultra Green
50
40
30
20
10
0
1.2
1.6
2.0
2.4
2.6
3.0
1
6
3
4 5
2
8
4.0
3.0
2.0
1.0
0
20
40
60
80
100
1
5
B
50
40
30
20
10
0
20
40
60
80
100
1
6
2,4,8,A
3
5
3
2
1
0.5
0.2
0.1
-30
-20
-10
0
10
20
30
40
50
60
70
1
5
4
2
3
10
9
8
7
6
5
4
3
2
1
1
10
100
1000
10,000
10KHz
3KHz
1KHz
300KHz
100KHz
F-REFRESH RATE
100KHz
30KHz
10KHz
3KHz
1KHz
300Hz
100Hz
10
9
8
7
6
5
4
3
2
1
1
10
100
1000
10,000
FORWARD VOLTAGE (Vf)
FORWARD CURRENT VS.
FORWARD VOLTAGE
RELATIVE LUMINOUS
INTENSITY VS. FORWARD
CURRENT
AMBIENT TEMPERATURE Ta()
FORWARD CURRENT VS. AMBIENT
TEMPERATURE
tp-PULSE DURATION uS
(1,2,3,4,6,8,B.D.J.K)
NOTE:25
free air temperature unless otherwise specified
tp-PULSE DURATION uS
FORWARD CURRENT (mA)
AMBIENT TEMPERATURE Ta()
(5)


Similar Part No. - BL-LS2012A0E1HC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS2012B0E1 BETLUX-BL-LS2012B0E1 Datasheet
539Kb / 6P
   2.0mmx1.25mm SMD, 0.8mm THICKNESS
More results

Similar Description - BL-LS2012A0E1HC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS2012B0E1 BETLUX-BL-LS2012B0E1 Datasheet
539Kb / 6P
   2.0mmx1.25mm SMD, 0.8mm THICKNESS
BL-LS3216B0E1 BETLUX-BL-LS3216B0E1 Datasheet
561Kb / 6P
   3.2mmx1.6mm SMD, 1.1mm THICKNESS
BL-LS3216C0E1 BETLUX-BL-LS3216C0E1 Datasheet
535Kb / 6P
   3.2mmx1.6mm SMD, 1.1mm THICKNESS
logo
Kingbright Corporation
AP1608SURC KINGBRIGHT-AP1608SURC Datasheet
108Kb / 4P
   1.6mmX0.8mm SMT LED, 1.1mm THICKNESS.
logo
ECS, Inc.
ECX-64 ECS-ECX-64_14 Datasheet
110Kb / 2P
   1.1mm SMD QUARTZ CRYSTAL
ECX-64 ECS-ECX-64 Datasheet
108Kb / 1P
   1.1mm SMD QUARTZ CRYSTAL
logo
Kyocera Kinseki Corpota...
CX-53F KSS-CX-53F Datasheet
172Kb / 1P
   Ultra-thin, thickness 1.1mm or less.
logo
Kingbright Corporation
AP3216F3C KINGBRIGHT-AP3216F3C Datasheet
132Kb / 5P
   3.2mm x 1.6mm SMT LED, 1.1mm Thickness
logo
Sharp Corporation
LT1P53A SHARP-LT1P53A Datasheet
89Kb / 4P
   3.3X2.9mm, 1.1mm Thickness,Milky Diffusion Chip LED Devices
LT1T51A SHARP-LT1T51A Datasheet
101Kb / 5P
   3.3X2.9mm, 1.1mm Thickness, Colored Diffusion Chip LED Devices
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com