Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-LS1608A0E1YC Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-LS1608A0E1YC
Description  1.6mmx0.8mm SMD, 0.6mm THICKNESS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-LS1608A0E1YC Datasheet(HTML) 1 Page - BetLux Electronics

  BL-LS1608A0E1YC Datasheet HTML 1Page - BetLux Electronics BL-LS1608A0E1YC Datasheet HTML 2Page - BetLux Electronics BL-LS1608A0E1YC Datasheet HTML 3Page - BetLux Electronics BL-LS1608A0E1YC Datasheet HTML 4Page - BetLux Electronics BL-LS1608A0E1YC Datasheet HTML 5Page - BetLux Electronics BL-LS1608A0E1YC Datasheet HTML 6Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
  
SMD LED LAMP
BL-LS1608A0E1
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V.2
Page 1 of 6
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
Ø
1.6mmx0.8mm SMD, 0.6mm THICKNESS
Ø
Mono-color type
Ø
Compatible with automatic placement equipment
Ø
WIDE VIEWING ANGLE.
Ø
IDEAL FOR BACKLIGHT AND INDICATOR.
Ø
PACKAGE:
4KPCS/REEL.
Ø
RoHs Compliance
n
Electrical-optical characteristics: (Ta=25°C)
(Test Condition: IF=20mA)
Chip
Forward
Voltage(VF)
Unit:V
Luminous
Intensity
(Iv)
Unit:mcd
Part Number
Emitted Color
Material
λ
P
(nm)
Lens
Type
Typ
Max
Min.
Typ.
Viewi
ng
Angle
2?1/2
(deg)
BL-LS1608A0E1HC
Red
GaP
700
2.2
2.7
0.2
0.8
BL-LS1608A0E1SRC
Super Red
AlGaAs
660
1.85
2.30
2
10
BL-LS1608A0E1LRC
Super Red
AlGaAs
660
1.85
2.30
8
25
BL-LS1608A0E1URC
Ultra Red
AlGaAs
660
1.95
2.50
15
40
BL-LS1608A0E1EC
Red
GaAsP
640
2.10
2.70
1
5
BL-LS1608A0E1YC
Yellow
GaAsP
583
2.15
2.70
1
5
BL-LS1608A0E1GC
Green
GaP
568
Water
Clear
2.30
2.70
5
12
130
n
Absolute maximum ratings (Ta=25°C)
Parameter
H
SR
LR
UR
E
Y
G
Unit
Forward Current IF
30
30
30
30
30
30
30
mA
Power Dissipation Pd
65
78
78
78
65
65
65
mW
Reverse Voltage VR
5
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
100
100
100
100
100
100
100
mA
Operation Temperature TOPR
-30 to +80
°C
Storage Temperature TSTG
-40 to +85
°C
Lead Soldering Temperature
TSOL
Max.260±5 °C for 3 sec Max.
(1.6mm from the base of the epoxy bulb)
°C


Similar Part No. - BL-LS1608A0E1YC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS1608B0E1 BETLUX-BL-LS1608B0E1 Datasheet
553Kb / 6P
   1.6mmx0.8mm SMD, 0.8mm THICKNESS
BL-LS1608B0E1EC BETLUX-BL-LS1608B0E1EC Datasheet
553Kb / 6P
   1.6mmx0.8mm SMD, 0.8mm THICKNESS
BL-LS1608B0E1GC BETLUX-BL-LS1608B0E1GC Datasheet
553Kb / 6P
   1.6mmx0.8mm SMD, 0.8mm THICKNESS
BL-LS1608B0E1HC BETLUX-BL-LS1608B0E1HC Datasheet
553Kb / 6P
   1.6mmx0.8mm SMD, 0.8mm THICKNESS
BL-LS1608B0E1LRC BETLUX-BL-LS1608B0E1LRC Datasheet
553Kb / 6P
   1.6mmx0.8mm SMD, 0.8mm THICKNESS
More results

Similar Description - BL-LS1608A0E1YC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-LS1608B0E1 BETLUX-BL-LS1608B0E1 Datasheet
553Kb / 6P
   1.6mmx0.8mm SMD, 0.8mm THICKNESS
logo
Kingbright Corporation
AP1608SURC KINGBRIGHT-AP1608SURC Datasheet
108Kb / 4P
   1.6mmX0.8mm SMT LED, 1.1mm THICKNESS.
logo
EUROQUARTZ limited
X21 EUROQUARTZ-X21 Datasheet
173Kb / 1P
   2.0 x 1.6 x 0.6mm SMD
X42-W EUROQUARTZ-X42-W Datasheet
134Kb / 1P
   4 x 2.5 x 0.6mm SMD
X21-W EUROQUARTZ-X21-W Datasheet
162Kb / 1P
   2.0 x 1.6 x 0.6mm SMD
logo
Inolux Corporation
IN-S63AS INOLUX-IN-S63AS Datasheet
2Mb / 15P
   SMD LED 0603 0.6mm PCB Type
logo
A-BRIGHT Inc
AL-HG636A A-BRIGHT-AL-HG636A Datasheet
338Kb / 5P
   Green SMD Chip LED Lamps (0.6mm Height)
2006/10/11
AL-HUB36A A-BRIGHT-AL-HUB36A Datasheet
338Kb / 5P
   Super Red SMD Chip LED Lamps (0.6mm Height)
2007/3/14
logo
EUROQUARTZ limited
EQ212 EUROQUARTZ-EQ212 Datasheet
140Kb / 1P
   2.0 x 1.2 x 0.6mm Ultra-miniature SMD
logo
A-BRIGHT Inc
AL-HJF36A A-BRIGHT-AL-HJF36A Datasheet
338Kb / 5P
   Super Amber SMD Chip LED Lamps (0.6mm Height)
2006/10/11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com